Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1419AISW Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1419AISW
Description  14-Bit, 800ksps Sampling A/D Converter with Shutdown
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1419AISW Datasheet(HTML) 1 Page - Linear Technology

  LTC1419AISW Datasheet HTML 1Page - Linear Technology LTC1419AISW Datasheet HTML 2Page - Linear Technology LTC1419AISW Datasheet HTML 3Page - Linear Technology LTC1419AISW Datasheet HTML 4Page - Linear Technology LTC1419AISW Datasheet HTML 5Page - Linear Technology LTC1419AISW Datasheet HTML 6Page - Linear Technology LTC1419AISW Datasheet HTML 7Page - Linear Technology LTC1419AISW Datasheet HTML 8Page - Linear Technology LTC1419AISW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LTC1419
14-Bit, 800ksps Sampling
A/D Converter with Shutdown
S
FEATURE
s
Sample Rate: 800ksps
s
Power Dissipation: 150mW
s
81.5dB S/(N + D) and 93dB THD
s
No Missing Codes
s
No Pipeline Delay
s
Nap and Sleep Shutdown Modes
s
Operates with 2.5V Internal 15ppm/
°C
Reference or External Reference
s
True Differential Inputs Reject Common Mode Noise
s
20MHz Full-Power Bandwidth Sampling
s
Bipolar Input Range:
±2.5V
s
28-Pin SSOP and SO Packages
DESCRIPTIO
The LTC
®1419 is a 1
µs, 800ksps, 14-bit sampling
A/D converter that draws only 150mW from
±5V supplies.
This easy-to-use device includes a high dynamic range
sample-and-hold and a precision reference. Two digitally
selectable power shutdown modes provide flexibility for
low power systems.
The LTC1419 has a full-scale input range of
±2.5V. Out-
standing AC performance includes 81.5dB S/(N + D) and
93dB THD with a 100kHz input; 80dB S/(N + D) and 86dB
THD at the Nyquist input frequency of 400kHz.
The unique differential input sample-and-hold can acquire
single-ended or differential input signals up to its 20MHz
bandwidth. The 60dB common mode rejection allows
users to eliminate ground loops and common mode noise
by measuring signals differentially from the source.
The ADC has a
µP compatible, 14-bit parallel output port.
There is no pipeline delay in the conversion results. A
separate convert start input and data ready signal (BUSY)
ease connections to FIFOs, DSPs and microprocessors.
S
APPLICATI
s
Telecommunications
s
Digital Signal Processing
s
Multiplexed Data Acquisition Systems
s
High Speed Data Acquisition
s
Spectrum Analysis
s
Imaging Systems
, LTC and LT are registered trademarks of Linear Technology Corporation.
APPLICATI
TYPICAL
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
+AIN
–AIN
VREF
REFCOMP
AGND
D13(MSB)
D12
D11
D10
D9
D8
D7
D6
DGND
AVDD
DVDD
VSS
BUSY
CS
CONVST
RD
SHDN
D0
D1
D2
D3
D4
D5
LTC1419
10
µF
1
µF
DIFFERENTIAL
ANALOG INPUT
(–2.5V TO 2.5V)
10
µF
10
µF
–5V
5V
14-BIT
PARALLEL
BUS
µP CONTROL
LINES
1419 TA01
VREF
OUTPUT
2.50V
800kHz, 14-Bit Sampling A/D Converter
INPUT FREQUENCY (Hz)
10k
100k
1M 2M
1419 TA02
1k
14
13
12
11
10
9
8
7
6
5
4
3
2
86
80
74
68
62
fSAMPLE = 800kHz
Effective Bits and Signal-to-(Noise + Distortion)
vs Input Frequency


Similar Part No. - LTC1419AISW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1419AISW LINER-LTC1419AISW Datasheet
263Kb / 20P
   14-Bit, 800ksps Sampling A/D Converter with Shutdown
More results

Similar Description - LTC1419AISW

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS1419 AUSTIN-AS1419 Datasheet
1,010Kb / 20P
   14 Bit, 800ksps Sampling A/D Converter with Shutdown
logo
Linear Technology
LTC1419 LINER-LTC1419_1 Datasheet
263Kb / 20P
   14-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1419 LINER-LTC1419_15 Datasheet
269Kb / 20P
   14-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1409 LINER-LTC1409 Datasheet
408Kb / 20P
   12-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1409 LINER-LTC1409_15 Datasheet
353Kb / 20P
   12-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1279 LINER-LTC1279 Datasheet
327Kb / 16P
   12-Bit, 600ksps Sampling A/D Converter with Shutdown
LTC1410 LINER-LTC1410 Datasheet
148Kb / 16P
   12-Bit, 1.25Msps Sampling A/D Converter with Shutdown
LTC1278 LINER-LTC1278_15 Datasheet
289Kb / 16P
   12-Bit, 500ksps Sampling A/D Converter with Shutdown
LTC1279 LINER-LTC1279_15 Datasheet
285Kb / 16P
   12-Bit, 600ksps Sampling A/D Converter with Shutdown
LTC1278 LINER-LTC1278 Datasheet
329Kb / 16P
   12-Bit, 500ksps Sampling A/D Converter with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com