Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1419AISW Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1419AISW
Description  14-Bit, 800ksps Sampling A/D Converter with Shutdown
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1419AISW Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1419AISW Datasheet HTML 4Page - Linear Technology LTC1419AISW Datasheet HTML 5Page - Linear Technology LTC1419AISW Datasheet HTML 6Page - Linear Technology LTC1419AISW Datasheet HTML 7Page - Linear Technology LTC1419AISW Datasheet HTML 8Page - Linear Technology LTC1419AISW Datasheet HTML 9Page - Linear Technology LTC1419AISW Datasheet HTML 10Page - Linear Technology LTC1419AISW Datasheet HTML 11Page - Linear Technology LTC1419AISW Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LTC1419
APPLICATIONS INFORMATION
frequencies outside the fundamental. Figure 2 shows a
typical LTC1419 FFT plot.
Effective Number of Bits
The effective number of bits (ENOBs) is a measurement of
the resolution of an ADC and is directly related to the
S/(N + D) by the equation:
N = [S/(N + D) – 1.76]/6.02
where N is the effective number of bits of resolution and
S/(N + D) is expressed in dB. At the maximum sampling
rate of 800kHz the LTC1419 maintains near ideal ENOBs
up to the Nyquist input frequency of 400kHz (refer to
Figure 3).
FREQUENCY (kHz)
0
–60
–40
–20
300
1419 F02a
–80
–100
100
200
400
250
50
150
350
–120
–140
0
fSAMPLE = 800kHz
fIN = 99.804687kHz
SFDR = 98dB
THD = – 93.3dB
Figure 2a. LTC1419 Nonaveraged, 4096 Point FFT,
Input Frequency = 100kHz
FREQUENCY (kHz)
0
–60
–40
–20
300
1419 F02b
–80
–100
100
200
400
250
50
150
350
–120
–140
0
fSAMPLE = 800kHz
fIN = 375kHz
SFDR = 88.3dB
SINAD = 80.1
Figure 2b. LTC1419 Nonaveraged, 4096 Point FFT,
Input Frequency = 375kHz
Signal-to-Noise Ratio
The signal-to-noise plus distortion ratio [S/(N + D)] is the
ratio between the RMS amplitude of the fundamental input
frequency to the RMS amplitude of all other frequency
components at the A/D output. The output is band limited
to frequencies from above DC and below half the sampling
frequency. Figure 2 shows a typical spectral content with
a 800kHz sampling rate and a 100kHz input. The dynamic
performance is excellent for input frequencies up to and
beyond the Nyquist limit of 400kHz.
Total Harmonic Distortion
Total harmonic distortion (THD) is the ratio of the RMS
sum of all harmonics of the input signal to the fundamental
itself. The out-of-band harmonics alias into the frequency
band between DC and half the sampling frequency. THD is
expressed as:
THD
Log
VV
V
Vn
V
=
+++…
20
23
4
1
222
2
where V1 is the RMS amplitude of the fundamental fre-
quency and V2 through Vn are the amplitudes of the
second through nth harmonics. THD vs Input Frequency is
shown in Figure 4. The LTC1419 has good distortion
performance up to the Nyquist frequency and beyond.
INPUT FREQUENCY (Hz)
10k
100k
1M 2M
1419 TA02
1k
14
13
12
11
10
9
8
7
6
5
4
3
2
86
80
74
68
62
fSAMPLE = 800kHz
Figure 3. Effective Bits and Signal/(Noise + Distortion)
vs Input Frequency


Similar Part No. - LTC1419AISW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1419AISW LINER-LTC1419AISW Datasheet
263Kb / 20P
   14-Bit, 800ksps Sampling A/D Converter with Shutdown
More results

Similar Description - LTC1419AISW

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS1419 AUSTIN-AS1419 Datasheet
1,010Kb / 20P
   14 Bit, 800ksps Sampling A/D Converter with Shutdown
logo
Linear Technology
LTC1419 LINER-LTC1419_1 Datasheet
263Kb / 20P
   14-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1419 LINER-LTC1419_15 Datasheet
269Kb / 20P
   14-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1409 LINER-LTC1409 Datasheet
408Kb / 20P
   12-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1409 LINER-LTC1409_15 Datasheet
353Kb / 20P
   12-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1279 LINER-LTC1279 Datasheet
327Kb / 16P
   12-Bit, 600ksps Sampling A/D Converter with Shutdown
LTC1410 LINER-LTC1410 Datasheet
148Kb / 16P
   12-Bit, 1.25Msps Sampling A/D Converter with Shutdown
LTC1278 LINER-LTC1278_15 Datasheet
289Kb / 16P
   12-Bit, 500ksps Sampling A/D Converter with Shutdown
LTC1279 LINER-LTC1279_15 Datasheet
285Kb / 16P
   12-Bit, 600ksps Sampling A/D Converter with Shutdown
LTC1278 LINER-LTC1278 Datasheet
329Kb / 16P
   12-Bit, 500ksps Sampling A/D Converter with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com