Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST1200C16K1 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # ST1200C16K1
Description  Phase Control Thyristors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST1200C16K1 Datasheet(HTML) 9 Page - Vishay Siliconix

  ST1200C16K1 Datasheet HTML 1Page - Vishay Siliconix ST1200C16K1 Datasheet HTML 2Page - Vishay Siliconix ST1200C16K1 Datasheet HTML 3Page - Vishay Siliconix ST1200C16K1 Datasheet HTML 4Page - Vishay Siliconix ST1200C16K1 Datasheet HTML 5Page - Vishay Siliconix ST1200C16K1 Datasheet HTML 6Page - Vishay Siliconix ST1200C16K1 Datasheet HTML 7Page - Vishay Siliconix ST1200C16K1 Datasheet HTML 8Page - Vishay Siliconix ST1200C16K1 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Mouser Electronics
Authorized Distributor
Click to View Pricing, Inventory, Delivery & Lifecycle Information:
Vishay:
ST1200C12K0P ST1200C12K1 ST1200C14K0P ST1200C16K0P ST1200C16K1 ST1200C16K1L ST1200C18K0L
ST1200C18K0P ST1200C18K1 VS-ST1200C20K0L ST1200C20K0LP ST1200C20K0P ST1200C20K1
ST1200C20K1P ST1200C12K0 ST1200C14K0 ST1200C16K0 ST1200C18K0 ST1200C20K0 VS-ST1200C20K0


Similar Part No. - ST1200C16K1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST1200C16K1 IRF-ST1200C16K1 Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
ST1200C16K1L IRF-ST1200C16K1L Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST1200C16K1LP VISHAY-ST1200C16K1LP Datasheet
146Kb / 8P
   Phase Control Thyristors (Stud Version), 1650 A
Revision: 23-Apr-10
More results

Similar Description - ST1200C16K1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
   PHASE CONTROL THYRISTORS
logo
IXYS Corporation
CS8-08IO2 IXYS-CS8-08IO2 Datasheet
51Kb / 3P
   Phase Control Thyristors
logo
International Rectifier
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
110RKI IRF-110RKI Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST300C08C0L VISHAY-ST300C08C0L Datasheet
238Kb / 9P
   Phase Control Thyristors
Revision: 25-Nov-13
VS-180RKI40 VISHAY-VS-180RKI40 Datasheet
194Kb / 9P
   Phase Control Thyristors
Revision: 11-Mar-14
VS-ST780CL VISHAY-VS-ST780CL Datasheet
237Kb / 9P
   Phase Control Thyristors
Revision: 15-Apr-14
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
   Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
   Phase Control Thyristors
logo
IXYS Corporation
CS300-12IO3 IXYS-CS300-12IO3 Datasheet
66Kb / 3P
   Phase Control Thyristors
CS1011-18IO1 IXYS-CS1011-18IO1 Datasheet
28Kb / 2P
   Phase Control Thyristors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com