Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST300C20C0L Datasheet(PDF) 5 Page - Vishay Siliconix

Part # ST300C20C0L
Description  Phase Control Thyristors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST300C20C0L Datasheet(HTML) 5 Page - Vishay Siliconix

  ST300C20C0L Datasheet HTML 1Page - Vishay Siliconix ST300C20C0L Datasheet HTML 2Page - Vishay Siliconix ST300C20C0L Datasheet HTML 3Page - Vishay Siliconix ST300C20C0L Datasheet HTML 4Page - Vishay Siliconix ST300C20C0L Datasheet HTML 5Page - Vishay Siliconix ST300C20C0L Datasheet HTML 6Page - Vishay Siliconix ST300C20C0L Datasheet HTML 7Page - Vishay Siliconix ST300C20C0L Datasheet HTML 8Page - Vishay Siliconix ST300C20C0L Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
VS-ST300C Series
www.vishay.com
Vishay Semiconductors
Revision: 25-Nov-13
5
Document Number: 94403
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 8 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 9 - On-State Voltage Drop Characteristcs
Fig. 10 - Thermal Impedance ZthJ-hs Characteristics
Number Of Equal Amplitude Half Cycle Current Pulses (N)
3000
3500
4000
4500
5000
5500
6000
6500
7000
7500
110
100
Initial TJ = 125 °C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
ST300C..C Series
At Any Rated Load Condition And With
Rated VRRM Applied Following Surge.
Pulse Train Duration (s)
3000
3500
4000
4500
5000
5500
6000
6500
7000
7500
8000
0.01
0.1
1
Versus Pulse Train Duration. Control
Initial TJ = 125 °C
No Voltage Reapplied
Rated VRRM Reapplied
ST300C..C Series
Maximum Non Repetitive Surge Current
Of Conduction May Not Be Maintained.
Instantaneous On-state Voltage (V)
100
1000
10000
01
2
3
4
5
67
89
T = 25°C
J
T = 125°C
J
ST300C..C Series
Square Wave Pulse Duration (s)
0.001
0.01
0.1
0.001
0.01
0.1
1
10
Steady State Value
R
= 0.09 K/W
(Single Side Cooled)
R
= 0.04 K/W
(Double Side Cooled)
(DC Operation)
ST300C..C Series
thJ-hs
thJ-hs


Similar Part No. - ST300C20C0L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST300C20C1-PBF VISHAY-ST300C20C1-PBF Datasheet
169Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 650 A
Revision: 11-Aug-08
More results

Similar Description - ST300C20C0L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
   PHASE CONTROL THYRISTORS
logo
IXYS Corporation
CS8-08IO2 IXYS-CS8-08IO2 Datasheet
51Kb / 3P
   Phase Control Thyristors
logo
International Rectifier
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
110RKI IRF-110RKI Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
VS-180RKI40 VISHAY-VS-180RKI40 Datasheet
194Kb / 9P
   Phase Control Thyristors
Revision: 11-Mar-14
VS-ST780CL VISHAY-VS-ST780CL Datasheet
237Kb / 9P
   Phase Control Thyristors
Revision: 15-Apr-14
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
   Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
   Phase Control Thyristors
logo
IXYS Corporation
CS300-12IO3 IXYS-CS300-12IO3 Datasheet
66Kb / 3P
   Phase Control Thyristors
CS1011-18IO1 IXYS-CS1011-18IO1 Datasheet
28Kb / 2P
   Phase Control Thyristors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com