Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1421-2.5 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1421-2.5
Description  Hot Swap Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1421-2.5 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1421-2.5 Datasheet HTML 3Page - Linear Technology LTC1421-2.5 Datasheet HTML 4Page - Linear Technology LTC1421-2.5 Datasheet HTML 5Page - Linear Technology LTC1421-2.5 Datasheet HTML 6Page - Linear Technology LTC1421-2.5 Datasheet HTML 7Page - Linear Technology LTC1421-2.5 Datasheet HTML 8Page - Linear Technology LTC1421-2.5 Datasheet HTML 9Page - Linear Technology LTC1421-2.5 Datasheet HTML 10Page - Linear Technology LTC1421-2.5 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
LTC1421/LTC1421-2.5
BLOCK DIAGRAM
Figure 1. Nominal Operation Switching Waveforms
Figure 2. Fault Detection Switching
CPON
CON1
t1
CON2
RESET
DISABLE
POR
1421 F01
PWRGD
t2
t3
t4
t6
t5
t7
CPON
VCCLO – SETLO
t9
FAULT
RESET
POR
1421 F02
PWRGD
t2
t5
t11
t6
t10
SWITCHI G TI E WAVEFOR S
+
+
+
+
VTRIP
+
+
50mV
50mV
CPON
AUXVCC
VCCHI
SETLO
CP1
CP2
VCCLO
SETHI
GATELO
RAMP
GATEHI
VOUTHI
VOUTLO
19
22
23
18
21
10
17
16
20
VCC
FAULT
CON1
CON2
POR
DISABLE
9
24
4
1
2
3
5
20
µA
VCC
CP3
CP4
CP5
73.5k
N1
N2
AUXVCC
FB
REF
11
8
PWRGD
6
RESET
7
COMPOUT
15
COMP
14
COMP +
13
1421 BD
71.5k
26.7k
20
µA
20
µA
1.232V
REFERENCE
CHARGE
PUMP
UNDERVOLTAGE
LOCKOUT
RESET
TIMING
VCC
VCC
VCC
+
GND
DIGITAL CONTROL
12


Similar Part No. - LTC1421-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
More results

Similar Description - LTC1421-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
LTC4218 LINER-LTC4218 Datasheet
192Kb / 16P
   Hot Swap Controller
LTC1642A LINER-LTC1642A_15 Datasheet
237Kb / 16P
   Hot Swap Controller
LTC1642A LINER-LTC1642A Datasheet
231Kb / 16P
   Hot Swap Controller
LTC4211 LINER-LTC4211_12 Datasheet
322Kb / 40P
   Hot Swap Controller
LTC1422 LINER-LTC1422 Datasheet
273Kb / 16P
   Hot Swap Controller
logo
Summit Microelectronics...
SMH4042 SUMMIT-SMH4042 Datasheet
225Kb / 28P
   Hot Swap??Controller
logo
Linear Technology
LTC1422 LINER-LTC1422_15 Datasheet
203Kb / 16P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com