Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1417AIGN Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1417AIGN
Description  Low Power 14-Bit, 400ksps Sampling ADC Converter with Serial I/O
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1417AIGN Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1417AIGN Datasheet HTML 4Page - Linear Technology LTC1417AIGN Datasheet HTML 5Page - Linear Technology LTC1417AIGN Datasheet HTML 6Page - Linear Technology LTC1417AIGN Datasheet HTML 7Page - Linear Technology LTC1417AIGN Datasheet HTML 8Page - Linear Technology LTC1417AIGN Datasheet HTML 9Page - Linear Technology LTC1417AIGN Datasheet HTML 10Page - Linear Technology LTC1417AIGN Datasheet HTML 11Page - Linear Technology LTC1417AIGN Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
8
LTC1417
Load Circuits for Access Timing
Load Circuits for Output Float Delay
CONVST (Pin 13): Conversion Start Signal. This active
low signal starts a conversion on its falling edge.
BUSY (Pin 14): The BUSY output shows the converter
status. It is low when a conversion is in progress.
VSS (Pin 15): Negative Supply, –5V for Bipolar Operation.
Bypass to AGND using 10
µF tantalum in parallel with
0.1
µF ceramic. Analog ground for unipolar operation.
VDD (Pin 16): 5V Positive Supply. Bypass to AGND with
10
µF tantalum in parallel with 0.1µF ceramic.
PIN FUNCTIONS
TEST CIRCUITS
FUNCTIONAL BLOCK DIAGRA
1k
CL
DOUT
DGND
A) HI-Z TO VOH AND VOL TO VOH
CL
DOUT
1k
5V
B) HI-Z TO VOL AND VOH TO VOL
DGND
1417 TC01
1k
30pF
DOUT
A) VOH TO HI-Z
30pF
DOUT
1k
5V
B) VOL TO HI-Z
1417 TC02
14-BIT CAPACITIVE DAC
COMP
REF AMP
2.5V REF
8k
REFCOMP
(4.096V)
CSAMPLE
CSAMPLE
DOUT
BUSY
CONTROL LOGIC
CONVST
RD
CLKOUT
SHDN
INTERNAL
CLOCK
EXTCLKIN
MUX
ZEROING SWITCHES
SCLK
VDD
16
15
9
7
14
8
12
13
11
6
10
5
4
3
2
1
AIN
+
AIN
VREF
AGND
DGND
14
1417 BD
+
SUCCESSIVE APPROXIMATION
REGISTER
VSS
(0V FOR UNIPOLAR MODE
–5V FOR BIPOLAR MODE)
SHIFT REGISTER


Similar Part No. - LTC1417AIGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1417 LINER-LTC1417_15 Datasheet
409Kb / 32P
   Low Power 14-Bit, 400ksps Sampling ADC Converter with Serial I/O
More results

Similar Description - LTC1417AIGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1417 LINER-LTC1417_15 Datasheet
409Kb / 32P
   Low Power 14-Bit, 400ksps Sampling ADC Converter with Serial I/O
LTC1416 LINER-LTC1416 Datasheet
506Kb / 20P
   Low Power 14-Bit, 400ksps Sampling ADC
LTC1416 LINER-LTC1416_15 Datasheet
335Kb / 20P
   Low Power 14-Bit, 400ksps Sampling ADC
LTC1418 LINER-LTC1418_15 Datasheet
480Kb / 30P
   Low Power, 14-Bit, 200ksps ADC with Serial and Parallel I/O
LTC1418 LINER-LTC1418 Datasheet
712Kb / 28P
   Low Power, 14-Bit, 200ksps ADC with Serial and Parallel I/O
LTC2312-14 LINER-LTC2312-14_15 Datasheet
626Kb / 22P
   14-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2312-14 LINER-LTC2312-14 Datasheet
626Kb / 22P
   14-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2314-14 LINER-LTC2314-14_15 Datasheet
668Kb / 22P
   14-Bit, 4.5Msps Serial Sampling ADC in TSOT
LTC2314-14 LINER-LTC2314-14 Datasheet
984Kb / 20P
   14-Bit, 4.5Msps Serial Sampling ADC in TSOT
LTC2313-14 LINER-LTC2313-14_15 Datasheet
1Mb / 22P
   14-Bit, 2.5Msps Serial Sampling ADC in TSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com