Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIA459EDJ Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIA459EDJ
Description  P-Channel 20 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIA459EDJ Datasheet(HTML) 1 Page - Vishay Siliconix

  SIA459EDJ Datasheet HTML 1Page - Vishay Siliconix SIA459EDJ Datasheet HTML 2Page - Vishay Siliconix SIA459EDJ Datasheet HTML 3Page - Vishay Siliconix SIA459EDJ Datasheet HTML 4Page - Vishay Siliconix SIA459EDJ Datasheet HTML 5Page - Vishay Siliconix SIA459EDJ Datasheet HTML 6Page - Vishay Siliconix SIA459EDJ Datasheet HTML 7Page - Vishay Siliconix SIA459EDJ Datasheet HTML 8Page - Vishay Siliconix SIA459EDJ Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SiA459EDJ
www.vishay.com
Vishay Siliconix
S13-2182-Rev. A, 14-Oct-13
1
Document Number: 62912
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
P-Channel 20 V (D-S) MOSFET
FEATURES
• TrenchFET® Power MOSFET
• Thermally Enhanced PowerPAK® SC-70 Package
- Small Footprint Area
- Low On-Resistance
• 100 % Rg Tested
• Typical ESD Protection: 2000 V (HBM)
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Portable Devices such as Smart Phones,
Tablet PCs and Mobile Computing
- DC/DC Converter
- Battery Switch
- Load Switch
- Power Management
Notes
a. Package limited.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 5 s.
d. See solder profile (www.vishay.com/doc?73257). The PowerPAK SC-70 is a leadless package. The end of the lead terminal is exposed
copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed
and is not required to ensure adequate bottom side solder interconnection.
e. Rework conditions: manual soldering with a soldering iron is not recommended for leadless components.
f. Maximum under steady state conditions is 80 °C/W.
PRODUCT SUMMARY
VDS (V)
RDS(on) () (Max.)
ID (A)a
Qg (Typ.)
- 20
0.0350 at VGS = - 4.5 V
- 9
10 nC
0.0395 at VGS = - 3.7 V
- 9
0.0620 at VGS = - 2.5 V
- 9
PowerPAK SC-70-6L-Single
6
5
4
1
2
3
D
D
D
D
G
S
S
2.05 mm
2.05 mm
Ordering Information:
SiA459EDJ-T1-GE3 (Lead (Pb)-free and Halogen-free)
P-Channel MOSFET
S
D
G
Marking Code
X X X
B 3 X
Lot Traceability
and Date code
Part # code
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
- 20
V
Gate-Source Voltage
VGS
± 12
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
- 9a
A
TC = 70 °C
- 9a
TA = 25 °C
- 7.4b, c
TA = 70 °C
- 6b, c
Pulsed Drain Current (t = 100 μs)
IDM
- 40
Continuous Source-Drain Diode Current
TC = 25 °C
IS
- 9a
TA = 25 °C
- 2.4b, c
Maximum Power Dissipation
TC = 25 °C
PD
15.6
W
TC = 70 °C
10
TA = 25 °C
2.9b, c
TA = 70 °C
1.8b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 50 to 150
°C
Soldering Recommendations (Peak Temperature)d, e
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, f
t
 5 s
RthJA
32
43
°C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
68


Similar Part No. - SIA459EDJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIA459EDJ VISHAY-SIA459EDJ_V01 Datasheet
222Kb / 9P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SIA459EDJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com