Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1415CG Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1415CG
Description  12-Bit, 1.25Msps, 55mW Sampling A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1415CG Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1415CG Datasheet HTML 4Page - Linear Technology LTC1415CG Datasheet HTML 5Page - Linear Technology LTC1415CG Datasheet HTML 6Page - Linear Technology LTC1415CG Datasheet HTML 7Page - Linear Technology LTC1415CG Datasheet HTML 8Page - Linear Technology LTC1415CG Datasheet HTML 9Page - Linear Technology LTC1415CG Datasheet HTML 10Page - Linear Technology LTC1415CG Datasheet HTML 11Page - Linear Technology LTC1415CG Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
LTC1415
APPLICATIONS INFORMATION
CONVERSION DETAILS
The LTC1415 uses a successive approximation algorithm
and an internal sample-and-hold circuit to convert an
analog signal to a 12-bit parallel output. The ADC is
complete with a precision reference and an internal clock.
The control logic provides easy interface to microproces-
sors and DSPs (please refer to Digital Interface section for
the data format).
Conversion start is controlled by the CS and CONVST
inputs. At the start of the conversion the successive
approximation register (SAR) is reset. Once a conversion
cycle has begun it cannot be restarted.
During the conversion, the internal differential 12-bit
capacitive DAC output is sequenced by the SAR from the
most significant bit (MSB) to the least significant bit (LSB).
Referring to Figure 1, the +AIN and –AIN inputs are con-
nected to the sample-and-hold capacitors (CSAMPLE) dur-
ing the acquire phase and the comparator offset is nulled by
the zeroing switches. In this acquire phase, a minimum
delay of 150ns will provide enough time for the sample-
and-hold capacitors to acquire the analog signal. During
the convert phase the comparator zeroing switches open,
putting the comparator into compare mode. The input
switches the connect CSAMPLE capacitors to ground, trans-
ferring the differential analog input charge onto the sum-
ming junction. This input charge is successively compared
with the binary weighted charges supplied by the differen-
tial capacitive DAC. Bit decisions are made by the high
speed comparator. At the end of a conversion, the differ-
ential DAC output balances the + AIN and – AIN input
charges. The SAR contents (a 12-bit data word) which
represents the difference of + AIN and –AIN are loaded into
the 12-bit output latches.
DYNAMIC PERFORMANCE
The LTC1415 has excellent high speed sampling capabil-
ity. FFT (Fast Fourier Transform) test techniques are used
to test the ADC’s frequency response, distortion and noise
at the rated throughput. By applying a low distortion sine
wave and analyzing the digital output using a FFT algo-
rithm, the ADC’s spectral content can be examined for
frequencies outside the fundamental. Figure 2 shows a
typical LTC1415 FFT plot.
Figure 1. Simplified Block Diagram
COMP
+CSAMPLE
–CDAC
D11
D0
ZEROING SWITCHES
HOLD
HOLD
+AIN
–AIN
+CDAC
–CSAMPLE
12
LTC1415 • F01
+
SAR
OUTPUT
LATCHES
+VDAC
–VDAC
HOLD
HOLD
SAMPLE
SAMPLE
FREQUENCY (kHz)
0
0
–20
–40
–60
–80
–100
–120
100
200
300
400
LTC1415 • F02
500
600
fSAMPLE = 1.25MHz
fIN = 99.792kHz
SFDR - 87.5
SINAD = 72.1
Figure 2. LTC1415 Nonaveraged, 4096 Point FFT
Signal-to-Noise Ratio
The signal-to-noise plus distortion ratio [S/(N + D)] or
SINAD is the ratio between the RMS amplitude of the
fundamental input frequency to the RMS amplitude of all
other frequency components at the A/D output. The output
is band limited to frequencies from above DC and below
half the sampling frequency. Figure 2 shows a typical
spectral content with a 1.25MHz sampling rate and a
100kHz input. The dynamic performance is excellent for
input frequencies up to the Nyquist limit of 625kHz.


Similar Part No. - LTC1415CG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1415 LINER-LTC1415_15 Datasheet
335Kb / 24P
   12-Bit, 1.25Msps, 55mW Sampling A/D Converter
More results

Similar Description - LTC1415CG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1415 LINER-LTC1415_15 Datasheet
335Kb / 24P
   12-Bit, 1.25Msps, 55mW Sampling A/D Converter
LTC1410 LINER-LTC1410 Datasheet
148Kb / 16P
   12-Bit, 1.25Msps Sampling A/D Converter with Shutdown
LTC1410 LINER-LTC1410_15 Datasheet
163Kb / 16P
   12-Bit, 1.25Msps Sampling A/D Converter with Shutdown
logo
Sipex Corporation
SP7800A SIPEX-SP7800A Datasheet
171Kb / 13P
   12-Bit 3ms Sampling A/D Converter
logo
Intersil Corporation
HI5800 INTERSIL-HI5800_00 Datasheet
957Kb / 15P
   12-Bit, 3MSPS, Sampling A/D Converter
logo
Sipex Corporation
SP8538 SIPEX-SP8538 Datasheet
305Kb / 12P
   Micropower Sampling 12-Bit A/D Converter
SP8528 SIPEX-SP8528 Datasheet
181Kb / 12P
   Micropower Sampling 12-Bit A/D Converter
logo
Linear Technology
LTC1850 LINER-LTC1850 Datasheet
283Kb / 28P
   8-Channel, 10-Bit/12-Bit, 1.25Msps Sampling ADCs
logo
Intersil Corporation
HI5800 INTERSIL-HI5800 Datasheet
234Kb / 15P
   12-Bit, 3MSPS, Sampling A/D Converter
logo
Linear Technology
LTC1412 LINER-LTC1412_15 Datasheet
343Kb / 16P
   12-Bit, 3Msps, Sampling A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com