Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1414 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1414
Description  14-Bit, 2.2Msps, Sampling A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1414 Datasheet(HTML) 1 Page - Linear Technology

  LTC1414 Datasheet HTML 1Page - Linear Technology LTC1414 Datasheet HTML 2Page - Linear Technology LTC1414 Datasheet HTML 3Page - Linear Technology LTC1414 Datasheet HTML 4Page - Linear Technology LTC1414 Datasheet HTML 5Page - Linear Technology LTC1414 Datasheet HTML 6Page - Linear Technology LTC1414 Datasheet HTML 7Page - Linear Technology LTC1414 Datasheet HTML 8Page - Linear Technology LTC1414 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LTC1414
14-Bit, 2.2Msps,
Sampling A/D Converter
Effective Bits and Signal-to-Noise + Distortion
vs Input Frequency
14-BIT ADC
14
5V
OPTIONAL 3V
LOGIC SUPPLY
10
µF
AVDD
DVDD
OVDD
OGND
1414 TA01
DGND
D13 (MSB)
D0 (LSB)
BUSY
S/H
BUFFER
LTC1414
4.0625V
2k
–5V
2.5V
REFERENCE
TIMING AND
LOGIC
OUTPUT
BUFFERS
CONVST
AGND
VSS
10
µF
10
µF
VREF
COMP
AIN
AIN
+
1
µF
INPUT FREQUENCY (Hz)
10k
100k
1M
10M
1414 TA02
1k
14
13
12
11
10
9
8
7
6
5
4
3
2
86
80
74
68
fSAMPLE = 2.2MHz
TYPICAL APPLICATIO
The LTC
®1414 is a 14-bit, 2.2Msps, sampling A/D con-
verter which draws only 175mW from
±5V supplies. This
high performance ADC includes a high dynamic range
sample-and-hold, a precision reference and requires no
external components.
The LTC1414’s high performance sample-and-hold has a
full-scale input range of
±2.5V. Outstanding AC perfor-
mance includes 80dB S/(N + D) and 95dB SFDR with a
100kHz input. The performance remains high at the Nyquist
input frequency of 1.1MHz with 78dB S/(N + D) and 84dB
SFDR.
The unique differential input sample-and-hold can acquire
single-ended or differential input signals up to its 40MHz
bandwidth. The 70dB common mode rejection can elimi-
nate ground loops and common mode noise by measuring
signal differentially from the source
The ADC has a microprocessor compatible, 14-bit parallel
output port. There is no pipline delay in the conversion
results.
s
Sample Rate: 2.2Msps
s
Outstanding Spectral Purity:
80dB S/(N + D) and 95dB SFDR at 100kHz
78dB S/(N + D) and 84dB SFDR at Nyquist
s
Ultralow Distortion with Single-Ended or
Differential Inputs
s
±2.5V Bipolar Input Range Eliminates Level Shifting
and Rail-to-Rail Op Amp Requirements
s
Easy Hookup for External or Internal Reference
s
No Pipeline Delay
s
Power Dissipation: 175mW on
±5V Supplies
s
28-Pin Narrow SSOP Package
, LTC and LT are registered trademarks of Linear Technology Corporation.
FEATURES
DESCRIPTIO
s
Telecommunications
s
Digital Signal Processing
s
Multiplexed Data Acquisition Systems
s
High Speed Data Acquisition
s
Spectrum Analysis
s
Imaging Systems
APPLICATIO S


Similar Part No. - LTC1414

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1414 LINER-LTC1414 Datasheet
648Kb / 22P
   Serial 12-Bit/14-Bit, 2.8Msps
LTC1414 LINER-LTC1414_15 Datasheet
294Kb / 20P
   14-Bit, 2.2Msps, Sampling A/D Converter
More results

Similar Description - LTC1414

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1414 LINER-LTC1414_15 Datasheet
294Kb / 20P
   14-Bit, 2.2Msps, Sampling A/D Converter
logo
Murata Power Solutions ...
ADSD-1402 MURATA-PS-ADSD-1402 Datasheet
170Kb / 5P
   Dual, 14-Bit, 2MSPS Sampling A/D Converter
logo
Delta Electronics, Inc.
ADSD1420S DELTA-ADSD1420S Datasheet
346Kb / 5P
   Dual 14-Bit, 20MSPS Sampling A/D Converter
logo
Murata Power Solutions ...
ADSD-1410S MURATA-PS-ADSD-1410S Datasheet
170Kb / 5P
   Dual 14-Bit, 10MSPS Sampling A/D Converter
logo
C&D Technologies
ADSD-1410S CANDD-ADSD-1410S Datasheet
134Kb / 5P
   Dual 14-Bit, 10MSPS Sampling A/D Converter
logo
Murata Power Solutions ...
ADSD-1420S MURATA-PS-ADSD-1420S Datasheet
117Kb / 5P
   Dual 14-Bit, 20MSPS Sampling A/D Converter
ADSD-1402S MURATA-PS-ADSD-1402S Datasheet
170Kb / 5P
   Dual, 14-Bit, 2MSPS Sampling A/D Converter
logo
Austin Semiconductor
AS1419 AUSTIN-AS1419 Datasheet
1,010Kb / 20P
   14 Bit, 800ksps Sampling A/D Converter with Shutdown
logo
Murata Power Solutions ...
ADSQ-1410 MURATA-PS-ADSQ-1410 Datasheet
388Kb / 11P
   Quad 14-Bit, 10 MSPS Sampling A/D Converter
logo
Linear Technology
LTC1419 LINER-LTC1419 Datasheet
401Kb / 20P
   14-Bit, 800ksps Sampling A/D Converter with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com