Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1405CGN Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1405CGN
Description  12-Bit, 5Msps, Sampling ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1405CGN Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1405CGN Datasheet HTML 5Page - Linear Technology LTC1405CGN Datasheet HTML 6Page - Linear Technology LTC1405CGN Datasheet HTML 7Page - Linear Technology LTC1405CGN Datasheet HTML 8Page - Linear Technology LTC1405CGN Datasheet HTML 9Page - Linear Technology LTC1405CGN Datasheet HTML 10Page - Linear Technology LTC1405CGN Datasheet HTML 11Page - Linear Technology LTC1405CGN Datasheet HTML 12Page - Linear Technology LTC1405CGN Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LTC1405
Table 2. Comparison of Analog Input Configurations
SUPPLIES
COUPLING
VREF
GAIN
AIN
+
AIN
COMMENTS
±5V
DC
4.096V
1x
±2.048
0
Best SNR, THD
5V
DC
4.096V
2x
2.5
± 1.024
2.5
Best SINAD, THD for Single Supply
5V
DC
2.048V
1x
2.5
± 1.024
2.5
Worse Noise than Above Case
5V
DC
4.096V
1x
2.5
± 2.048
2.5
Best Single Supply Noise, THD Is Not Optimal
5V
DC
4.096V
1x
0 to 4.096
2.048
Same As Above
±5V
AC
4.096V
1x
±1.024
±1.024
Very Best SNR, THD
(Transformer)
5V
AC
4.096V
1x
2.5
± 1.024
2.5
± 1.024
Very Best SNR, THD for Single Supply
(Transformer)
APPLICATIO S I FOR ATIO
1405 F05
1
µF
+AIN
VSS
VIN
2.5V
LTC1405
5V
–AIN
VCM
1405 F06
+AIN
VSS
VIN
4.096V
0V
5V
2.048V
LTC1405
5V
–AIN
SENSE
Figure 4. DC Coupling a Ground
Centered Signal (Dual Supply System)
Figure 5. DC Coupling a Signal Centered
Around 2.5V (Single Supply System)
Figure 6. DC Coupling a 0V to 4.096V Signal
AC Coupling the Input
The analog inputs to the LTC1405 can also be AC coupled
through a capacitor, though in most cases it is simpler to
directly couple the input to the ADC. Figure 7 shows an
example where the input signal is centered around ground
and the ADC operates from a single 5V supply. Note that
the performance would improve if the ADC was operated
from a dual supply and the input was directly coupled (as
in Figure 4). With AC coupling the DC resistance to ground
should be roughly matched for AIN+ and AIN– to maintain
offset accuracy.
DC Coupling the Input
In most applications the analog input signal can be directly
coupled to the LTC1405 inputs. If the input signal is
centered around ground, such as when dual supply op
amps are used, simply connect AIN– to ground and con-
nect VSS to – 5V (Figure 4). In a single power supply
system with the input signal centered around 2.5V, con-
nect AIN– to VCM and VSS to ground (Figure 5). If the input
signal is not centered around ground or 2.5V, the voltage
for AIN– must be generated externally by a resistor divider
or a voltage reference (Figure 6).
1405 F07
+AIN
VSS
VIN
1
µF
0V
C
C
RR
LTC1405
5V
–AIN
VCM
Figure 7. AC Coupling to the LTC1405. Note That the Input Signal
Can Almost Always Be Directly Coupled with Better Performance
1405 F04
1
µF
+AIN
VSS
VIN
0V
LTC1405
5V
–5V
–AIN
VCM


Similar Part No. - LTC1405CGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1405CGN LINER-LTC1405CGN Datasheet
328Kb / 20P
   12-Bit, 5Msps, Sampling ADC
More results

Similar Description - LTC1405CGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1405 LINER-LTC1405_1 Datasheet
328Kb / 20P
   12-Bit, 5Msps, Sampling ADC
LTC1405 LINER-LTC1405_15 Datasheet
334Kb / 20P
   12-Bit, 5Msps, Sampling ADC
LTC2315-12 LINER-LTC2315-12_15 Datasheet
695Kb / 22P
   12-Bit, 5Msps Serial Sampling ADC in TSOT
LTC2315-12 LINER-LTC2315-12 Datasheet
911Kb / 20P
   12-Bit, 5Msps Serial Sampling ADC in TSOT
LTC2325-16 LINER-LTC2325-16 Datasheet
1Mb / 30P
   Quad, 16-Bit, 5Msps/Ch Simultaneous Sampling ADC
LTC1420 LINER-LTC1420 Datasheet
267Kb / 20P
   12-Bit, 10Msps, Sampling ADC
logo
Analog Devices
AD1678 AD-AD1678_15 Datasheet
4Mb / 12P
   12 BIT 200KSPS SAMPLING ADC
logo
Linear Technology
LTC1420 LINER-LTC1420_15 Datasheet
256Kb / 20P
   12-Bit, 10Msps, Sampling ADC
LTC2385-18 LINER-LTC2385-18 Datasheet
1Mb / 22P
   18-Bit, 5Msps SAR ADC
logo
Maxim Integrated Produc...
MAX1211 MAXIM-MAX1211 Datasheet
534Kb / 30P
   65Msps, 12-Bit, IF Sampling ADC
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com