Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RLLH650-16-3 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # RLLH650-16-3
Description  red line laser module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

RLLH650-16-3 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  RLLH650-16-3 Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Red Line Laser Module
Main Technical Parameters:
Size :
14 mm 49 mm
Wavelength : 650 nm
Operating voltage : 3.0VDC
Operating current :
120mA
Divergence : 0.6 mrad
Output aperture :
6 mm
Output power : 16 mW
Sector angle: 100
Line thickness: Less then 1.5 mm at 6 m
Camber: Less then 1 mm
Optics : glass lens both sides AR coated
Operating distance : 6 m
Wire length : 2
100mm
Operating temperature :
10
+40
Storage temperature :
40
+80
Life time :
5000 hours
RLLH650-16-3
50mm


Similar Part No. - RLLH650-16-3

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
RLLH650-24-3 ROITHNER-RLLH650-24-3 Datasheet
41Kb / 1P
   red line laser module
More results

Similar Description - RLLH650-16-3

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
RLLH650-24-3 ROITHNER-RLLH650-24-3 Datasheet
41Kb / 1P
   red line laser module
RLCB635-2-5-3 ROITHNER-RLCB635-2-5-3 Datasheet
165Kb / 2P
   Red Cross Line Laser Diode Module
APCD-650-02-C3 ROITHNER-APCD-650-02-C3 Datasheet
121Kb / 2P
   Red diode laser module
RLDH660-70-3 ROITHNER-RLDH660-70-3 Datasheet
339Kb / 2P
   red diode laser module
VLM650-11-LPA ROITHNER-VLM650-11-LPA Datasheet
106Kb / 2P
   Red diode laser module
VLM650-03-LPA ROITHNER-VLM650-03-LPA Datasheet
106Kb / 2P
   Red diode laser module
VLM650-11-LPT ROITHNER-VLM650-11-LPT Datasheet
106Kb / 2P
   Red diode laser module
APCD-650-06-C2 ROITHNER-APCD-650-06-C2 Datasheet
133Kb / 2P
   Red diode laser module
APCD-650-01-C2 ROITHNER-APCD-650-01-C2 Datasheet
125Kb / 2P
   Red diode laser module
APCD-650-07-C3 ROITHNER-APCD-650-07-C3 Datasheet
132Kb / 2P
   Red diode laser module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com