Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6SMB160 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # P6SMB160
Description  600W, 6.8V - 220V Surface Mount Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

P6SMB160 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  P6SMB160 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd P6SMB160 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd P6SMB160 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd P6SMB160 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd P6SMB160 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd P6SMB160 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CREAT BY ART
Test
Stand-Off
Maximum
Maximum
Maximum
Maximum
Current
Voltage
Reverse Leakage Peak Pulse Clamping Voltage Temperature
IT
VWM
@ VWM
Current IPPM
@ IPPM
Coefficient
Min
Max
(mA)
(V)
ID (μA)
(A) (Note 2)
Vc(V)
of VBR(%/°C)
P6SMB56
MHJ
50.4
61.6
1.0
45.4
1
7.8
80.5
0.103
P6SMB56A
MKJ
53.2
58.8
1.0
47.8
1
8.1
77.0
0.103
P6SMB62
MLJ
55.8
68.2
1.0
50.2
1
7.0
89.0
0.104
P6SMB62A
MMJ
58.9
65.1
1.0
53.0
1
7.4
85.0
0.104
P6SMB68
MNJ
61.2
74.8
1.0
55.1
1
6.4
98.0
0.104
P6SMB68A
MPJ
64.6
71.4
1.0
58.1
1
6.8
92.0
0.104
P6SMB75
MQJ
67.5
82.5
1.0
60.7
1
5.8
108
0.105
P6SMB75A
MRJ
71.3
78.8
1.0
64.1
1
6.1
103
0.105
P6SMB82
MSJ
73.8
90.2
1.0
66.4
1
5.3
118
0.105
P6SMB82A
MTJ
77.9
86.1
1.0
70.1
1
5.5
113
0.105
P6SMB91
MUJ
81.9
100
1.0
73.7
1
4.8
131
0.106
P6SMB91A
MVJ
86.5
95.5
1.0
77.8
1
5.0
125
0.106
P6SMB100
MWJ
90
110
1.0
81.0
1
4.3
144
0.106
P6SMB100A
MXJ
95
105
1.0
85.5
1
4.5
137
0.106
P6SMB110
MYJ
99
121
1.0
89.2
1
3.9
158
0.107
P6SMB110A
MZJ
105
116
1.0
94.0
1
4.1
152
0.107
P6SMB120
NDJ
108
132
1.0
97.2
1
3.6
173
0.107
P6SMB120A
NEJ
114
126
1.0
102.0
1
3.8
165
0.107
P6SMB130
NFJ
117
143
1.0
105.0
1
3.3
187
0.107
P6SMB130A
NGJ
124
137
1.0
111.0
1
3.5
179
0.107
P6SMB150
NHJ
135
165
1.0
121.0
1
2.9
215
0.108
P6SMB150A
NKJ
143
158
1.0
128.0
1
3.0
207
0.108
P6SMB160
NLJ
144
176
1.0
130.0
1
2.7
230
0.108
P6SMB160A
NMJ
152
168
1.0
136.0
1
2.8
219
0.108
P6SMB170
NNJ
153
187
1.0
138.0
1
2.5
244
0.108
P6SMB170A
NPJ
162
179
1.0
145.0
1
2.6
234
0.108
P6SMB180
NQJ
162
198
1.0
146.0
1
2.4
258
0.108
P6SMB180A
NRJ
171
189
1.0
154.0
1
2.5
246
0.108
P6SMB200
NSJ
180
220
1.0
162.0
1
2.1
287
0.108
P6SMB200A
NTJ
190
210
1.0
171.0
1
2.2
274
0.108
P6SMB220
NUJ
198
242
1.0
175.0
1
1.8
342
0.108
P6SMB220A
NVJ
209
231
1.0
185.0
1
1.9
328
0.108
Notes:
1. VBR measure after IT applied for 300μs, IT=square wave pulse or equivalent.
2. Surge current waveform per Figure. 3 and derate per Figure. 2.
3. For bipolar types having VWM of 10 volts and under, the ID limit is doubled.
4. For bidirectional use C or CA suffix for types P6SMB6.8 - P6SMB220A.
5. All terms and symbols are consistent with ANSI/IEEE C62.35.
Document Number: DS_D1409032
Version: L15
Device
Device
Marking
Code
Breakdown Voltage
VBR (V)
(Note 1)
P6SMB SERIES
Taiwan Semiconductor


Similar Part No. - P6SMB160

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
P6SMB160 MOTOROLA-P6SMB160 Datasheet
240Kb / 4P
   ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Nantong Hornby Electron...
P6SMB160 HORNBY-P6SMB160 Datasheet
335Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
P6SMB160 TSC-P6SMB160 Datasheet
69Kb / 4P
   Surface Mount Transient Voltage Suppressor
P6SMB160 TSC-P6SMB160 Datasheet
630Kb / 4P
   600 Watts Surface Mount Transient Voltage Suppressor
logo
Pan Jit International I...
P6SMB160 PANJIT-P6SMB160 Datasheet
109Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P6SMB160

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
P6KE TSC-P6KE_15 Datasheet
180Kb / 6P
   600W, 6.8V - 440V Transient Voltage Suppressor
logo
Frontier Electronics.
P6SMBJ5.0 FRONTIER-P6SMBJ5.0 Datasheet
133Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SMBJ7.5CA-13 DIODES-SMBJ7.5CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ51CA-13 DIODES-SMBJ51CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ350A-13-F DIODES-SMBJ350A-13-F Datasheet
100Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P6SMAJ58ADFQ-13 DIODES-P6SMAJ58ADFQ-13 Datasheet
375Kb / 6P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
August 2020
SMBJ50CA DIODES-SMBJ50CA Datasheet
81Kb / 3P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 11 - 2
SMBJ15CA-13 DIODES-SMBJ15CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ33CA-13 DIODES-SMBJ33CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ50CA DIODES-SMBJ50CA_1 Datasheet
80Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 15 - 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com