Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6SMB130A Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # P6SMB130A
Description  600W, 6.8V - 220V Surface Mount Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

P6SMB130A Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  P6SMB130A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd P6SMB130A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd P6SMB130A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd P6SMB130A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd P6SMB130A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd P6SMB130A Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CREAT BY ART
Test
Stand-Off
Maximum
Maximum
Maximum
Maximum
Current
Voltage
Reverse Leakage Peak Pulse Clamping Voltage Temperature
IT
VWM
@ VWM
Current IPPM
@ IPPM
Coefficient
Min
Max
(mA)
(V)
ID (μA)
(A) (Note 2)
Vc(V)
of VBR(%/°C)
P6SMB6.8
KDJ
6.12
7.48
10
5.50
1000
58
10.8
0.057
P6SMB6.8A
KEJ
6.46
7.14
10
5.80
1000
60
10.5
0.057
P6SMB7.5
KFJ
6.75
8.25
10
6.05
500
53
11.7
0.061
P6SMB7.5A
KGJ
7.13
7.88
10
6.40
500
55
11.3
0.061
P6SMB8.2
KHJ
7.38
9.02
10
6.63
200
50
12.5
0.065
P6SMB8.2A
KKJ
7.79
8.61
10
7.02
200
52
12.1
0.065
P6SMB9.1
KLJ
8.19
10.00
1.0
7.37
50
45
13.8
0.068
P6SMB9.1A
KMJ
8.65
9.55
1.0
7.78
50
47
13.4
0.068
P6SMB10
KNJ
9.00
11.00
1.0
8.10
10
42
15.0
0.073
P6SMB10A
KPJ
9.50
10.5
1.0
8.55
10
43
14.5
0.073
P6SMB11
KQJ
9.90
12.1
1.0
8.92
1
38
16.2
0.075
P6SMB11A
KRJ
10.5
11.6
1.0
9.40
1
40
15.6
0.075
P6SMB12
KSJ
10.8
13.2
1.0
9.72
1
36
17.3
0.078
P6SMB12A
KTJ
11.4
12.6
1.0
10.2
1
37
16.7
0.078
P6SMB13
KUJ
11.7
14.3
1.0
10.5
1
33
19.0
0.081
P6SMB13A
KVJ
12.4
13.7
1.0
11.1
1
34
18.2
0.081
P6SMB15
KWJ
13.5
16.5
1.0
12.1
1
28
22.0
0.084
P6SMB15A
KXJ
14.3
15.8
1.0
12.8
1
29
21.2
0.084
P6SMB16
KYJ
14.4
17.6
1.0
12.9
1
26
23.5
0.086
P6SMB16A
KZJ
15.2
16.8
1.0
13.6
1
28
22.5
0.086
P6SMB18
LDJ
16.2
19.8
1.0
14.5
1
23
26.5
0.088
P6SMB18A
LEJ
17.1
18.9
1.0
15.3
1
25
25.5
0.088
P6SMB20
LFJ
18.0
22.0
1.0
16.2
1
21
29.1
0.090
P6SMB20A
LGJ
19.0
21.0
1.0
17.1
1
22
27.7
0.090
P6SMB22
LHJ
19.8
24.2
1.0
17.8
1
19
31.9
0.092
P6SMB22A
LKJ
20.9
23.1
1.0
18.8
1
20
30.6
0.092
P6SMB24
LLJ
21.6
26.4
1.0
19.4
1
18
34.7
0.094
P6SMB24A
LMJ
22.8
25.2
1.0
20.5
1
19
33.2
0.094
P6SMB27
LNJ
24.3
29.7
1.0
21.8
1
16
39.1
0.096
P6SMB27A
LPJ
25.7
28.4
1.0
23.1
1
16.8
37.5
0.096
P6SMB30
LQJ
27.0
33.0
1.0
24.3
1
14.0
43.5
0.097
P6SMB30A
LRJ
28.5
31.5
1.0
25.6
1
15.0
41.4
0.097
P6SMB33
LSJ
29.7
36.3
1.0
26.8
1
13.0
47.7
0.098
P6SMB33A
LTJ
31.4
34.7
1.0
28.2
1
13.8
45.7
0.098
P6SMB36
LUJ
32.4
39.6
1.0
29.1
1
12.0
52.0
0.099
P6SMB36A
LVJ
34.2
37.8
1.0
30.8
1
12.6
49.9
0.099
P6SMB39
LWJ
35.1
42.9
1.0
31.6
1
11.1
56.4
0.100
P6SMB39A
LXJ
37.1
41.0
1.0
33.3
1
11.6
53.9
0.100
P6SMB43
LYJ
38.7
47.3
1.0
34.8
1
10.0
61.9
0.101
P6SMB43A
LZJ
40.9
45.2
1.0
36.8
1
10.6
59.3
0.101
P6SMB47
MDJ
42.3
51.7
1.0
38.1
1
9.2
67.8
0.101
P6SMB47A
MEJ
44.7
49.4
1.0
40.2
1
9.7
64.8
0.101
P6SMB51
MFJ
45.9
56.1
1.0
41.3
1
8.5
73.5
0.102
P6SMB51A
MGJ
48.5
53.6
1.0
43.6
1
8.9
70.1
0.102
Document Number: DS_D1409032
Version: L15
P6SMB SERIES
Taiwan Semiconductor
Device
Device
Marking
Code
Breakdown Voltage
VBR (V)
(Note 1)


Similar Part No. - P6SMB130A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
P6SMB130A CENTRAL-P6SMB130A Datasheet
123Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 200 VOLTS
logo
Vishay Siliconix
P6SMB130A VISHAY-P6SMB130A Datasheet
109Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 06-Jun-14
logo
EIC discrete Semiconduc...
P6SMB130A EIC-P6SMB130A Datasheet
70Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Electronics ...
P6SMB130A CHENDA-P6SMB130A Datasheet
2Mb / 4P
   6.8-550 Volts Peak pulse power: 600 Watts
logo
HuaXinAn Electronics CO...
P6SMB130A HUAXINAN-P6SMB130A Datasheet
437Kb / 5P
   600W Transient Voltage Suppressors
More results

Similar Description - P6SMB130A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
P6KE TSC-P6KE_15 Datasheet
180Kb / 6P
   600W, 6.8V - 440V Transient Voltage Suppressor
logo
Frontier Electronics.
P6SMBJ5.0 FRONTIER-P6SMBJ5.0 Datasheet
133Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SMBJ7.5CA-13 DIODES-SMBJ7.5CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ51CA-13 DIODES-SMBJ51CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ350A-13-F DIODES-SMBJ350A-13-F Datasheet
100Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P6SMAJ58ADFQ-13 DIODES-P6SMAJ58ADFQ-13 Datasheet
375Kb / 6P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
August 2020
SMBJ50CA DIODES-SMBJ50CA Datasheet
81Kb / 3P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 11 - 2
SMBJ15CA-13 DIODES-SMBJ15CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ33CA-13 DIODES-SMBJ33CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ50CA DIODES-SMBJ50CA_1 Datasheet
80Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 15 - 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com