Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ26 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SMCJ26
Description  1500W, 5V - 170V Surface Mount Transient Voltage Suppressor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SMCJ26 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SMCJ26 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SMCJ26 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SMCJ26 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SMCJ26 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SMCJ26 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd SMCJ26 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd SMCJ26 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CREAT BY ART
- Low profile package
- Ideal for automated placement
- Glass passivated junction
- Built-in strain relief
- Excellent clamping capability
- Typical IR less than 1μA above 10V
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Part no. with suffix "H" means AEC-Q101 qualified
Packing code with suffix "G" means green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 2 whisker test
SYMBOL
UNIT
PPK
Watts
PD
Watts
TJ
°C
TSTG
°C
Note 2: VF=3.5V on SMCJ5.0 - SMCJ90 Devices and VF=5.0V on SMCJ100 - SMCJ170 Devices
1. For Bidirectional Use C or CA Suffix for Types SMCJ5.0 - Types SMCJ170
2. Electrical Characteristics Apply in Both Directions
Document Number: DS_D1409035
Version: N15
SMCJ SERIES
Taiwan Semiconductor
1500W, 5V - 170V Surface Mount Transient Voltage Suppressor
FEATURES
- Fast response time: Typically less than
1.0ps from 0 volt to BV min
Moisture sensitivity level: level 1, per J-STD-020
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
DO-214AB (SMC)
MECHANICAL DATA
Case:
DO-214AB (SMC)
Polarity:
Indicated by cathode band
Weight:
0.21 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
PARAMETER
VALUE
Peak power dissipation at TA=25°C, Tp=1ms (Note 1)
1500
°C/W
Steady state power dissipation
5
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
200
A
Maximum instantaneous forward voltage at 100 A for
Unidirectional only (Note 2)
VF
3.5 / 5.0
Volts
Typical thermal resistance
RθJC
RθJA
10
55
Operating junction temperature range
- 55 to +150
Storage temperature range
- 55 to +150
Note 1: Non-repetitive Current Pulse Per Fig. 3 and Derated above TA=25°C Per Fig. 2
Devices for Bipolar Applications


Similar Part No. - SMCJ26

ManufacturerPart #DatasheetDescription
logo
Dc Components
SMCJ26 DCCOM-SMCJ26 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Cystech Electonics Corp...
SMCJ26 CYSTEKEC-SMCJ26 Datasheet
322Kb / 7P
   Surface Mount Transient Voltage Suppressors
logo
Yangzhou yangjie electr...
SMCJ26 YANGJIE-SMCJ26 Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIERT VOLTAGE SUPPRESSOR
logo
Anova Technologies CO.,...
SMCJ26 ANOVA-SMCJ26 Datasheet
312Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
Taiwan Semiconductor Co...
SMCJ26 TSC-SMCJ26 Datasheet
351Kb / 7P
   1500 Watts Suface Mount Transient Voltage Suppressor
More results

Similar Description - SMCJ26

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SMBJH TSC-SMBJH Datasheet
450Kb / 8P
   600W, 5V - 170V Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ5.0A DIODES-SMCJ5.0A Datasheet
144Kb / 5P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 17 - 2
SMCJ50CA DIODES-SMCJ50CA Datasheet
80Kb / 3P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 11 - 2
logo
Weitron Technology
1.5KE WEITRON-1.5KE Datasheet
239Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ45A-13 DIODES-SMCJ45A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ50CA DIODES-SMCJ50CA_1 Datasheet
82Kb / 4P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 15 - 2
logo
Weitron Technology
1.5SMC WEITRON-1.5SMC Datasheet
209Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ24A-13 DIODES-SMCJ24A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ14CA-13 DIODES-SMCJ14CA-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ33CA-13 DIODES-SMCJ33CA-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com