Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6SMB30 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # P6SMB30
Description  600W, 6.8V - 220V Surface Mount Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

P6SMB30 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  P6SMB30 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd P6SMB30 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd P6SMB30 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd P6SMB30 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd P6SMB30 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd P6SMB30 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CREAT BY ART
- Low profile package
- Ideal for automated placement
- Glass passivated junction
- Built-in strain relief
- Excellent clamping capability
- Typical IR less than 1μA above 10V
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Part no. with suffix "H" means AEC-Q101 qualified
Packing code with suffix "G" means green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 2 whisker test
SYMBOL
UNIT
PPK
Watts
PD
Watts
TJ
°C
TSTG
°C
Devices for Bipolar Applications
1. For Bidirectional Use C or CA Suffix for Types P6SMB6.8 - Types P6SMB220A
2. Electrical Characteristics Apply in Both Directions
PART NO.
Note 1: "xxxx" defines voltage from 6.8V (P6SMB6.8) to 220V (P6SMB220A)
PART NO.
Document Number: DS_D1409032
Version: L15
AEC-Q101 qualified
Green compound
P6SMB20AHR5G
P6SMB20A
H
R5
G
SMB
3,000 / 13" Plastic reel
EXAMPLE
PREFERRED
PART NO.
PART NO.
SUFFIX
PACKING CODE
PACKING CODE
SUFFIX
DESCRIPTION
P6SMBxxxx
(Note 1)
H
R5
G
SMB
850 / 7" Plastic reel
R4
SMB
3,000 / 13" Paper reel
M4
ORDERING INFORMATION
PART NO.
SUFFIX
PACKING CODE
PACKING CODE
SUFFIX
PACKAGE
PACKING
°C/W
10
55
Note 2: VF=3.5V on P6SMB6.8 - P6SMB91 Devices and VF=5.0V on P6SMB100 - P6SMB220 Device.
DO-214AA (SMB)
Steady state power dissipation
3
Volts
Operating junction temperature range
- 55 to +150
Case:
DO-214AA (SMB)
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
100
Storage temperature range
- 55 to +150
Note 1: Non-repetitive Current Pulse Per Fig. 3 and Derated above TA=25°C Per Fig. 2
Maximum instantaneous forward voltage at 50 A for
Unidirectional only (Note 2)
VF
3.5 / 5.0
Polarity:
Indicated by cathode band
Weight:
0.09 g (approximately)
Typical thermal resistance
RθJC
RθJA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
PARAMETER
VALUE
Peak power dissipation at TA=25°C, Tp=1ms (Note 1)
600
A
P6SMB SERIES
Taiwan Semiconductor
600W, 6.8V - 220V Surface Mount Transient Voltage Suppressor
FEATURES
- Fast response time: Typically less than
1.0ps from 0 volt to BV min
Moisture sensitivity level: level 1, per J-STD-020
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MECHANICAL DATA


Similar Part No. - P6SMB30

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
P6SMB30 MOTOROLA-P6SMB30 Datasheet
240Kb / 4P
   ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
SUNMATE electronic Co.,...
P6SMB30 SUNMATE-P6SMB30 Datasheet
1,004Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
logo
Taiwan Semiconductor Co...
P6SMB30 TSC-P6SMB30 Datasheet
69Kb / 4P
   Surface Mount Transient Voltage Suppressor
logo
Nantong Hornby Electron...
P6SMB30 HORNBY-P6SMB30 Datasheet
335Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
P6SMB30 TSC-P6SMB30 Datasheet
630Kb / 4P
   600 Watts Surface Mount Transient Voltage Suppressor
More results

Similar Description - P6SMB30

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
P6KE TSC-P6KE_15 Datasheet
180Kb / 6P
   600W, 6.8V - 440V Transient Voltage Suppressor
logo
Frontier Electronics.
P6SMBJ5.0 FRONTIER-P6SMBJ5.0 Datasheet
133Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SMBJ7.5CA-13 DIODES-SMBJ7.5CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ51CA-13 DIODES-SMBJ51CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ350A-13-F DIODES-SMBJ350A-13-F Datasheet
100Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P6SMAJ58ADFQ-13 DIODES-P6SMAJ58ADFQ-13 Datasheet
375Kb / 6P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
August 2020
SMBJ50CA DIODES-SMBJ50CA Datasheet
81Kb / 3P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 11 - 2
SMBJ15CA-13 DIODES-SMBJ15CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ33CA-13 DIODES-SMBJ33CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ50CA DIODES-SMBJ50CA_1 Datasheet
80Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 15 - 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com