Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA15 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # SA15
Description  Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SA15 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  SA15 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SA15 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SA15 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SA15 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SA15 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd SA15 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CREAT BY ART
IT
VWM
ID
IPPM
Vc
VBR
mA
V
μAA
V
mV /
oC
Min.
Max.
(Note 2)
SA5.0
6.40
7.30
10
5.0
600
54.0
9.6
5
SA5.0A
6.40
7.00
10
5.0
600
57.0
9.2
5
SA6.0
6.67
8.15
10
6.0
600
46.0
11.4
5
SA6.0A
6.67
7.37
10
6.0
600
50.0
10.3
5
SA6.5
7.22
8.82
10
6.5
400
42.0
12.3
5
SA6.5A
7.22
7.98
10
6.5
400
46.0
11.2
5
SA7.0
7.78
9.51
10
7.0
150
39.0
13.3
6
SA7.0A
7.78
8.60
10
7.0
150
43.0
12.0
6
SA7.5
8.33
10.20
1
7.5
50
36.0
14.3
7
SA7.5A
8.33
9.21
1
7.5
50
40.0
12.9
7
SA8.0
8.89
10.9
1
8.0
25
35.0
15.0
7
SA8.0A
8.89
9.83
1
8.0
25
38.0
13.6
7
SA8.5
9.44
11.5
1
8.5
10
33.0
15.9
8
SA8.5A
9.44
10.4
1
8.5
10
36.0
14.4
8
SA9.0
10.0
12.2
1
9.0
5
31.0
16.9
9
SA9.0A
10.0
11.1
1
9.0
5
34.0
15.4
9
SA10
11.1
13.6
1
10
1
27.0
18.8
10
SA10A
11.1
12.3
1
10
1
30.0
17.0
10
SA11
12.2
14.9
1
11
1
26.0
20.1
11
SA11A
12.2
13.5
1
11
1
28.0
18.2
11
SA12
13.3
16.3
1
12
1
23.0
22.0
12
SA12A
13.3
14.7
1
12
1
26.3
19.9
12
SA13
14.4
17.6
1
13
1
22.0
23.8
13
SA13A
14.4
15.9
1
13
1
24.0
21.5
13
SA14
15.6
19.1
1
14
1
20.3
25.8
14
SA14A
15.6
17.2
1
14
1
22.6
23.2
14
SA15
16.7
20.4
1
15
1
19.5
26.9
16
SA15A
16.7
18.5
1
15
1
21.0
24.4
16
SA16
17.8
21.8
1
16
1
18.0
28.8
19
SA16A
17.8
19.7
1
16
1
20.0
26.0
17
SA17
18.9
23.1
1
17
1
17.0
30.5
20
SA17A
18.9
20.9
1
17
1
19.0
27.7
19
SA18
20.0
24.4
1
18
1
16.3
32.2
21
SA18A
20.0
22.1
1
18
1
17.9
39.4
20
SA20
22.2
27.1
1
20
1
14.0
35.5
25
SA20A
22.2
24.5
1
20
1
16.0
43.0
23
SA22
24.4
29.8
1
22
1
13.0
38.9
28
SA22A
24.4
26.9
1
22
1
14.7
46.6
25
SA24
26.7
32.6
1
24
1
12.0
42.1
31
SA24A
26.7
29.5
1
24
1
13.4
50.1
28
SA26
28.9
35.3
1
26
1
11.0
45.4
31
SA26A
28.9
31.9
1
26
1
12.4
53.5
30
SA28
31.1
38.0
1
28
1
10.0
48.4
35
SA28A
31.1
34.4
1
28
1
11.5
59.0
31
SA30
33.3
40.7
1
30
1
9.8
53.3
39
SA30A
33.3
36.8
1
30
1
10.8
64.3
36
SA33
36.7
44.9
1
33
1
8.8
58.1
42
SA33A
36.7
40.6
1
33
1
9.8
71.4
39
Document Number: DS_D1406029
Version: I14
Maximum
Temperature
Coefficient
SA SERIES
Taiwan Semiconductor
VBR
V
General
Part
Number
Breakdown
Voltage
(Note 1)
Test
Current
Stand-Off
Voltage
Maximum
Reverse
Leakage
@ VWM
Maximum
Peak
Surge
Current
Maximum
Clamping
Voltage
@ IPPM


Similar Part No. - SA15

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA15 PANJIT-SA15 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Chongqing Pingwei Enter...
SA15 CHONGQING-SA15 Datasheet
226Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
First Components Intern...
SA15 FCI-SA15 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
SA15 TSC-SA15 Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Won-Top Electronics
SA15 WTE-SA15 Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - SA15

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com