Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1402 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC1402
Description  Serial 12-Bit, 2.2Msps Sampling ADC with Shutdown
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1402 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC1402 Datasheet HTML 12Page - Linear Technology LTC1402 Datasheet HTML 13Page - Linear Technology LTC1402 Datasheet HTML 14Page - Linear Technology LTC1402 Datasheet HTML 15Page - Linear Technology LTC1402 Datasheet HTML 16Page - Linear Technology LTC1402 Datasheet HTML 17Page - Linear Technology LTC1402 Datasheet HTML 18Page - Linear Technology LTC1402 Datasheet HTML 19Page - Linear Technology LTC1402 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20
LTC1402
tint
return_enable
;4C; internal timer interrupt
nop
nop
nop
brint
goto breceive
;50; BSP receive interrupt
nop
nop
nop
bxint goto bsend
;54; BSP transmit interrupt
nop
nop
nop
trint
return_enable
;58; TDM receive interrupt
nop
nop
nop
APPLICATIONS INFORMATION
RELATED PARTS
1402i LT/TP 1099 • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 1999
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
PART NUMBER
RESOLUTION
SPEED
COMMENTS
16-Bit
LTC1604
16
333ksps
±2.5V Input Range, ±5V Supply
LTC1605
16
100ksps
±10V Input Range, Single 5V Supply
14-Bit
LTC1414
14
2.2Msps
175mW, 80dB SINAD and 95dB SFDR
LTC1419
14
800ksps
150mW, 81.5dB SINAD and 95dB SFDR
LTC1416
14
400ksps
75mW, Low Power with Excellent AC Specs
LTC1418
14
200ksps
15mW, Single 5V, Serial/Parallel I/O
12-Bit
LTC1412
12
3Msps
150mW, 72dB SINAD and 82dB SFDR
LTC1410
12
1.25Msps
150mW, 71.5dB SINAD and 84dB THD
LTC1415
12
1.25Msps
55mW, Single 5V Supply
LTC1409
12
800ksps
80mW, 71.5dB SINAD and 84dB THD
LTC1404
12
600ksps
High Speed Serial I/O in SO-8 Package
LTC1400
12
400ksps
High Speed Serial I/O in SO-8 Package
txint
return_enable
;5C; TDM transmit interrupt
nop
nop
int3
return_enable
;60; external interrupt int3
nop
nop
nop
hpiint dgoto #0e4h
;64; HPIint * DO NOT MODIFY IF USING
DEBUGGER *
nop
nop
.space 24*16
;68-7F; reserved area
.sect “buffer”
;Set address of BSP buffer for clearing
.space 16*0x800
.sect “result”
;Set address of result for clearing
.space 16*0x800
.end
PACKAGE DESCRIPTION Dimensions in inches (millimeters) unless otherwise noted.
GN Package
16-Lead Plastic SSOP (Narrow 0.150)
(LTC DWG # 05-08-1641)
GN16 (SSOP) 1098
* DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
** DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
0.016 – 0.050
(0.406 – 1.270)
0.015
± 0.004
(0.38
± 0.10)
× 45°
0
° – 8° TYP
0.007 – 0.0098
(0.178 – 0.249)
0.053 – 0.068
(1.351 – 1.727)
0.008 – 0.012
(0.203 – 0.305)
0.004 – 0.0098
(0.102 – 0.249)
0.0250
(0.635)
BSC
12
3
4
5
6
7
8
0.229 – 0.244
(5.817 – 6.198)
0.150 – 0.157**
(3.810 – 3.988)
16 15 14 13
0.189 – 0.196*
(4.801 – 4.978)
12 11 10 9
0.009
(0.229)
REF


Similar Part No. - LTC1402

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1402 LINER-LTC1402 Datasheet
285Kb / 24P
   Serial 12-Bit, 2.2Msps Sampling ADC with Shutdown
LTC1402 LINER-LTC1402 Datasheet
648Kb / 22P
   Serial 12-Bit/14-Bit, 2.8Msps
LTC1402 LINER-LTC1402 Datasheet
358Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps
LTC1402CGN LINER-LTC1402CGN Datasheet
285Kb / 24P
   Serial 12-Bit, 2.2Msps Sampling ADC with Shutdown
LTC1402IGN LINER-LTC1402IGN Datasheet
285Kb / 24P
   Serial 12-Bit, 2.2Msps Sampling ADC with Shutdown
More results

Similar Description - LTC1402

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1402 LINER-LTC1402_1 Datasheet
285Kb / 24P
   Serial 12-Bit, 2.2Msps Sampling ADC with Shutdown
LTC1402 LINER-LTC1402_15 Datasheet
290Kb / 24P
   Serial 12-Bit, 2.2Msps Sampling ADC with Shutdown
LTC1403 LINER-LTC1403_15 Datasheet
240Kb / 20P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC2356-12 LINER-LTC2356-12_15 Datasheet
362Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-12 LINER-LTC2355-12 Datasheet
244Kb / 16P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-12 LINER-LTC2355-12_15 Datasheet
285Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2356-14 LINER-LTC2356-14_15 Datasheet
362Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC1403A-1 LINER-LTC1403A-1_15 Datasheet
653Kb / 22P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC1403A LINER-LTC1403A_15 Datasheet
240Kb / 20P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC2355-12 LINER-LTC2355-12_09 Datasheet
280Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com