Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1401C Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1401C
Description  Complete SO-8, 12-Bit, 200ksps ADC with Shutdown
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1401C Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1401C Datasheet HTML 5Page - Linear Technology LTC1401C Datasheet HTML 6Page - Linear Technology LTC1401C Datasheet HTML 7Page - Linear Technology LTC1401C Datasheet HTML 8Page - Linear Technology LTC1401C Datasheet HTML 9Page - Linear Technology LTC1401C Datasheet HTML 10Page - Linear Technology LTC1401C Datasheet HTML 11Page - Linear Technology LTC1401C Datasheet HTML 12Page - Linear Technology LTC1401C Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
LTC1401
APPLICATIONS INFORMATION
Driving the Analog Input
The analog input of the LTC1401 is easy to drive. It draws
only one small current spike while charging the sample-
and-hold capacitor at the end of a conversion. During
conversion, the analog input draws only a small leakage
current. The only requirement is that the amplifier driving
the analog input must settle after the small current spike
before the next conversion starts. Any op amp that settles
in 315ns to small load current transients will allow maxi-
mum speed operation. If a slower op amp is used, more
settling time can be provided by increasing the time
between conversions. Suitable devices capable of driving
the ADC’s AIN input include the LT
® 1498 and the LT1630
op amps.
The following list is a summary of the op amps that are
suitable for driving the LTC1401, more detailed informa-
tion is available in the Linear Technology databooks and
the LinearView
TM CD-ROM.
LT1215/LT1216: Dual and quad 23MHz, 50V/
µs single
supply op amps. Single 5V to
±15V supplies, 6.6mA
specifications, 90ns settling to 0.5LSB.
LT1229/LT1230: Dual and quad 100MHz current feedback
amplifiers.
±2V to ±15V supplies, 6mA supply current
each amplifier. Low noise. Good AC specs.
LT1498/LT1499: Dual or quad 10MHz, 6V/
µs, single
2.2V to
±15V supplies, 1.7mA supply current per ampli-
fier, input/output swings rail-to-rail. Excellent AC and DC
specs.
LT1630: Dual or quad 30MHz, 10V/
µs, single 2.7V to ±15V
supplies, 3.5mA supply current per amplifier, input/output
swings rail-to-rail. Good AC and DC specs.
Internal Reference
The LTC1401 has an on-chip, temperature compensated,
curvature corrected, bandgap reference, which is factory
trimmed to 1.20V. It is internally connected to the DAC and
ence frequencies of mfa
±nfb, where m and n = 0, 1, 2, 3,
etc. For example, the 2nd order IMD terms include (fa + fb)
and (fa – fb) while 3rd order IMD terms includes
(2fa + fb), (2fa – fb), (fa + 2fb) and (fa – 2fb). If the two input
sine waves are equal in magnitude, the value (in decibels)
of the 2nd order IMD products can be expressed by the
following formula.
IMD fa
fb
fa
fb
±
() =
±
20log
Amplitude at (
)
Amplitude at fa
Figure 5 shows the IMD performance at a 50kHz input.
Figure 5. Intermodulation Distortion Plot
FREQUENCY (kHz)
020
40
50
70
90
10
30
60
80
100
LTC1401 • F05
0
–10
–20
–30
–40
–50
– 60
–70
–80
–90
–100
–110
–120
fSAMPLE = 200kHz
fa = 49.853kHz
fb = 53.076kHz
TA = 25°C
fa
fb
3fa
2fb – fa
2fa + fb
2fa – fb
2fb + fa
2fa
3fb
fa + fb
2fb
fb – fa
Peak Harmonic or Spurious Noise
The peak harmonic or spurious noise is the largest spec-
tral component excluding the input signal and DC. This
value is expressed in decibels relative to the RMS value of
a full-scale input signal.
Full Power and Full Linear Bandwidth
The full power bandwidth is the input frequency at which
the amplitude of the reconstructed fundamental is reduced
by 3dB for a full-scale input signal.
The full linear bandwidth is the input frequency at which
the S/(N+D) has dropped to 68dB (11 effective bits).
LinearView is a trademark of Linear Technology Corporation.


Similar Part No. - LTC1401C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1401 LINER-LTC1401_15 Datasheet
253Kb / 20P
   Complete SO-8, 12-Bit, 200ksps ADC with Shutdown
More results

Similar Description - LTC1401C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1401 LINER-LTC1401_15 Datasheet
253Kb / 20P
   Complete SO-8, 12-Bit, 200ksps ADC with Shutdown
LTC1400 LINER-LTC1400_15 Datasheet
371Kb / 20P
   Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
LTC1404 LINER-LTC1404_15 Datasheet
339Kb / 24P
   Complete SO-8, 12-Bit, 600ksps ADC with Shutdown
LTC1400 LINER-LTC1400_1 Datasheet
2Mb / 20P
   Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
LTC1400 LINER-LTC1400 Datasheet
515Kb / 20P
   Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
LTC1404 LINER-LTC1404 Datasheet
455Kb / 24P
   Complete SO-8, 12-Bit, 600ksps ADC with Shutdown
logo
Maxim Integrated Produc...
MAX11100 MAXIM-MAX11100 Datasheet
3Mb / 19P
   16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
MAX11101 MAXIM-MAX11101 Datasheet
3Mb / 19P
   14-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
MAX1162 MAXIM-MAX1162_10 Datasheet
228Kb / 18P
   16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 4/10
logo
List of Unclassifed Man...
ZADCS146 ETC2-ZADCS146_11 Datasheet
579Kb / 26P
   12-Bit, 200ksps, ADC Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com