Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1392I Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1392I
Description  Micropower Temperature, Power Supply and Differential Voltage Monitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1392I Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1392I Datasheet HTML 4Page - Linear Technology LTC1392I Datasheet HTML 5Page - Linear Technology LTC1392I Datasheet HTML 6Page - Linear Technology LTC1392I Datasheet HTML 7Page - Linear Technology LTC1392I Datasheet HTML 8Page - Linear Technology LTC1392I Datasheet HTML 9Page - Linear Technology LTC1392I Datasheet HTML 10Page - Linear Technology LTC1392I Datasheet HTML 11Page - Linear Technology LTC1392I Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LTC1392
System Monitor for Two Supply Voltages and Ambient Temperature
System Monitor for Relative Humidity, Supply Voltage and Ambient Temperature
1
2
3
4
8
7
6
5
VCC
–VIN
+VIN
GND
P1.4
P1.3
P1.2
DIN
DOUT
CLK
CS
LTC1392
5V
OUTPUT
0V TO 1V =
0% TO 100%
0.1
µF
0.1
µF
6
1
2
3
9k*
1k*
8
100pF
MPU
(e.g., 8051)
22M
SENSOR
SENSOR: PANAMETRICS #RHS
500pF AT RH = 76%
1.7pF/%RH
+
LM301A
10k
5V
5V
5V
–5V
–5V
–5V
10k
5%
RH TRIM
0.1
µF
0.1
µF
1392 TA04
1
µF
6
2
3
7
4
+
LT
®1056
0.1
µF
100pF
0.1
µF
0.01
µF
1/4 LTC1043
1/4 LTC1043
1
µF
–5V
1k
1%
LT1004-1.2
500
90%
RH TRIM
470
33k
13
12
14
11
17
16
7
8
0.1
µF
* 1% FILM RESISTOR
TYPICAL APPLICATIONS
1
2
3
4
8
7
6
5
VCC
–VIN
+VIN
GND
P1.4
P1.3
P1.2
DIN
DOUT
CLK
CS
LTC1392
VOUT
3.3V
VCC
–VIN
+VIN
PVCC
G1
M2
0.1
µF
2.5
µH
15A
0.1
µF
LTC1392 • TA03
10
µF
0.1
µF
1N4148
M3
M1, M2, M3:
MOTOROLA MTD20N03HL
M1
5V
G2
SHDN
SHDN
RC
7.5k
CC
4700pF
FB
COMP
GND
10k
TRIMMED TO
VOUT = 3.3V
10k
12k
100pF
LTC1430
MPU
(e.g., 8051)
+
C1
220pF
100k
33k
22
0.1
µF
10
µF
16V
220
µF
10V
×4
CO
330
µF
6.3V
×6
+
+
+


Similar Part No. - LTC1392I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1392 LINER-LTC1392 Datasheet
258Kb / 12P
   Micropower Temperature, Power Supply and Differential Voltage Monitor
logo
Analog Devices
LTC1392 AD-LTC1392 Datasheet
337Kb / 26P
   Quad I2C Voltage, Current and Temperature Monitor
logo
Linear Technology
LTC1392 LINER-LTC1392_15 Datasheet
258Kb / 12P
   Micropower Temperature, Power Supply and Differential Voltage Monitor
More results

Similar Description - LTC1392I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1392 LINER-LTC1392_15 Datasheet
258Kb / 12P
   Micropower Temperature, Power Supply and Differential Voltage Monitor
logo
NXP Semiconductors
NE1619 PHILIPS-NE1619 Datasheet
167Kb / 2P
   Temperature and voltage monitor
August 2008
logo
Linear Technology
LTC2990CMS LINER-LTC2990CMS Datasheet
60Kb / 1P
   TEMPERATURE, VOLTAGE AND CURRENT MONITOR
logo
Texas Instruments
TPS3831 TI1-TPS3831_16 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Power, Supply Voltage Monitor
logo
Zetex Semiconductors
ZM33164-3 ZETEX-ZM33164-3 Datasheet
109Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530_06 Datasheet
143Kb / 5P
   SUPPLY VOLTAGE MONITOR
logo
Diodes Incorporated
ZSM330GTA DIODES-ZSM330GTA Datasheet
416Kb / 5P
   SUPPLY VOLTAGE MONITOR
logo
Zetex Semiconductors
ZSM330 ZETEX-ZSM330 Datasheet
139Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZM33164 ZETEX-ZM33164_06 Datasheet
144Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZM33164 ZETEX-ZM33164 Datasheet
131Kb / 5P
   SUPPLY VOLTAGE MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com