Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMA22 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # P4SMA22
Description  400W, 6.8V - 200V Surface Mount Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

P4SMA22 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  P4SMA22 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd P4SMA22 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd P4SMA22 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd P4SMA22 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd P4SMA22 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd P4SMA22 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Test
Stand-Off
Maximum
Maximum
Maximum
Maximum
Current
Voltage
Reverse Leakage Peak Pulse Clamping Voltage Temperature
IT
VWM
@ VWM
Current IPPM
@ IPPM
Coefficient
Min
Max
(mA)
(V)
ID (μA)
(A) (Note 2)
Vc (V)
of VBR (%/°C)
P4SMA6.8
ADJ
6.12
7.48
10
5.50
1000
38.0
10.8
0.057
P4SMA6.8A
AEJ
6.46
7.14
10
5.80
1000
40.0
10.5
0.057
P4SMA7.5
AFJ
6.75
8.25
10
6.05
500
35.0
11.7
0.061
P4SMA7.5A
AGJ
7.13
7.88
10
6.40
500
37.0
11.3
0.061
P4SMA8.2
AHJ
7.38
9.02
10
6.63
200
33.0
12.5
0.065
P4SMA8.2A
AKJ
7.79
8.61
10
7.02
200
34.0
12.1
0.065
P4SMA9.1
ALJ
8.19
10.00
1.0
7.37
50
30.0
13.8
0.068
P4SMA9.1A
AMJ
8.65
9.55
1.0
7.78
50
31.0
13.4
0.068
P4SMA10
ANJ
9.00
11.00
1.0
8.10
10
28.0
15.0
0.073
P4SMA10A
APJ
9.50
10.50
1.0
8.55
10
29.0
14.5
0.073
P4SMA11
AQJ
9.90
12.10
1.0
8.92
1
26.0
16.2
0.075
P4SMA11A
ARJ
10.50
11.60
1.0
9.40
1
27.0
15.6
0.075
P4SMA12
ASJ
10.80
13.20
1.0
9.72
1
24.0
17.3
0.078
P4SMA12A
ATJ
11.40
12.60
1.0
10.2
1
25.0
16.7
0.078
P4SMA13
AUJ
11.70
14.30
1.0
10.5
1
22.0
19.0
0.081
P4SMA13A
AVJ
12.40
13.70
1.0
11.1
1
23.0
18.2
0.081
P4SMA15
AWJ
13.50
16.50
1.0
12.1
1
19.0
22.0
0.084
P4SMA15A
AXJ
14.30
15.80
1.0
12.8
1
20.0
21.2
0.084
P4SMA16
AYJ
14.40
17.60
1.0
12.9
1
17.8
23.5
0.086
P4SMA16A
AZJ
15.20
16.80
1.0
13.6
1
18.6
22.5
0.086
P4SMA18
BDJ
16.20
19.80
1.0
14.5
1
16.0
26.5
0.088
P4SMA18A
BEJ
17.10
18.90
1.0
15.3
1
16.5
25.5
0.088
P4SMA20
BFJ
18.00
22.00
1.0
16.2
1
14.0
29.1
0.090
P4SMA20A
BGJ
19.00
21.00
1.0
17.1
1
15.0
27.7
0.090
P4SMA22
BHJ
19.80
24.20
1.0
17.8
1
13.0
31.9
0.092
P4SMA22A
BKJ
20.90
23.10
1.0
18.8
1
13.7
30.6
0.092
P4SMA24
BLJ
21.60
26.40
1.0
19.4
1
12.0
34.7
0.094
P4SMA24A
BMJ
22.80
25.20
1.0
20.5
1
12.6
33.2
0.094
P4SMA27
BNJ
24.30
29.70
1.0
21.8
1
10.7
39.1
0.096
P4SMA27A
BPJ
25.70
28.40
1.0
23.1
1
11.0
37.5
0.096
P4SMA30
BQJ
27.00
33.00
1.0
24.3
1
9.6
43.5
0.097
P4SMA30A
BRJ
28.50
31.50
1.0
25.6
1
10.0
41.4
0.097
P4SMA33
BSJ
29.70
36.30
1.0
26.8
1
8.8
47.7
0.098
P4SMA33A
BTJ
31.40
34.70
1.0
28.2
1
9.0
45.7
0.098
P4SMA36
BUJ
32.40
39.60
1.0
29.1
1
8.0
52.0
0.099
P4SMA36A
BVJ
34.20
37.80
1.0
30.8
1
8.4
49.9
0.099
P4SMA39
BWJ
35.10
42.90
1.0
31.6
1
7.4
56.4
0.100
P4SMA39A
BXJ
37.10
41.00
1.0
33.3
1
7.7
53.9
0.100
P4SMA43
BYJ
38.70
47.30
1.0
34.8
1
6.7
61.9
0.101
P4SMA43A
BZJ
40.90
45.20
1.0
36.8
1
7.0
59.3
0.101
P4SMA47
CDJ
42.30
51.70
1.0
38.1
1
6.2
67.8
0.101
P4SMA47A
CEJ
44.70
49.40
1.0
40.2
1
6.4
64.8
0.101
P4SMA51
CFJ
45.90
56.10
1.0
41.3
1
5.7
73.5
0.102
P4SMA51A
CGJ
48.50
53.60
1.0
43.6
1
6.0
70.1
0.102
P4SMA56
CHJ
50.40
61.60
1.0
45.4
1
5.2
80.5
0.103
P4SMA56A
CKJ
53.20
58.80
1.0
47.8
1
5.4
77.0
0.103
Document Number: DS_D1409030
Version: N15
Device
P4SMA SERIES
Taiwan Semiconductor
Device
Marking
Code
Breakdown Voltage
VBR (V)
(Note 1)


Similar Part No. - P4SMA22

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
P4SMA22 WTE-P4SMA22 Datasheet
65Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Nantong Hornby Electron...
P4SMA22 HORNBY-P4SMA22 Datasheet
336Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
P4SMA22 TSC-P4SMA22 Datasheet
73Kb / 4P
   Surface Mount Transient Voltage Suppressor
P4SMA22 TSC-P4SMA22 Datasheet
202Kb / 4P
   400 Watts Surface Mount Transient Voltage Suppressor
logo
Pan Jit International I...
P4SMA22 PANJIT-P4SMA22 Datasheet
109Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P4SMA22

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1.5SMC TSC-1.5SMC_15 Datasheet
192Kb / 7P
   1500W, 6.8V - 200V Surface Mount Transient Voltage Suppressor
P4KE6.8 TSC-P4KE6.8_15 Datasheet
200Kb / 7P
   400W, 6.8V - 440V Transient Voltage Suppressor
logo
Diodes Incorporated
SMAJ18A-13 DIODES-SMAJ18A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ10A-13 DIODES-SMAJ10A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4SMAJ5.0ADF DIODES-P4SMAJ5.0ADF Datasheet
426Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ50CA DIODES-SMAJ50CA_1 Datasheet
81Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 13 - 2
logo
Won-Top Electronics
P4SMAJ WTE-P4SMAJ_06 Datasheet
81Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
SMAJ5 TAITRON-SMAJ5 Datasheet
160Kb / 6P
   400W Surface Mount Transient Voltage Suppressor
logo
Frontier Electronics.
P4SMAJ5.0 FRONTIER-P4SMAJ5.0 Datasheet
135Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SM2615 DIODES-SM2615 Datasheet
146Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com