Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4056-4.2 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4056-4.2
Description  Linear Li-Ion Charger with Termination in ThinSOT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4056-4.2 Datasheet(HTML) 1 Page - Linear Technology

  LTC4056-4.2_15 Datasheet HTML 1Page - Linear Technology LTC4056-4.2_15 Datasheet HTML 2Page - Linear Technology LTC4056-4.2_15 Datasheet HTML 3Page - Linear Technology LTC4056-4.2_15 Datasheet HTML 4Page - Linear Technology LTC4056-4.2_15 Datasheet HTML 5Page - Linear Technology LTC4056-4.2_15 Datasheet HTML 6Page - Linear Technology LTC4056-4.2_15 Datasheet HTML 7Page - Linear Technology LTC4056-4.2_15 Datasheet HTML 8Page - Linear Technology LTC4056-4.2_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC4056-4.2
1
405642f
The LTC
®4056 is a low cost, single-cell, constant-current/
constant-voltage Li-Ion battery charger controller with a
programmable termination timer. When combined with a
few external components, the LTC4056 forms a very small
standalone charger for single cell lithium-ion batteries.
Charge current and charge time are set externally with a
single resistor and capacitor, respectively. The LTC4056
charges to a final float voltage accurate to
±0.6%. Manual
shutdown is accomplished by grounding the TIMER/
SHDN pin, while removing input power automatically puts
the LTC4056 into a sleep mode. Both the shutdown and
sleep modes drain near zero current from the battery; the
shutdown mode reduces supply current to 40
µA.
The output driver is both current limited and thermally
protected to prevent operating outside of safe limits. No
external blocking diode or sense resistor is required. The
LTC4056 also includes low battery charge conditioning
(trickle charging), undervoltage charge current limiting,
automatic recharge and a charge status output.
The LTC4056 is available in a low profile (1mm) 8-lead
SOT-23 (ThinSOT
TM) package.
s
Cellular Telephones
s
Handheld Computers
s
Digital Cameras
s
Charging Docks and Cradles
s
Low Cost and Small Size Chargers
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Standalone Li-Ion Charger with Termination
s
Programmable Termination Timer
s
No Sense Resistor or Blocking Diode Required
s
Suitable for USB-Powered Charging
s
Undervoltage Charge Current Limiting
s
Preset Charge Voltage with
±0.6% Accuracy
s
Programmable Charge Current: 200mA to 700mA
s
Automatic Recharge with Shortened Charge Cycle
s
Self-Protection for Overcurrent/Overtemperature
s
40
µA Supply Current in Shutdown Mode
s
Negligible Battery Drain Current in Shutdown
s
Low Battery Charge Conditioning (Trickle Charging)
s
CHRG Status Output including AC Present
s
PCB Total Solution Area only 75mm2 (700mA)
s
Low Profile (1mm) SOT-23 Package
Linear Li-Ion Charger
with Termination in ThinSOT
VCC
ISENSE
CHRG
VIN
4.5V TO 6.5V
CHARGE
STATUS
DRIVE
TIMER/SHDN
BAT
PROG
GND
4056-4.2 TA01
1-CELL
4.2V Li-Ion
1
µF
1
µF
700mA
ZXT1M322
1.3k
LTC4056
+
ThinSOT is a trademark of Linear Technology Corporation.
VIN (V)
4.40
4.70
4056 TA02
4.50
4.60
800
700
600
500
400
300
200
100
0
4.45
4.55
4.65
4.75
CONSTANT
CURRENT
UNDERVOLTAGE CHARGE
CURRENT LIMITING
UNDERVOLTAGE
LOCKOUT
AT 4.35V
VBAT = 4V
RPROG = 1.3k
ICHG = 700mA
INPUT Z = 100m
VIN Undervoltage Charge
Current Limiting
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LTC4056-4.2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4056-4.2 LINER-LTC4056-4.2 Datasheet
208Kb / 16P
   Linear Li-Ion Charger with Termination in ThinSOT
More results

Similar Description - LTC4056-4.2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4056-4.2 LINER-LTC4056-4.2 Datasheet
208Kb / 16P
   Linear Li-Ion Charger with Termination in ThinSOT
LTC4057-4.2 LINER-LTC4057-4.2_15 Datasheet
154Kb / 12P
   Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4057 LINER-LTC4057 Datasheet
149Kb / 12P
   Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4054L-4.2 LINER-LTC4054L-4.2 Datasheet
191Kb / 16P
   150mA Standalone Linear Li-Ion Battery Charger in ThinSOT
LTC4054L-4.2 LINER-LTC4054L-4.2_15 Datasheet
220Kb / 16P
   150mA Standalone Linear Li-Ion Battery Charger in ThinSOT
LTC4054X-4.2 LINER-LTC4054X-4.2_15 Datasheet
197Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4054-4.2 LINER-LTC4054-4.2_15 Datasheet
197Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4054X LINER-LTC4054X Datasheet
188Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
Eutech Microelectronics...
EUP8054 EUTECH-EUP8054 Datasheet
431Kb / 17P
   Standalone Linear Li-Ion Battery Charger With Thermal Regulation in ThinSOT
logo
SHOUDING Shouding Semic...
SD4054 SHOUDING-SD4054 Datasheet
609Kb / 14P
   600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com