Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3785 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3785
Description  10V, High Efficiency, Synchronous, No RSENSE Buck-Boost Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3785 Datasheet(HTML) 2 Page - Linear Technology

  LTC3785_15 Datasheet HTML 1Page - Linear Technology LTC3785_15 Datasheet HTML 2Page - Linear Technology LTC3785_15 Datasheet HTML 3Page - Linear Technology LTC3785_15 Datasheet HTML 4Page - Linear Technology LTC3785_15 Datasheet HTML 5Page - Linear Technology LTC3785_15 Datasheet HTML 6Page - Linear Technology LTC3785_15 Datasheet HTML 7Page - Linear Technology LTC3785_15 Datasheet HTML 8Page - Linear Technology LTC3785_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC3785

3785fc
The l denotes the specifications which apply over the full operating junction
temperature range, otherwise specifications are at TA = 25°C. VIN = ISVOUT = VDRV = VBST1 = VBST2 = 3.6V, RT = 49.9k, RILSET = 59k.
pin conFiguraTion
absoluTe MaxiMuM raTings
Input Supply Voltage (VIN)......................... –0.3V to 11V
ISVOUT, ISVIN .............................................. –0.3V to 11V
SW1, SW2, ISSW1, ISSW2 Voltage:
DC............................................................. –1V to 11V
Pulsed, <1µs............................................. –2V to 12V
RUN/SS, MODE, CCM, VDRV, VCC Voltages.. –0.3V to 6V
VBST1 Voltage............................................. –0.3V to 16V
With Respect to SW1............................... –0.3V to 6V
VBST2 Voltage............................................. –0.3V to 16V
With Respect to SW2............................... –0.3V to 6V
Peak Driver Output Current < 10µs
(TG1, TG2, BG1, BG2).................................................3A
VCC Average Output Current.................................100mA
Operating Junction Temperature Range
(Note 2)..................................................–40°C to 125°C
Junction Temperature ........................................... 125°C
Storage Temperature Range...................–65°C to 150°C
(Note 1)
24 23 22 21 20 19
7
8
9
TOP VIEW
25
GND
UF PACKAGE
24-LEAD (4mm 4mm) PLASTIC QFN
10 11 12
6
5
4
3
2
1
13
14
15
16
17
18
RUN/SS
VC
FB
VSENSE
ILSET
CCM
ISSW1
BG1
VDRV
BG2
ISSW2
SW2
TJMAX = 125°C, θJA = 40°C/W 1 LAYER BOARD, θJA = 30°C/W 4 LAYER BOARD
EXPOSED PAD (PIN 25) IS GND, MUST BE SOLDERED TO PCB
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Supply
Input Operating Voltage
l
2.7
10
V
Quiescent Current—Burst Mode Operation
VC = 0V, MODE = 3.6V (Note 4)
86
200
µA
Quiescent Current—Shutdown
RUN/SS = 0V, ISVOUT = 3.6V
15
25
µA
Quiescent Current—Active
MODE = 0V (Note 4)
0.8
1.5
mA
Error Amp
Feedback Voltage
(Note 5)
l
1.200
1.225
1.25
V
Feedback Input Current
1
500
nA
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3785EUF#PBF
LTC3785EUF#TRPBF
3785
24-Lead (4mm
× 4mm) Plastic QFN
–40°C to 85°C
LTC3785IUF#PBF
LTC3785IUF#TRPBF
3785
24-Lead (4mm
× 4mm) Plastic QFN
–40°C to 125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3785EUF
LTC3785EUF#TR
3785
24-Lead (4mm
× 4mm) Plastic QFN
–40°C to 85°C
LTC3785IUF
LTC3785IUF#TR
3785
24-Lead (4mm
× 4mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
This product is only offered in trays. For more information go to: http://www.linear.com/packaging/
elecTrical characTerisTics


Similar Part No. - LTC3785_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3785-1 LINER-LTC3785-1 Datasheet
240Kb / 20P
   10V, High Effi ciency, Buck-Boost Controller with Power Good
LTC3785-1 LINER-LTC3785-1 Datasheet
392Kb / 28P
   High Effi ciency, Synchronous, 4-Switch Buck-Boost Controller
LTC3785-1 LINER-LTC3785-1_15 Datasheet
224Kb / 20P
   10V, High Effi ciency, Buck-Boost Controller with Power Good
More results

Similar Description - LTC3785_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3785 LINER-LTC3785 Datasheet
259Kb / 20P
   10V, High Effi ciency, Synchronous, No RSENSE Buck-Boost Controller
LTC3780EG LINER-LTC3780EG Datasheet
556Kb / 30P
   High Efficiency, Synchronous,4-Switch Buck-Boost Controller
LTC3780 LINER-LTC3780_15 Datasheet
629Kb / 30P
   High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LTC3780 LINER-LTC3780 Datasheet
421Kb / 28P
   High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LTC3789 LINER-LTC3789_15 Datasheet
535Kb / 30P
   High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LTC3789 LINER-LTC3789 Datasheet
491Kb / 28P
   High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LTC3780EG-PBF LINER-LTC3780EG-PBF Datasheet
629Kb / 30P
   High Efficiency, Synchronous 4-Switch Buck-Boost Controller
logo
Micrel Semiconductor
MIC2182 MICREL-MIC2182_04 Datasheet
229Kb / 28P
   High-Efficiency Synchronous Buck Controller
logo
Microchip Technology
MIC2182 MICROCHIP-MIC2182 Datasheet
2Mb / 40P
   High-Efficiency Synchronous Buck Controller
09/14/21
logo
Rohm
BD8303MUV ROHM-BD8303MUV_15 Datasheet
1Mb / 27P
   Synchronous Buck-Boost Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com