Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3718 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3718
Description  Low Input Voltage DC/DC Controller for DDR/QDR Memory Termination
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3718 Datasheet(HTML) 4 Page - Linear Technology

  LTC3718_15 Datasheet HTML 1Page - Linear Technology LTC3718_15 Datasheet HTML 2Page - Linear Technology LTC3718_15 Datasheet HTML 3Page - Linear Technology LTC3718_15 Datasheet HTML 4Page - Linear Technology LTC3718_15 Datasheet HTML 5Page - Linear Technology LTC3718_15 Datasheet HTML 6Page - Linear Technology LTC3718_15 Datasheet HTML 7Page - Linear Technology LTC3718_15 Datasheet HTML 8Page - Linear Technology LTC3718_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LTC3718
3718fa
TYPICAL PERFOR A CE CHARACTERISTICS
Boost Converter Oscillator
Frequency vs Temperature
Boost Converter Current Limit
vs Duty Cycle
SHDN Pin Current vs VSHDN
VFB2, Feedback Pin Voltage
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
3718 G01
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0
VIN = 5V
VIN = 1.5V
SHDN PIN VOLTAGE (V)
012345
3718 G02
50
40
30
20
10
0
TA = 25°C
DUTY CYCLE (%)
10
20
30
40
50
60
70
80
3718 G03
1000
900
800
700
600
500
400
300
200
70
°C
25
°C
–40
°C
TEMPERATURE (
°C)
–50
3718 G04
1.25
1.24
1.23
1.22
1.21
1.20
FIGURE 1 CIRCUIT
–25
0
25
50
75
100
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: TJ is calculated from the ambient temperature TA and power
dissipation PD as follows:
LTC3718EG: TJ = TA + (PD • 130°C/W)
Note 3: The LTC3718 is tested in a feedback loop that adjusts VFB1 to
achieve a specified error amplifier output voltage (ITH).
Note 4: The LTC3718 is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 5: Current limit guaranteed by design and/or correlation to static test.
INPUT VOLTAGE (V)
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3718 G06
50.00
49.95
49.90
49.85
49.80
49.75
49.70
49.65
LOAD = 0A
LOAD = 10A
FIGURE 1 CIRCUIT
LOAD = 1A
LOAD CURRENT (A)
100
90
80
70
60
50
40
30
20
10
0
0.01
1
10
100
3718 G05/TA01a
0.1
VIN = 2.5V
VOUT = 1.25V
FIGURE 1 CIRCUIT
Efficiency vs Load Current
VOUT/VIN Tracking Ratio vs Input
Voltage


Similar Part No. - LTC3718_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3718EG LINER-LTC3718EG Datasheet
243Kb / 20P
   Low Input Voltage DC/DC Controller for DDR/QDR Memory Termination
More results

Similar Description - LTC3718_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3718 LINER-LTC3718 Datasheet
243Kb / 20P
   Low Input Voltage DC/DC Controller for DDR/QDR Memory Termination
logo
Artesyn Technologies
PTHXX050Y ARTESYN-PTHXX050Y Datasheet
220Kb / 4P
   DC-DC CONVERTERS Non-isolated DDR/QDR Memory Bus Termination Module
PTHXX060Y ARTESYN-PTHXX060Y Datasheet
232Kb / 4P
   DC-DC CONVERTERS Non-isolated DDR/QDR Memory Bus Termination Module
logo
Linear Technology
LTC3776 LINER-LTC3776 Datasheet
429Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller for DDR/QDR Memory Termination
LTC3776 LINER-LTC3776_15 Datasheet
392Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller for DDR/QDR Memory Termination
LTC3717 LINER-LTC3717_15 Datasheet
266Kb / 20P
   Wide Operating Range, No RSENSE Step-Down Controller for DDR/QDR Memory Termination
LTC3717 LINER-LTC3717 Datasheet
255Kb / 20P
   Wide Operating Range, No RSENSE Step-Down Controller for DDR/QDR Memory Termination
LTC3717-1 LINER-LTC3717-1_15 Datasheet
278Kb / 20P
   Wide Operating Range, No RSENSE Step-Down Controller for DDR/QDR Memory Termination
logo
Richtek Technology Corp...
RT9210 RICHTEK-RT9210 Datasheet
349Kb / 17P
   Dual 5V Synchronous Buck DC-DC PWM Controller for DDR Memory VDDQ and VTT Termination
logo
Linear Technology
LTC3413IFE LINER-LTC3413IFE Datasheet
259Kb / 16P
   3A, 2MHz Monolithic Synchronous Regulator for DDR/QDR Memory Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com