Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTC1386 Datasheet(PDF) 5 Page - Linear Technology

Part No. LTC1386
Description  3.3V Low Power EIA/TIA562 Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LTC1386 Datasheet(HTML) 5 Page - Linear Technology

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LTC1386
Driver Timing Test Load
TEST CIRCUITS
Receiver Timing Test Load
DRIVER
DRIVER
INPUT
3k
51pF
DRIVER
OUTPUT
LTC1386 • TA03
RX
RX INPUT
51pF
RX
OUTPUT
LTC1386 • TA04
ESD Test Circuit
1386 TA05
0.1
µF
0.1
µF
0.1
µF
0.1
µF
LTC1386
1
3
4
5
11
10
12
9
13
8
15
LOGIC INPUT
LOGIC INPUT
LOGIC OUTPUT
LOGIC OUTPUT
16
2
6
14
562 OUTPUT
RS562
LINE PINS
PROTECTED
TO ±10kV
VCC
562 OUTPUT
562 INPUT
562 INPUT
5k
5k
300k
VCC
300k
VCC
7


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn