Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTC1386 Datasheet(PDF) 1 Page - Linear Technology

Part No. LTC1386
Description  3.3V Low Power EIA/TIA562 Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LTC1386 Datasheet(HTML) 1 Page - Linear Technology

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LTC1386
3.3V Low Power
EIA/TIA562 Transceiver
S
FEATURE
DESCRIPTIO
s
Operates from a Single 3.3V Supply
s
Low Supply Current: ICC = 200µA
s
ESD Protection Over
±10kV
s
Available in 16-Pin SOIC Narrow Package
s
Uses Small Capacitors: 0.1
µF
s
Operates to 120kBaud
s
Output Overvoltage Does Not Force Current
Back into Supplies
s
EIA/TIA562 I/O Lines Can Be Forced to
±25V
Without Damage
s
Pin Compatible with LT1181A
The LTC1386 is an ultra-low power 2-driver/2-receiver
EIA/TIA562 transceiver that operates from a single
3.3V supply. The charge pump requires only four
space-saving 0.1
µF capacitors. The supply current
(ICC) of the transceiver is only 200µA with driver out-
puts unloaded.
The LTC1386 is fully compliant with all data rate and
overvoltage EIA/TIA562 specifications. The transceiver
can operate up to 120kbaud with a 1000pF, 3k
Ω load.
Both driver outputs and receiver inputs can be forced to
±25V without damage and can survive multiple ±10kV
ESD strikes.
S
APPLICATI
s
Notebook Computers
s
Palmtop Computers
APPLICATI
TYPICAL
Quiescent Supply Current vs Temperature
LTC1386 • TA01
LTC1386
1
3
0.1
µF
16
VCC = 3.3V
2
0.1
µF
6
0.1
µF
0.1
µF
4
5
562 OUTPUT
14
7
562 OUTPUT
13
562 INPUT
5k
8
562 INPUT
15
11
10
12
9
LOGIC INPUT
LOGIC INPUT
LOGIC OUTPUT
LOGIC OUTPUT
5k
300k
VCC
300k
VCC
TEMPERATURE (°C)
–20
0
100
200
300
400
600
0
20
40
60
LTC1386 • TA02
80
500
TEST CONDITION: VCC = 3.3V
QUIESCENT
CURRENT


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn