Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3901 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3901
Description  Secondary Side Synchronous Driver for Push-Pull and Full-Bridge Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3901 Datasheet(HTML) 4 Page - Linear Technology

  LTC3901_15 Datasheet HTML 1Page - Linear Technology LTC3901_15 Datasheet HTML 2Page - Linear Technology LTC3901_15 Datasheet HTML 3Page - Linear Technology LTC3901_15 Datasheet HTML 4Page - Linear Technology LTC3901_15 Datasheet HTML 5Page - Linear Technology LTC3901_15 Datasheet HTML 6Page - Linear Technology LTC3901_15 Datasheet HTML 7Page - Linear Technology LTC3901_15 Datasheet HTML 8Page - Linear Technology LTC3901_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC3901
4
3901f
TYPICAL PERFOR A CE CHARACTERISTICS
SYNC Negative Threshold vs
Temperature
Propagation Delay vs VCC
Propagation Delay vs
Temperature
Propagation Delay vs CLOAD
Rise/Fall Time vs VCC
Rise/Fall Time vs Temperature
Rise/Fall Time vs Load
Capacitance
Undervoltage Lockout Threshold
Voltage vs Temperature
TEMPERATURE (°C)
–50
100
3901 G07
050
–1.0
–1.1
–1.2
–1.3
–1.4
–1.5
–1.6
–1.7
–1.8
–25
25
75
125
VCC (V)
4
10
3901 G08
68
120
110
100
90
80
70
60
50
40
57
9
11
TEMPERATURE (°C)
–50
100
3901 G09
050
–25
25
75
125
CLOAD (nF)
12
3
10
3901 G10
45
6
7
9
8
50
45
40
35
30
25
20
15
10
5
0
50
45
40
35
30
25
20
15
10
5
0
3901 G11
TEMPERATURE (°C)
3901 G12
TA = 25°C
CLOAD = 4.7nF
TA = 25°C
CLOAD = 4.7nF
TA = 25°C
VCC = 5V
VCC = 5V
CLOAD = 4.7nF
VCC = 5V
CLOAD = 4.7nF
VCC = 5V, 11V
SYNC TO ME
SYNC TO MF
SYNC TO ME
SYNC TO MF
SYNC TO ME
SYNC TO MF
120
110
100
90
80
70
60
50
40
120
110
100
90
80
70
60
50
40
VCC (V)
410
68
57
9
11
FALL TIME
FALL TIME
RISE TIME
RISE TIME
CLOAD (nF)
1
02
3
10
45
6
7
9
8
50
45
40
35
30
25
20
15
10
5
0
TA = 25°C
VCC = 5V
FALL TIME
RISE TIME
4.5
4.4
4.3
4.2
4.1
4.0
3.9
3.8
3.7
3.6
3.5
3.4
3.3
3.2
3.1
3.0
3901 G14
3901 G13
TEMPERATURE (°C)
–50
100
050
–25
25
75
125
FALLING EDGE
RISING EDGE
–50
100
050
–25
25
75
125


Similar Part No. - LTC3901_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3901EGN LINER-LTC3901EGN Datasheet
229Kb / 16P
   Secondary Side Synchronous Driver for Push-Pull and Full-Bridge Converters
More results

Similar Description - LTC3901_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3901 LINER-LTC3901 Datasheet
229Kb / 16P
   Secondary Side Synchronous Driver for Push-Pull and Full-Bridge Converters
logo
Maxim Integrated Produc...
MAX17606 MAXIM-MAX17606 Datasheet
507Kb / 12P
   Secondary-Side Synchronous MOSFET Driver for Flyback Converters
Rev 0; 10/15
logo
ON Semiconductor
FAN6250M6X ONSEMI-FAN6250M6X Datasheet
156Kb / 9P
   Secondary Side Synchronous Rectifier Controller for Flyback Converters
October, 2018 ??Rev. 0
FAN6292CMX ONSEMI-FAN6292CMX Datasheet
235Kb / 14P
   Secondary Side Synchronous Rectifier Controller for Flyback Converters
February, 2019 ??Rev. 1
FAN6241M6X ONSEMI-FAN6241M6X Datasheet
561Kb / 11P
   Secondary Side Synchronous Rectifier Controller for Flyback Converters
March, 2020 ??Rev. 1
NCP4305 ONSEMI-NCP4305 Datasheet
702Kb / 52P
   Secondary Side Synchronous Rectification Driver
June, 2015 ??Rev. 1
logo
Linear Technology
LT8309 LINER-LT8309_15 Datasheet
232Kb / 14P
   Secondary-Side Synchronous Rectifier Driver
logo
ON Semiconductor
NCP4306 ONSEMI-NCP4306 Datasheet
1Mb / 49P
   Secondary Side Synchronous Rectification Driver
December, 2017 ??Rev. 1
FAN6240 ONSEMI-FAN6240 Datasheet
521Kb / 10P
   Secondary-Side Synchronous Rectifier Controller Flyback Converters
July 2016 Rev. 1.0
logo
STMicroelectronics
L293C STMICROELECTRONICS-L293C Datasheet
74Kb / 5P
   PUSH-BRIDGE DRIVER PUSH-PULL FOUR CHANNEL/DUAL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com