Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3831 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3831
Description  High Power Synchronous Switching Regulator Controller for DDR Memory Termination
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3831 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3831_15 Datasheet HTML 3Page - Linear Technology LTC3831_15 Datasheet HTML 4Page - Linear Technology LTC3831_15 Datasheet HTML 5Page - Linear Technology LTC3831_15 Datasheet HTML 6Page - Linear Technology LTC3831_15 Datasheet HTML 7Page - Linear Technology LTC3831_15 Datasheet HTML 8Page - Linear Technology LTC3831_15 Datasheet HTML 9Page - Linear Technology LTC3831_15 Datasheet HTML 10Page - Linear Technology LTC3831_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC3831
7
3831fb
PIN FUNCTIONS
BLOCK DIAGRAM
FREQSET (Pin 11): Frequency Set. Use this pin to adjust
the free-running frequency of the internal oscillator. With
the pin floating, the oscillator runs at about 200kHz. A
resistor from FREQSET to ground speeds up the oscillator;
a resistor to VCC slows it down.
IMAX (Pin 12): Current Limit Threshold Set. IMAX sets the
threshold for the internal current limit comparator. If IFB
drops below IMAX with TG on, the LTC3831 goes into cur-
rent limit. IMAX has an internal 12μA pull-down to GND.
Connect this pin to the main VIN supply at the drain of
Q1, through an external resistor to set the current limit
threshold. Connect a 0.1μF decoupling capacitor across
this resistor to filter switching noise.
IFB (Pin 13): Current Limit Sense. Connect this pin to the
switching node at the source of Q1 and the drain of Q2
through a 1k resistor. The 1k resistor is required to prevent
voltage transients from damaging IFB.This pin is used
for sensing the voltage drop across the upper N-channel
MOSFET, Q1.
VCC (Pin 14): Power Supply Input. All low power internal
circuits draw their supply from this pin. This pin requires
a 4.7μF bypass capacitor to GND.
PVCC2 (Pin 15): Power Supply Input for BG. Connect this
pin to the main high power supply.
BG (Pin 16): Bottom Driver Output . Connect this pin to
the gate of the lower N-channel MOSFET, Q2. This output
swings from PGND to PVCC2.ItremainslowwhenTGishigh
or during shutdown mode. To prevent output undershoot
during a soft-start cycle, BG is held low until TG first goes
high (FFBG in the Block Diagram).
2.2V
QC
1.2V
+
+
+
R
S
PVCC1
TG
PVCC2
BG
PGND
R+
R
FB
24k
24k
750Ω
750Ω
VREF + 3%
3830 BD
Q
Q
PWM
QSS
VREF
VREF – 3%
VREF + 3%
MAX
MIN
ERR
12μA
INTERNAL
OSCILLATOR
100μs DELAY
SHDN
FREQSET
COMP
SS
POWER DOWN
DISABLE GATE DRIVE
LOGIC AND
THERMAL SHUTDOWN
+
CC
12μA
DISABLE
ILIM
IMAX
IFB
VREF
VREF – 3%
GND
VCC
R
S
ENABLE
BG
Q
POR
FFBG
+
PVCC1
VCC1 + 2.5V
V


Similar Part No. - LTC3831_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3831-1 LINER-LTC3831-1 Datasheet
268Kb / 20P
   High Power Synchronous Switching Regulator Controller for DDR Memory Termination
LTC3831-1 LINER-LTC3831-1_15 Datasheet
274Kb / 20P
   High Power Synchronous Switching Regulator Controller for DDR Memory Termination
More results

Similar Description - LTC3831_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3831 LINER-LTC3831 Datasheet
236Kb / 20P
   High Power Synchronous Switching Regulator Controller for DDR Memory Termination
LTC3831-1 LINER-LTC3831-1_15 Datasheet
274Kb / 20P
   High Power Synchronous Switching Regulator Controller for DDR Memory Termination
LTC3831-1 LINER-LTC3831-1 Datasheet
268Kb / 20P
   High Power Synchronous Switching Regulator Controller for DDR Memory Termination
logo
ON Semiconductor
NCP51198 ONSEMI-NCP51198 Datasheet
111Kb / 9P
   DDR Memory Termination Regulator
April, 2015 ??Rev. 3
logo
Exar Corporation
XRP6142EL2-0-F EXAR-XRP6142EL2-0-F Datasheet
732Kb / 17P
   Synchronous Step-Down Controller with DDR Memory Termination
logo
Linear Technology
LTC3413 LINER-LTC3413 Datasheet
243Kb / 16P
   3A, 2MHz Monolithic Synchronous Regulator for DDR/QDR Memory Termination
LTC3413 LINER-LTC3413_15 Datasheet
259Kb / 16P
   3A, 2MHz Monolithic Synchronous Regulator for DDR/QDR Memory Termination
LTC3413IFE LINER-LTC3413IFE Datasheet
259Kb / 16P
   3A, 2MHz Monolithic Synchronous Regulator for DDR/QDR Memory Termination
logo
ON Semiconductor
NCP51190 ONSEMI-NCP51190 Datasheet
152Kb / 8P
   1.5A DDR Memory Termination Regulator
May, 2013 ??Rev. 0
NCP51190 ONSEMI-NCP51190_17 Datasheet
113Kb / 9P
   1.5A DDR Memory Termination Regulator
January, 2017 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com