Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3568 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3568
Description  1.8A, 4MHz, Synchronous Step-Down DC/DC Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3568 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3568_15 Datasheet HTML 2Page - Linear Technology LTC3568_15 Datasheet HTML 3Page - Linear Technology LTC3568_15 Datasheet HTML 4Page - Linear Technology LTC3568_15 Datasheet HTML 5Page - Linear Technology LTC3568_15 Datasheet HTML 6Page - Linear Technology LTC3568_15 Datasheet HTML 7Page - Linear Technology LTC3568_15 Datasheet HTML 8Page - Linear Technology LTC3568_15 Datasheet HTML 9Page - Linear Technology LTC3568_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
LTC3568

3568fa
pin FuncTions
SHDN/RT (Pin 1): Combination Shutdown and Timing
Resistor Pin. The oscillator frequency is programmed by
connecting a resistor from this pin to ground. Forcing
this pin to SVIN causes the device to be shut down. In
shutdown all functions are disabled.
SYNC/MODE(Pin2): Combination Mode Selection and
Oscillator Synchronization Pin. This pin controls the op-
eration of the device. When tied to SVIN or SGND, Burst
Mode operation or pulse skipping mode is selected,
respectively. If this pin is held at half of SVIN, the forced
continuous mode is selected. The oscillation frequency
can be syncronized to an external oscillator applied to
this pin. When synchronized to an external clock pulse
skip mode is selected.
SGND (Pin 3): The Signal Ground Pin. All small signal
componentsandcompensationcomponentsshouldbecon-
nected to this ground (see Board Layout Considerations).
SW(Pin4): The Switch Node Connection to the Inductor.
This pin swings from PVIN to PGND.
PGND(Pin5): Main Power Ground Pin. Connect to the
(–) terminal of COUT, and (–) terminal of CIN.
PVIN(Pin6): Main Supply Pin. Must be closely decoupled
to PGND.
SVIN(Pin7): The Signal Power Pin. All active circuitry
is powered from this pin. Must be closely decoupled to
SGND. SVIN must be greater than or equal to PVIN.
PGOOD(Pin8): The Power Good Pin. This common drain
logic output is pulled to SGND when the output voltage is
not within ±7.5% of regulation.
VFB(Pin9): Receives the feedback voltage from the ex-
ternal resistive divider across the output. Nominal voltage
for this pin is 0.8V.
ITH(Pin10): Error Amplifier Compensation Point. The
current comparator threshold increases with this control
voltage. Nominal voltage range for this pin is 0V to 1.5V.
GND (Exposed Pad Pin 11): Thermal Ground. Con-
nect to SGND and solder to the PCB for rated thermal
performance.
block DiagraM
+
8
9
+
+
+
0.74V
0.8V
ERROR
AMPLIFIER
VB
BURST
COMPARATOR
HYSTERESIS = 80mV
BCLAMP
NMOS
COMPARATOR
PMOS CURRENT
COMPARATOR
REVERSE
COMPARATOR
0.86V
5
SW
4
PGOOD
10
ITH
VFB
1
SHDN/RT
2
SYNC/MODE
3568 BD
6
PVIN
3
SGND
7
SVIN
SLOPE
COMPENSATION
VOLTAGE
REFERENCE
OSCILLATOR
LOGIC
ITH
LIMIT
+
+
+
PGND


Similar Part No. - LTC3568_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3568EDD LINER-LTC3568EDD Datasheet
231Kb / 16P
   1.8A, 4MHz, Synchronous Step-Down DC/DC Converter
More results

Similar Description - LTC3568_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3568 LINER-LTC3568 Datasheet
231Kb / 16P
   1.8A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3411 LINER-LTC3411_15 Datasheet
258Kb / 24P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561 LINER-LTC3561_15 Datasheet
238Kb / 16P
   1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565_1 Datasheet
593Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565_12 Datasheet
534Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3411A LINER-LTC3411A Datasheet
625Kb / 20P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3411 LINER-LTC3411 Datasheet
288Kb / 20P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565 Datasheet
599Kb / 20P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565_15 Datasheet
812Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561A LINER-LTC3561A_15 Datasheet
361Kb / 20P
   1A, 4MHz, Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com