Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1349I Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1349I
Description  5V Low Power RS232 3-Driver/5-Receiver Transceiver with 2 Receivers Active in SHUTDOWN
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1349I Datasheet(HTML) 4 Page - Linear Technology

  LTC1349I Datasheet HTML 1Page - Linear Technology LTC1349I Datasheet HTML 2Page - Linear Technology LTC1349I Datasheet HTML 3Page - Linear Technology LTC1349I Datasheet HTML 4Page - Linear Technology LTC1349I Datasheet HTML 5Page - Linear Technology LTC1349I Datasheet HTML 6Page - Linear Technology LTC1349I Datasheet HTML 7Page - Linear Technology LTC1349I Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LTC1349
VCC: 5V Input Supply Pin. Supply current is typically 35µA
in the SHUTDOWN mode. This pin should be decoupled
with a 0.1
µF ceramic capacitor.
GND: Ground Pin.
ON/OFF: TTL/CMOS Compatible SHUTDOWN Pin. A logic
low puts the device in SHUTDOWN mode, with receivers
4 and 5 kept alive and the supply current equal to 35
µA. All
driver outputs and other receiver outputs are in high
impedance state. This pin can not float.
V+: Positive Supply Output (RS232 Drivers). V+
≅ 2VCC
1V. This pin requires an external capacitor C = 0.1
µF for
charge storage. The capacitor may be tied to ground or 5V.
TYPICAL PERFOR A CE CHARACTERISTICS
VCC Supply Current
Driver Short-Circuit Current
Driver Leakage in SHUTDOWN
TEMPERATURE (°C)
0
60
20
16
14
12
10
8
6
4
2
0
LTC1349 • TPC04
20
70
10
30
40
50
3 DRIVERS LOADED
RL = 3k
1 DRIVER LOADED
RL = 3k
TEMPERATURE (°C)
0
60
45
40
35
30
25
20
15
10
5
0
LTC1349 • TPC05
20
70
10
30
40
50
VOUT = –20V
VOUT = 20V
TEMPERATURE (°C)
–40
0
4
8
10
12
40
20
LTC1349 • TPC06
6
080
14
16
18
–20
60
20
100
ISC
+
ISC
Receiver Short-Circuit Current
Receiver Output Waveforms
Driver Output Waveforms
TEMPERATURE (°C)
–40
10
30
60
0
40
60
LTC1349 • TPC07
20
50
40
–20
20
80
100
ISC
ISC
+
DRIVER
OUTPUT
RL = 3k
DRIVER
OUTPUT
RL = 3k
CL = 2500pF
INPUT
RECEIVER
OUTPUT
CL = 2500pF
INPUT
LTC1349 • TPC08
LTC1349 • TPC09
PI FU CTIO S
With multiple devices, the V + and V pins may be paral-
leled into common capacitors. For large numbers of de-
vices, increasing the size of the shared common storage
capacitors is recommended to reduce ripple.
V: Negative Supply Output (RS232 Drivers). V
≅ 2VCC
1.5V. This pin requires an external capacitor C = 0.1
µF for
charge storage.
C1+, C1, C2+, C2: Commutating Capacitor Inputs. These
pins require two external capacitors C = 0.1
µF: one from
C1+ to C1, and another from C2+ to C2. To maintain
charge pump efficiency, the capacitor’s effective series
resistance should be less than 20
Ω.


Similar Part No. - LTC1349I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1349IG LINER-LTC1349IG Datasheet
119Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver with 2 Receivers Active in Shutdown
LTC1349INW LINER-LTC1349INW Datasheet
119Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver with 2 Receivers Active in Shutdown
LTC1349ISW LINER-LTC1349ISW Datasheet
119Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver with 2 Receivers Active in Shutdown
More results

Similar Description - LTC1349I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1349 LINER-LTC1349_15 Datasheet
125Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver with 2 Receivers Active in Shutdown
LTC1349 LINER-LTC1349_1 Datasheet
119Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver with 2 Receivers Active in Shutdown
LTC1347 LINER-LTC1347 Datasheet
221Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver with 5 Receivers Active in Shutdown
LTC1347 LINER-LTC1347_1 Datasheet
119Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver with 5 Receivers Active in Shutdown
LTC1347 LINER-LTC1347_15 Datasheet
125Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver with 5 Receivers Active in Shutdown
LTC1384 LINER-LTC1384 Datasheet
217Kb / 8P
   5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
LTC1384 LINER-LTC1384_1 Datasheet
120Kb / 8P
   5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
LTC1384 LINER-LTC1384_15 Datasheet
126Kb / 8P
   5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
LTC1384IG LINER-LTC1384IG Datasheet
115Kb / 8P
   5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
LT1341 LINER-LT1341_15 Datasheet
227Kb / 8P
   5V RS232 Transceiver with One Receiver Active in Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com