Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3411A Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3411A
Description  1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3411A Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3411A_15 Datasheet HTML 2Page - Linear Technology LTC3411A_15 Datasheet HTML 3Page - Linear Technology LTC3411A_15 Datasheet HTML 4Page - Linear Technology LTC3411A_15 Datasheet HTML 5Page - Linear Technology LTC3411A_15 Datasheet HTML 6Page - Linear Technology LTC3411A_15 Datasheet HTML 7Page - Linear Technology LTC3411A_15 Datasheet HTML 8Page - Linear Technology LTC3411A_15 Datasheet HTML 9Page - Linear Technology LTC3411A_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LTC3411A
6
3411afd
For more information www.linear.com/LTC3411A
Typical perForMance characTerisTics T
A = 25°C, VIN = 3.6V fO = 1MHz, unless
otherwise noted.
VIN = 3.6V
VOUT = 1.8V
ILOAD = 80mA
SW
2V/DIV
VOUT
50mV/DIV
AC COUPLED
IL
200mA/DIV
3411A G19
2µs/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 0A
SHDN/RT
2V/DIV
VOUT
1V/DIV
IL
1A/DIV
3411A G20
200µs/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 1.25A
SHDN/RT
2V/DIV
VOUT
1V/DIV
IL
1A/DIV
3411A G21
200µs/DIV
Forced Continuous Mode
Start-Up from Shutdown
Start-Up from Shutdown
VIN = 3.6V
PREBIASED VOUT = 3V, VOUT = 1.8V
ILOAD = 0A
VOUT
1V/DIV
IL
500mA/DIV
3411A G22
200µs/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 0A to 1.25A
Burst Mode OPERATION
VOUT
100mV/DIV
AC COUPLED
IL
1A/DIV
ILOAD
1A/DIV
3411A G23
40µs/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 50mA to 1.25A
Burst Mode OPERATION
VOUT
100mV/DIV
AC COUPLED
IL
1A/DIV
ILOAD
1A/DIV
3411A G24
40µs/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 250mA to 1.25A
Burst Mode OPERATION
VOUT
100mV/DIV
AC COUPLED
IL
1A/DIV
ILOAD
1A/DIV
3411A G25
40µs/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 0A
VOUT
1V/DIV
IL
2A/DIV
3411A G26
40µs/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 0A
VOUT
1V/DIV
IL
500mA/DIV
3411A G27
40µs/DIV
Start-Up from Shutdown with
a Prebiased Output (Forced
Continuous Mode)
Load Step
Load Step
Load Step
VOUT Short to Ground
VOUT Short to VIN (Forced
Continuous Mode)


Similar Part No. - LTC3411A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3411AEDD-PBF LINER-LTC3411AEDD-PBF Datasheet
625Kb / 20P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3411AEDD-TRPBF LINER-LTC3411AEDD-TRPBF Datasheet
625Kb / 20P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3411AEMS-PBF LINER-LTC3411AEMS-PBF Datasheet
625Kb / 20P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3411AEMS-TRPBF LINER-LTC3411AEMS-TRPBF Datasheet
625Kb / 20P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3411AIDD-PBF LINER-LTC3411AIDD-PBF Datasheet
625Kb / 20P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
More results

Similar Description - LTC3411A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3411A LINER-LTC3411A Datasheet
625Kb / 20P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3411 LINER-LTC3411 Datasheet
288Kb / 20P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565 Datasheet
599Kb / 20P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565_15 Datasheet
812Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3411 LINER-LTC3411_15 Datasheet
258Kb / 24P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565_1 Datasheet
593Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565_12 Datasheet
534Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561 LINER-LTC3561_15 Datasheet
238Kb / 16P
   1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3568 LINER-LTC3568 Datasheet
231Kb / 16P
   1.8A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3568 LINER-LTC3568_15 Datasheet
310Kb / 18P
   1.8A, 4MHz, Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com