Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC114YE Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # DTC114YE
Description  NPN Small Signal Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

DTC114YE Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  DTC114YE Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd DTC114YE Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd DTC114YE Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd DTC114YE Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DTC114 YCA/YSA/YE/YUA
Taiwan Semiconductor
Small Signal Product
PART NO.
DTC114YE
DTC114YUA
DTC114YCA
Note 1: Part No. Suffix „-xx “ would be used for special requirement
PART NO.
Document Number: DS_S1412025
Version: B14
DTC114YSA
A3
TO-92S
3K / Box (Ammo)
ORDERING INFORMATION
PART NO.
SUFFIX (Note 1)
PACKING CODE
PACKING CODE
SUFFIX
PACKAGE
PACKING
RS
G
SOT-523
3K / 7" Reel
RV
SOT-323
3K / 7" Reel
RU
SOT-23
3K / 7" Reel
B3
10K / Box (Bulk)
EXAMPLE
PREFERRED
PART NO.
PART NO.
SUFFIX
PACKING CODE
PACKING CODE
SUFFIX
DESCRIPTION
-xx
DTC114YE RS
DTC114YE
RS
Multiple manufacture
source
DTC114YE RSG
DTC114YE
RS
G
Multiple manufacture
source
Green compound
PIN CONNENCTIONS AND MARKING
DTC114YE-M0 RSG
DTC114YE
M0
RS
G
Defined manufacture
source
Green compound
MARKING: 
C114
Y031 
MARKING: 
64
MARKING: 
64
MARKING: 
64
MARKING(HF): 
C114
Y·031 


Similar Part No. - DTC114YE

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DTC114YE MOTOROLA-DTC114YE Datasheet
144Kb / 6P
   CASE 463-01, STYLE 1 SOT-416/SC-90
logo
Shenzhen Jin Yu Semicon...
DTC114YE HTSEMI-DTC114YE Datasheet
332Kb / 2P
   DIGITAL TRANSISTOR (NPN)
logo
SeCoS Halbleitertechnol...
DTC114YE SECOS-DTC114YE Datasheet
253Kb / 2P
   NPN Digital Transistors (Built-in Resistors)
logo
Rohm
DTC114YE ROHM-DTC114YE Datasheet
89Kb / 4P
   Digital transistors (built-in resistors)
logo
SeCoS Halbleitertechnol...
DTC114YE SECOS-DTC114YE Datasheet
228Kb / 2P
   NPN Digital Transistors (Built-in Resistors)
More results

Similar Description - DTC114YE

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
DTC144 TSC-DTC144 Datasheet
201Kb / 2P
   NPN Small Signal Transistor Small Signal Diode
DTC143 TSC-DTC143 Datasheet
178Kb / 2P
   NPN Small Signal Transistor Small Signal Diode
DTC113 TSC-DTC113 Datasheet
201Kb / 2P
   NPN Small Signal Transistor Small Signal Diode
DTC114 TSC-DTC114 Datasheet
434Kb / 3P
   NPN Small Signal Transistor Small Signal Diode
logo
STMicroelectronics
MMBT3904 STMICROELECTRONICS-MMBT3904 Datasheet
58Kb / 4P
   SMALL SIGNAL NPN TRANSISTOR
PN2222A STMICROELECTRONICS-PN2222A Datasheet
65Kb / 6P
   SMALL SIGNAL NPN TRANSISTOR
logo
Transys Electronics
2N4124 TRSYS-2N4124 Datasheet
124Kb / 1P
   NPN SMALL SIGNAL TRANSISTOR
logo
Rohm
BCX19T116 ROHM-BCX19T116 Datasheet
155Kb / 3P
   NPN small signal transistor
logo
Taiwan Semiconductor Co...
DTC143XM TSC-DTC143XM Datasheet
201Kb / 2P
   NPN Small Signal Transistor
logo
American Microsemicondu...
2N5320 AMMSEMI-2N5320 Datasheet
656Kb / 3P
   Small Signal NPN Transistor
logo
General Semiconductor
BCX70 GE-BCX70 Datasheet
55Kb / 3P
   Small Signal Transistor (NPN)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com