Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2955 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2955
Description  Pushbutton On/Off Controller with Automatic Turn-On
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2955 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2955_15 Datasheet HTML 3Page - Linear Technology LTC2955_15 Datasheet HTML 4Page - Linear Technology LTC2955_15 Datasheet HTML 5Page - Linear Technology LTC2955_15 Datasheet HTML 6Page - Linear Technology LTC2955_15 Datasheet HTML 7Page - Linear Technology LTC2955_15 Datasheet HTML 8Page - Linear Technology LTC2955_15 Datasheet HTML 9Page - Linear Technology LTC2955_15 Datasheet HTML 10Page - Linear Technology LTC2955_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC2955
7
2955f
BLOCK DIAGRAM
2955 BD
VIN
PB
ON
ON
OFF
*DFN ONLY
TMR
SEL*
GND
VLDO
REGULATOR
VLDO ≈ 5.2V
VLDO
2μA
EN CONTROL
900k
0.8V
0.8V
0.8V
0.8V
KILL
INT
PGD*
+
OSCILLATOR
f = 1kHz
OSCILLATOR
DEBOUNCE
LOGIC
2μA
(2955-1)
EN
EN CONTROL
LTC2955-1
VIN
(2955-2)
EN
EN CONTROL
LTC2955-2
900k
VLDO


Similar Part No. - LTC2955_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2955 LINER-LTC2955 Datasheet
224Kb / 6P
   Pushbutton On/Off Controller with Automatic Turn-On
logo
Analog Devices
LTC2955 AD-LTC2955 Datasheet
1Mb / 22P
   Micropower Hot Swap Controller
LTC2955 AD-LTC2955 Datasheet
1Mb / 22P
   100V UV/OV and Reverse Protection Controller with Bidirectional Circuit Breaker
More results

Similar Description - LTC2955_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2955 LINER-LTC2955 Datasheet
224Kb / 6P
   Pushbutton On/Off Controller with Automatic Turn-On
LTC2950CDDB-2 LINER-LTC2950CDDB-2 Datasheet
189Kb / 18P
   Pushbutton On/Off Controller
LTC2951-1 LINER-LTC2951-1_15 Datasheet
1Mb / 20P
   Pushbutton On/Off Controller
LTC2951-2 LINER-LTC2951-2_15 Datasheet
1Mb / 20P
   Pushbutton On/Off Controller
LTC2950-1 LINER-LTC2950-1_15 Datasheet
232Kb / 18P
   Pushbutton On/Off Controller
LTC2950CTS8-2 LINER-LTC2950CTS8-2 Datasheet
189Kb / 18P
   Pushbutton On/Off Controller
LTC2954 LINER-LTC2954_15 Datasheet
452Kb / 18P
   Pushbutton On/Off Controller with P Interrupt
logo
Analog Devices
MAX16169 AD-MAX16169 Datasheet
528Kb / 13P
   nanoPower Pushbutton On/Off Controller and Battery Freshness Seal
19-101732; Rev 0; 11/23
logo
Maxim Integrated Produc...
MAX16150 MAXIM-MAX16150 Datasheet
713Kb / 17P
   nanoPower Pushbutton On/Off Controller and Battery Freshness Seal
2021
logo
Linear Technology
LTC2951-1 LINER-LTC2951-1 Datasheet
217Kb / 16P
   Push Button On/Off Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com