Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1345 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1345
Description  Single Supply V.35 Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1345 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1345 Datasheet HTML 4Page - Linear Technology LTC1345 Datasheet HTML 5Page - Linear Technology LTC1345 Datasheet HTML 6Page - Linear Technology LTC1345 Datasheet HTML 7Page - Linear Technology LTC1345 Datasheet HTML 8Page - Linear Technology LTC1345 Datasheet HTML 9Page - Linear Technology LTC1345 Datasheet HTML 10Page - Linear Technology LTC1345 Datasheet HTML 11Page - Linear Technology LTC1345 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC1345
APPLICATIONS INFORMATION
Figure 8. Complete Single 5V V.35 Interface
4
1
µF
VCC1
5V
21
1
µF
1
µF1µF
1
µF
28
27
3
6
1
2
26
25
12
P
S
U
W
Y
X
V
T
R
12
11
18
17
1
µF
DX
LTC1345
LTC1345
BI
627T500/
1250
(SOIC)
BI
627T500/
1250
(SOIC)
28
VCC2
5V
12
4
3
27
1
µF
RX
T
TXD (103)
SCTE (113)
TXC (114)
RXC (115)
RXD (104)
GND (102)
CABLE SHIELD
T
7
3
AA
P
S
U
W
Y
X
V
T
R
BB
AA
AA
4
24
23
10
13
9
16
15
DX
RX
T
T
11
14
13
20
19
1
6
2
26
25
T
T
12
12
11
18
17
10
14
8
9
3
7
4
24
23
T
T
H
H
8
13
10
9
16
15
7
5
5
7
5
8
6
22
21
T
T
RX
RX
RX
VCC1
10
14
9
VCC2
DTR (108)
DX
DX
DX
4
0.2
µF
3
22
0.2
µF
0.2
µF
0.2
µF
0.1
µF
23
24
1
2
21
0.1
µF
LT1134A
LT1134A
43
22
0.1
µF
23
24
1
0.1
µF
19
13
13
LTC1345 • TA08
50
=
125
T
50
DX
DX
17
DX
15
DX
20
RX
18
RX
16
RX
14
5
7
9
11
6
8
10
12
20
18
16
14
21
19
17
15
6
8
10
12
5
7
9
11
RX
RX
RX
RX
RX
DX
DX
DX
DX
C
C
RTS (105)
E
E
DSR (107)
D
D
CTS (106)
F
F
DCD (109)
NN
NN
TM (142)
N
N
RDL (140)
L
L
LLB (141)
ISO 2593
34-PIN DTE/DCE
INTERFACE CONNECTOR
ISO 2593
34-PIN DTE/DCE
INTERFACE CONNECTOR
1
µF
DTE
DCE


Similar Part No. - LTC1345

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1345 LINER-LTC1345 Datasheet
218Kb / 12P
   Single Supply V.35 Transceiver
LTC1345 LINER-LTC1345_15 Datasheet
218Kb / 12P
   Single Supply V.35 Transceiver
More results

Similar Description - LTC1345

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1345 LINER-LTC1345_15 Datasheet
218Kb / 12P
   Single Supply V.35 Transceiver
logo
Exar Corporation
XR-T3590 EXAR-XR-T3590 Datasheet
689Kb / 16P
   SINGLE CHIP V.35 TRANSCEIVER
XR-T3591 EXAR-XR-T3591 Datasheet
690Kb / 16P
   SINGLE CHIP V.35 TRANSCEIVER
XRT3591 EXAR-XRT3591 Datasheet
354Kb / 16P
   SINGLECHIP V. 35 TRANSCEIVER
logo
Sipex Corporation
SP322 SIPEX-SP322 Datasheet
438Kb / 13P
   Programmable V.11/V.35 Transceiver
SP322 SIPEX-SP322_05 Datasheet
352Kb / 13P
   Programmable V.11/V.35 Transceiver
SP322 SIPEX-SP322 Datasheet
318Kb / 14P
   Programmable V.11/V.35 Transceiver
logo
Linear Technology
LTC1324 LINER-LTC1324 Datasheet
241Kb / 8P
   Single Supply LocalTalk Transceiver
LTC1324 LINER-LTC1324_15 Datasheet
161Kb / 8P
   Single Supply LocalTalk Transceiver
LTC1346A LINER-LTC1346A Datasheet
316Kb / 12P
   10Mbps DCE/DTE V.35 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com