Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2640 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2640
Description  Single 12-/10-/8-Bit SPI VOUT DACs with 10ppm/C Reference
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2640 Datasheet(HTML) 2 Page - Linear Technology

  LTC2640_15 Datasheet HTML 1Page - Linear Technology LTC2640_15 Datasheet HTML 2Page - Linear Technology LTC2640_15 Datasheet HTML 3Page - Linear Technology LTC2640_15 Datasheet HTML 4Page - Linear Technology LTC2640_15 Datasheet HTML 5Page - Linear Technology LTC2640_15 Datasheet HTML 6Page - Linear Technology LTC2640_15 Datasheet HTML 7Page - Linear Technology LTC2640_15 Datasheet HTML 8Page - Linear Technology LTC2640_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC2640
2
2640fc
For more information www.linear.com/LTC2640
aBsolute maximum ratings
Supply Voltage (VCC) ................................... –0.3V to 6V
CLR, CS/LD, REF_SEL, SCK, SDI ................. –0.3V to 6V
VOUT, REF .........................–0.3V to Min(VCC + 0.3V, 6V)
Operating Temperature Range
LTC2640C................................................ 0°C to 70°C
LTC2640I .............................................–40°C to 85°C
LTC2640H (Note 3)............................ –40°C to 125°C
(Notes 1, 2)
CS/LD 1
SCK 2
SDI 3
GND 4
8 CLR
7 VOUT
6 REF
5 VCC
TOP VIEW
TS8 PACKAGE
8-LEAD PLASTIC TSOT-23
TJMAX = 150°C (NOTE 6), θJA = 195°C/W
CS/LD 1
SCK 2
SDI 3
GND 4
8 REF_SEL
7 VOUT
6 REF
5 VCC
TOP VIEW
TS8 PACKAGE
8-LEAD PLASTIC TSOT-23
TJMAX = 150°C (NOTE 6), θJA = 195°C/W
pin conFiguration
Maximum Junction Temperature .......................... 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)...................300°C
LTC2640-Z
LTC2640-M


Similar Part No. - LTC2640_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2640ACTS8-HM10 LINER-LTC2640ACTS8-HM10 Datasheet
345Kb / 24P
   Single 12-/10-/8-Bit SPI VOUT DACs with 10ppm/째C Reference
LTC2640ACTS8-HM12 LINER-LTC2640ACTS8-HM12 Datasheet
345Kb / 24P
   Single 12-/10-/8-Bit SPI VOUT DACs with 10ppm/째C Reference
LTC2640ACTS8-HM8 LINER-LTC2640ACTS8-HM8 Datasheet
345Kb / 24P
   Single 12-/10-/8-Bit SPI VOUT DACs with 10ppm/째C Reference
LTC2640ACTS8-HZ10 LINER-LTC2640ACTS8-HZ10 Datasheet
345Kb / 24P
   Single 12-/10-/8-Bit SPI VOUT DACs with 10ppm/째C Reference
LTC2640ACTS8-HZ12 LINER-LTC2640ACTS8-HZ12 Datasheet
345Kb / 24P
   Single 12-/10-/8-Bit SPI VOUT DACs with 10ppm/째C Reference
More results

Similar Description - LTC2640_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2632 LINER-LTC2632_15 Datasheet
1Mb / 24P
   Dual 12-/10-/8-Bit SPI VOUT DACs with 10ppm/C Reference
LTC2636 LINER-LTC2636_15 Datasheet
412Kb / 24P
   Octal 12-/10-/8-Bit SPI VOUT DACs with 10ppm/C Reference
LTC2640 LINER-LTC2640 Datasheet
345Kb / 24P
   Single 12-/10-/8-Bit SPI VOUT DACs with 10ppm/째C Reference
LTC2631 LINER-LTC2631_15 Datasheet
404Kb / 28P
   Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2637 LINER-LTC2637_15 Datasheet
436Kb / 28P
   Octal 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2635 LINER-LTC2635_15 Datasheet
531Kb / 32P
   Quad 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2633 LINER-LTC2633_15 Datasheet
588Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2631 LINER-LTC2631 Datasheet
354Kb / 28P
   Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2644 LINER-LTC2644_15 Datasheet
412Kb / 20P
   Dual 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/C Reference
LTC2645 LINER-LTC2645_15 Datasheet
751Kb / 20P
   Quad 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/C Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com