Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS0293L Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RS0293L
Description  SCHOTTKY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RS0293L Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RS0293L_15 Datasheet HTML 1Page - Solid States Devices, Inc RS0293L_15 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0293L
DOC
ELECTRICAL CHARACTERISTICS 1/
Symbol
Max
Unit
Instantaneous Forward Voltage Drop
(IF = 1ADC, TA = 25°C, 300-500 μs Pulse)
SPD5817, SMS
SPD5818, SMS
SPD5819, SMS
VF1
VF2
VF3
0.55
0.65
0.70
Volts
Instantaneous Forward Voltage Drop
(IF = 1ADC, TA = -55°C, 300-500 μs Pulse)
SPD5817, SMS
SPD5818, SMS
SPD5819, SMS
VF4
VF5
VF6
0.57
0.67
0.72
Volts
Reverse Leakage Current
(Rated VR, TA = 25°C, 300 μs minimum Pulse)
IR1
100
µA
Reverse Leakage Current
(Rated VR, TA = 100°C, 300 μs minimum Pulse)
IR2
10
mA
Junction Capacitance
(VR = 5 VDC, TA = 25°C, f = 1 MHz)
CJ
110
pF
SMS CASE OUTLINE:
DIMENSIONS
2/
CODE
MIN.
MAX.
A
.125”
.135”
B
.180”
.235”
C
.022”
.028”
D
.005”
---
LEADED CASE OUTLINE:
DIMENSIONS
2/
CODE
MIN.
MAX.
A
.080”
.107”
B
.155”
.185”
C
1.00”
---
D
.028”
.034”
NOTES: 1/ Part number may have letter ‘V’ preceding ‘SMS’.
2/ Dimensions are prior to solder dipping
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SPD5817 thru SPD5819
SPD5817SMS thru SPD5819SMS
SPD5817VSMS thru SPD5819VSMS


Similar Part No. - RS0293L_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RS0293L SSDI-RS0293L Datasheet
120Kb / 2P
   SCHOTTKY RECTIFIER
More results

Similar Description - RS0293L_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com