Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA144EM Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # DTA144EM
Description  PNP Small Signal Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

DTA144EM Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  DTA144EM_15 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd DTA144EM_15 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd DTA144EM_15 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd DTA144EM_15 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd DTA144EM_15 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DTA144 EM/EE/EUA/ECA/ESA
Taiwan Semiconductor
Small Signal Product
Document Number: DS_S0000013
Version: C15
ORDER INFORMATION (EXAMPLE)
PIN CONNENCTIONS AND MARKING
DTA144EM RMG
Green compound code
Packing code
Part no.
MARKING: 
A144
E041
MARKING (HF): 
A144
E·041


Similar Part No. - DTA144EM_15

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA144EM ROHM-DTA144EM_11 Datasheet
157Kb / 3P
   100mA / -50V Digital transistors
More results

Similar Description - DTA144EM_15

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SOA56 STMICROELECTRONICS-SOA56 Datasheet
35Kb / 4P
   SMALL SIGNAL PNP TRANSISTOR
logo
Taiwan Semiconductor Co...
DTA143ZM TSC-DTA143ZM Datasheet
212Kb / 3P
   PNP Small Signal Transistor
DTC143ZM TSC-DTC143ZM Datasheet
730Kb / 5P
   PNP Small Signal Transistor
DTA123JM TSC-DTA123JM Datasheet
207Kb / 3P
   PNP Small Signal Transistor
logo
Rohm
BCX17 ROHM-BCX17 Datasheet
53Kb / 2P
   PNP small signal transistor
logo
General Semiconductor
MMBT2907A GE-MMBT2907A Datasheet
65Kb / 3P
   Small Signal Transistor (PNP)
logo
Motorola, Inc
MMBA813S2 MOTOROLA-MMBA813S2 Datasheet
26Kb / 1P
   SMALL-SIGNAL PNP TRANSISTOR
logo
Vaishali Semiconductor
MMBT2907A VAISH-MMBT2907A Datasheet
47Kb / 3P
   Small Signal Transistor (PNP)
MMBT4403 VAISH-MMBT4403 Datasheet
46Kb / 3P
   Small Signal Transistor (PNP)
logo
Vishay Siliconix
2N4126 VISHAY-2N4126 Datasheet
159Kb / 4P
   Small Signal Transistor (PNP)
07-May-02
logo
Transys Electronics
2N3906 TRSYS-2N3906 Datasheet
304Kb / 3P
   PNP SMALL SIGNAL TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com