Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA123YE-M0RSG Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # DTA123YE-M0RSG
Description  PNP Small Signal Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

DTA123YE-M0RSG Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  DTA123YE-M0RSG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd DTA123YE-M0RSG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd DTA123YE-M0RSG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd DTA123YE-M0RSG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd DTA123YE-M0RSG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DTA123 YM/YE/YUA/YCA/YSA
Taiwan Semiconductor
Small Signal Product
Min
Max
Min
Max
A
3.90
4.10
0.154
0.161
B
3.25
3.05
0.128
0.120
C
2.20
2.80
0.087
0.110
D
1.62
1.42
0.064
0.056
Min
Max
Min
Max
A
3.90
4.10
0.154
0.161
B
3.05
3.25
0.120
0.128
C
15.10
15.50
0.594
0.610
D
0.35
0.48
0.014
0.019
E
1.42
1.62
0.056
0.064
F
0.66
0.86
0.026
0.034
G
0.36
0.51
0.014
0.020
Document Number: DS_S1412027
Version: C14
DIM.
Unit (mm)
Unit (inch)
TO-92S (Ammo)
DIM.
Unit (mm)
Unit (inch)
TO-92S (Bulk)


Similar Part No. - DTA123YE-M0RSG

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA123YE ROHM-DTA123YE Datasheet
68Kb / 3P
   Digital transistors (built-in resistors)
logo
Jiangsu Changjiang Elec...
DTA123YE JIANGSU-DTA123YE Datasheet
136Kb / 2P
   Digital transistors (built-in resistors)
logo
SeCoS Halbleitertechnol...
DTA123YE SECOS-DTA123YE Datasheet
196Kb / 2P
   PNP Digital Transistors (Built-in Resistors)
logo
Rohm
DTA123YE ROHM-DTA123YE Datasheet
147Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
logo
Shenzhen Jin Yu Semicon...
DTA123YE HTSEMI-DTA123YE Datasheet
455Kb / 2P
   DIGITAL TRANSISTOR(PNP)
More results

Similar Description - DTA123YE-M0RSG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SOA56 STMICROELECTRONICS-SOA56 Datasheet
35Kb / 4P
   SMALL SIGNAL PNP TRANSISTOR
logo
Taiwan Semiconductor Co...
DTA143ZM TSC-DTA143ZM Datasheet
212Kb / 3P
   PNP Small Signal Transistor
DTC143ZM TSC-DTC143ZM Datasheet
730Kb / 5P
   PNP Small Signal Transistor
DTA123JM TSC-DTA123JM Datasheet
207Kb / 3P
   PNP Small Signal Transistor
logo
Rohm
BCX17 ROHM-BCX17 Datasheet
53Kb / 2P
   PNP small signal transistor
logo
General Semiconductor
MMBT2907A GE-MMBT2907A Datasheet
65Kb / 3P
   Small Signal Transistor (PNP)
logo
Motorola, Inc
MMBA813S2 MOTOROLA-MMBA813S2 Datasheet
26Kb / 1P
   SMALL-SIGNAL PNP TRANSISTOR
logo
Vaishali Semiconductor
MMBT2907A VAISH-MMBT2907A Datasheet
47Kb / 3P
   Small Signal Transistor (PNP)
MMBT4403 VAISH-MMBT4403 Datasheet
46Kb / 3P
   Small Signal Transistor (PNP)
logo
Vishay Siliconix
2N4126 VISHAY-2N4126 Datasheet
159Kb / 4P
   Small Signal Transistor (PNP)
07-May-02
logo
Transys Electronics
2N3906 TRSYS-2N3906 Datasheet
304Kb / 3P
   PNP SMALL SIGNAL TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com