Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1338I Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1338I
Description  5V Low Power RS232 5-Driver/3-Receiver Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1338I Datasheet(HTML) 5 Page - Linear Technology

  LTC1338I Datasheet HTML 1Page - Linear Technology LTC1338I Datasheet HTML 2Page - Linear Technology LTC1338I Datasheet HTML 3Page - Linear Technology LTC1338I Datasheet HTML 4Page - Linear Technology LTC1338I Datasheet HTML 5Page - Linear Technology LTC1338I Datasheet HTML 6Page - Linear Technology LTC1338I Datasheet HTML 7Page - Linear Technology LTC1338I Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LTC1338
PI FU CTIO S
DRIVER IN: RS232 Driver Input Pins. Inputs are TTL/
CMOS compatible. Inputs should not be allowed to float.
Tie unused inputs to VCC.
DRIVER OUT: Driver Outputs at RS232 Voltage Levels.
Outputs are in a high impedance state when in SHUT-
DOWN, RECEIVER ALIVE mode or VCC = 0V. The driver
outputs are protected against ESD to
±10kV for human
body model discharges.
RX IN: Receiver Inputs. These pins can be forced to
±25V
without damage. The receiver inputs are protected against
ESD to
±10kV for human body model discharges. Each
receiver provides 0.4V of hysteresis for noise immunity.
RX OUT: Receiver Outputs with TTL/CMOS Voltage Lev-
els. Outputs are in a high impedance state when in SHUT-
DOWN or RECEIVER DISABLE mode to allow data line
sharing.
Table 1. Functional Description
MODE
RX ENABLE
DR ENABLE
DRIVERS
RECEIVERS
ICC (µA)(TYP)
SHUTDOWN
0
0
All driver outputs are
All receiver outputs are
0.2
high impedance.
high impedance.
Receiver Disable
0
1
All drivers alive.
All receiver outputs are
500
high impedance.
RECEIVER ALIVE
1
0
All driver outputs are
All receivers alive.
50
high impedance.
Normal
1
1
All drivers alive.
All receivers alive.
500
TI E WAVEFOR
S
G
WITCHI
S
Figure 1. Driver Propagation Delay Timing
Figure 2. Receiver Propagation Delay Timing
1.4V
0V
VCC
0V
V+
V
0V
DRIVER
INPUT
DRIVER
OUTPUT
1.4V
t HLD
t LHD
LTC1338 • F01
0.8V
VCC
0V
2.4V
RX
INPUT
RX
OUTPUT
1.3V
t HLR
1.7V
t LHR
LTC1338 • F02
VCC
0V


Similar Part No. - LTC1338I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1338 LINER-LTC1338 Datasheet
208Kb / 8P
   5V Low Power RS232 5-Driver/3-Receiver Transceiver
LTC1338 LINER-LTC1338_15 Datasheet
208Kb / 8P
   5V Low Power RS232 5-Driver/3-Receiver Transceiver
More results

Similar Description - LTC1338I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1338 LINER-LTC1338_15 Datasheet
208Kb / 8P
   5V Low Power RS232 5-Driver/3-Receiver Transceiver
LTC1337 LINER-LTC1337 Datasheet
233Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver
LTC1337 LINER-LTC1337_15 Datasheet
133Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver
LTC1337 LINER-LTC1337_1 Datasheet
128Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver
LTC1348 LINER-LTC1348 Datasheet
243Kb / 8P
   3.3V/5V Low Power RS232 3-Driver/5-Receiver Transceiver
LTC1348 LINER-LTC1348_15 Datasheet
229Kb / 8P
   3.3V/5V Low Power RS232 3-Driver/5-Receiver Transceiver
LTC1347 LINER-LTC1347 Datasheet
221Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver with 5 Receivers Active in Shutdown
LTC1347 LINER-LTC1347_1 Datasheet
119Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver with 5 Receivers Active in Shutdown
LTC1347 LINER-LTC1347_15 Datasheet
125Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver with 5 Receivers Active in Shutdown
LTC1349 LINER-LTC1349 Datasheet
221Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver with 2 Receivers Active in SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com