Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA1675A Datasheet(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1675A
Description  SAW Filter 428 MHz 20MHz BW SMD 3.8횞3.8mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1675A Datasheet(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1675A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1675A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1675A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1675A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1675A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1675A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1675A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
FR-71S03-02
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail:
tstsales@mail.taisaw.com
Web:
www.taisaw.com
Product Specifications Approval Sheet
Product Name: SAW Filter 428MHz 20MHz BW SMD 3.8×3.8mm
TST Parts No.: TA1675A
Customer Parts No.:
Company:
Division:
Approved by :
Date:
Checked by:
Andy Yu
Approval by:
Bob Chau
Date:
2013/11/25
1. Customer signed back is required before TST can proceed with sample build and receive orders.
2. Orders received without customer signed back will be regarded as agreement on the specifications.
3. Any specifications changes must be approved upon by both parties and a new revision of specifications
shall be released to reflect the change.


Similar Part No. - TA1675A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA1675A GOLLEDGE-TA1675A Datasheet
319Kb / 6P
   SAW Filter 428.0MHz
More results

Similar Description - TA1675A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1676A TAI-SAW-TA1676A Datasheet
240Kb / 7P
   SAW Filter 445 MHz 20MHz BW SMD 3.8횞3.8mm
TA1634A TAI-SAW-TA1634A Datasheet
261Kb / 7P
   SAW Filter 443 MHz 20MHz BW SMD 3.8횞3.8mm
TA1421A TAI-SAW-TA1421A Datasheet
338Kb / 7P
   SAW Filter 452.5 MHz SMD 3.8횞3.8mm (BW=4.8MHz)
TA1635A TAI-SAW-TA1635A Datasheet
263Kb / 7P
   SAW Filter 427.5 MHz 15MHz BW SMD 3.8횞3.8mm
TA1636A TAI-SAW-TA1636A Datasheet
236Kb / 7P
   SAW Filter 412.5 MHz 19MHz BW SMD 3.8횞3.8mm
TA1636B TAI-SAW-TA1636B Datasheet
248Kb / 7P
   SAW Filter 412.5 MHz 19MHz BW SMD 3.8횞3.8mm
TB0754B TAI-SAW-TB0754B Datasheet
162Kb / 7P
   SAW Filter 104 MHz(BW=20MHz) SMD 13.3mmX6.5mm
TB0755A TAI-SAW-TB0755A Datasheet
358Kb / 7P
   SAW Filter 167.5 MHz(BW=20MHz) SMD 13.3mmX6.5mm
TB0754A TAI-SAW-TB0754A Datasheet
357Kb / 7P
   SAW Filter 104 MHz(BW=20MHz) SMD 13.3mmX6.5mm
TA1677A TAI-SAW-TA1677A Datasheet
387Kb / 7P
   SAW Filter 462 MHz 20MHz BW SMD 3.8x3.8mm
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com