Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2201 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2201
Description  16-Bit, 20Msps ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2201 Datasheet(HTML) 4 Page - Linear Technology

  LTC2201_15 Datasheet HTML 1Page - Linear Technology LTC2201_15 Datasheet HTML 2Page - Linear Technology LTC2201_15 Datasheet HTML 3Page - Linear Technology LTC2201_15 Datasheet HTML 4Page - Linear Technology LTC2201_15 Datasheet HTML 5Page - Linear Technology LTC2201_15 Datasheet HTML 6Page - Linear Technology LTC2201_15 Datasheet HTML 7Page - Linear Technology LTC2201_15 Datasheet HTML 8Page - Linear Technology LTC2201_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC2201
4
2201f
The
l denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. AIN = –1dBFS. (Note 4)
DYNAMIC ACCURACY
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SFDR
Spurious Free
Dynamic Range
2nd or 3rd Harmonic
1MHz Input (2.5V Range, PGA = 0)
1MHz Input (1.667V Range, PGA = 1)
100
100
dBc
dBc
5MHz Input (2.5V Range, PGA = 0)
5MHz Input (1.667V Range, PGA = 1)
l
85
100
100
dBc
dBc
12.5MHz Input (2.5V Range, PGA = 0)
12.5MHz Input (1.667V Range, PGA = 1)
95
100
dBc
dBc
30MHz Input (2.5V Range, PGA = 0)
30MHz Input (1.667V Range, PGA = 1)
90
95
dBc
dBc
70MHz Input (2.5V Range, PGA = 0)
70MHz Input (1.667V Range, PGA = 1)
85
90
dBc
dBc
SFDR
Spurious Free
Dynamic Range
4th Harmonic or Higher
1MHz Input (2.5V Range, PGA = 0)
1MHz Input (1.667V Range, PGA = 1)
100
100
dBc
dBc
5MHz Input (2.5V Range, PGA = 0)
5MHz Input (1.667V Range, PGA = 1)
l
90
100
100
dBc
dBc
12.5MHz Input (2.5V Range, PGA = 0)
12.5MHz Input (1.667V Range, PGA = 1)
100
100
dBc
dBc
30MHz Input (2.5V Range, PGA = 0)
30MHz Input (1.667V Range, PGA = 1)
100
100
dBc
dBc
70MHz Input (2.5V Range, PGA = 0)
70MHz Input (1.667V Range, PGA = 1)
90
90
dBc
dBc
S/(N+D)
Signal-to-Noise
Plus Distortion Ratio
1MHz Input (2.5V Range, PGA = 0)
1MHz Input (1.667V Range, PGA = 1)
81.5
79.3
dBFS
dBFS
5MHz Input (2.5V Range, PGA = 0)
5MHz Input (1.667V Range, PGA = 1)
l
79.7
81.5
79.3
dBFS
dBFS
12.5MHz Input (2.5V Range, PGA = 0)
12.5MHz Input (1.667V Range, PGA = 1)
81.3
79.2
dBFS
dBFS
30MHz Input (2.5V Range, PGA = 0)
30MHz Input (1.667V Range, PGA = 1)
80.6
78.6
dBFS
dBFS
70MHz Input (2.5V Range, PGA = 0)
70MHz Input (1.667V Range, PGA = 1)
78.1
77
dBFS
dBFS
SFDR
Spurious Free
Dynamic Range
at –25dBFS
Dither “OFF”
1MHz Input (2.5V Range, PGA = 0)
1MHz Input (1.667V Range, PGA = 1)
105
105
dBFS
dBFS
5MHz Input (2.5V Range, PGA = 0)
5MHz Input (1.667V Range, PGA = 1)
105
105
dBFS
dBFS
12.5MHz Input (2.5V Range, PGA = 0)
12.5MHz Input (1.667V Range, PGA = 1)
105
105
dBFS
dBFS
30MHz Input (2.5V Range, PGA = 0)
30MHz Input (1.667V Range, PGA = 1)
105
105
dBFS
dBFS
70MHz Input (2.5V Range, PGA = 0)
70MHz Input (1.667V Range, PGA = 1)
100
100
dBFS
dBFS


Similar Part No. - LTC2201_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2201 LINER-LTC2201 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
More results

Similar Description - LTC2201_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2201 LINER-LTC2201 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LTC2159 LINER-LTC2159 Datasheet
520Kb / 32P
   16-Bit, 20Msps Low Power ADC
LTC2269 LINER-LTC2269_15 Datasheet
762Kb / 32P
   16-Bit, 20Msps Low Noise ADC
LTC2159 LINER-LTC2159_15 Datasheet
525Kb / 32P
   16-Bit, 20Msps Low Power ADC
LTC2269 LINER-LTC2269 Datasheet
762Kb / 32P
   16-Bit, 20Msps Low Noise ADC
LTC2270 LINER-LTC2270 Datasheet
584Kb / 36P
   16-Bit, 20Msps Low Noise Dual ADC
LTC2270 LINER-LTC2270_15 Datasheet
584Kb / 36P
   16-Bit, 20Msps Low Noise Dual ADC
LTC2188 LINER-LTC2188_15 Datasheet
612Kb / 36P
   16-Bit, 20Msps Low Power Dual ADC
LTC2188 LINER-LTC2188 Datasheet
608Kb / 36P
   16-Bit, 20Msps Low Power Dual ADC
logo
Maxim Integrated Produc...
MAX1425 MAXIM-MAX1425 Datasheet
212Kb / 16P
   10-Bit, 20Msps ADC
19-1597; Rev 0; 1/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com