Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2057HV Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2057HV
Description  High Voltage, Low Noise Zero-Drift Operational Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2057HV Datasheet(HTML) 1 Page - Linear Technology

  LTC2057HV_15 Datasheet HTML 1Page - Linear Technology LTC2057HV_15 Datasheet HTML 2Page - Linear Technology LTC2057HV_15 Datasheet HTML 3Page - Linear Technology LTC2057HV_15 Datasheet HTML 4Page - Linear Technology LTC2057HV_15 Datasheet HTML 5Page - Linear Technology LTC2057HV_15 Datasheet HTML 6Page - Linear Technology LTC2057HV_15 Datasheet HTML 7Page - Linear Technology LTC2057HV_15 Datasheet HTML 8Page - Linear Technology LTC2057HV_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LTC2057/LTC2057HV
1
2057f
For more information www.linear.com/LTC2057
Typical applicaTion
FeaTures
DescripTion
High Voltage, Low Noise
Zero-Drift Operational Amplifier
The LTC®2057 is a high voltage, low noise, zero-drift op-
erational amplifier that offers precision DC performance
over a wide supply range of 4.75V to 36V or 4.75V to
60V for the LTC2057HV. Offset voltage and 1/f noise are
suppressed, allowing this amplifier to achieve a maximum
offset voltage of 4μV and a DC to 10Hz input noise volt-
age of 200nVP-P (typ). The LTC2057’s self-calibrating
circuitryresultsinlowoffsetvoltagedriftwithtemperature,
0.015μV/°C (max), and zero-drift over time. The amplifier
also features an excellent power supply rejection ratio
(PSRR) of 160dB and a common mode rejection ratio
(CMRR) of 150dB (typ).
The LTC2057 provides rail-to-rail output swing and an
input common mode range that includes the Vrail (V
0.1V to V+ – 1.5V). In addition to low offset and noise, this
amplifier features a 1.5MHz (typ) gain-bandwidth product
and a 0.45V/μs (typ) slew rate.
Wide supply range, combined with low noise, low offset,
and excellent PSRR and CMRR make the LTC2057 and
LTC2057HV well suited for high dynamic-range test,
measurement, and instrumentation systems.
L
, LT, LTC, LTM, Linear Technology, Over-The-Top, and the Linear logo are registered
trademarks of Linear Technology Corporation. All other trademarks are the property of their
respective owners.
Input Offset Voltage
vs Supply Voltage
applicaTions
n
Supply Voltage Range
n
4.75V to 36V (LTC2057)
n
4.75V to 60V (LTC2057HV)
n
Offset Voltage: 4μV (Maximum)
n
Offset Voltage Drift: 0.015μV/°C
(Maximum, –40°C to 125°C)
n
Input Noise Voltage
n
200nVP-P, DC to 10Hz (Typ)
n
11nV/√Hz, 1kHz (Typ)
n
Input Common Mode Range: V– 0.1V to V+ – 1.5V
n
Rail-to-Rail Output
n
Unity Gain Stable
n
Gain Bandwidth Product: 1.5MHz (Typ)
n
Slew Rate: 0.45V/μs (Typ)
n
AVOL: 150dB (Typ)
n
PSRR: 160dB (Typ)
n
CMRR: 150dB (Typ)
n
Shutdown Mode
n
High Resolution Data Acquisition
n
Reference Buffering
n
Test and Measurement
n
Electronic Scales
n
Thermocouple Amplifiers
n
Strain Gauges
n
Low-Side Current Sense
n
Automotive Monitors and Control
Wide Input Range Precision Gain-of-100 Instrumentation Amplifier
30V
–30V
–IN
+IN
30V
11.5k
11.5k
–30V
2057 TA01a
LTC2057HV
LTC2057HV
M9
M3
M1
INPUT CM RANGE = ±28V WITH 4V OF OUTPUT SWING
CMRR = 130dB (TYP), INPUT OFFSET VOLTAGE = 1µV (TYP)
+
+
8
9
10
P1
P3
P9
LT1991A
18V
–18V
REF
OUT
6
5
4
7
VOUT
VCC
VEE
232Ω
1
2
3
VS (V)
0
–5
–4
–3
–2
–1
0
1
5
3
4
2
10
20
30
40
50
5
15
25
35
45
55
65
60
2057 TA01b
5 TYPICAL UNITS
VCM = VS/2
TA = 25°C


Similar Part No. - LTC2057HV_15

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LTC2057HVHDD#PBF LINEAR_DIMENSIONS-LTC2057HVHDD#PBF Datasheet
4Mb / 32P
   High Voltage, Low Noise Zero-Drift Operational Amplifier
LTC2057HVHDD#TRPBF LINEAR_DIMENSIONS-LTC2057HVHDD#TRPBF Datasheet
4Mb / 32P
   High Voltage, Low Noise Zero-Drift Operational Amplifier
LTC2057HVHMS#PBF LINEAR_DIMENSIONS-LTC2057HVHMS#PBF Datasheet
4Mb / 32P
   High Voltage, Low Noise Zero-Drift Operational Amplifier
LTC2057HVHMS#TRPBF LINEAR_DIMENSIONS-LTC2057HVHMS#TRPBF Datasheet
4Mb / 32P
   High Voltage, Low Noise Zero-Drift Operational Amplifier
LTC2057HVHMS8#PBF LINEAR_DIMENSIONS-LTC2057HVHMS8#PBF Datasheet
4Mb / 32P
   High Voltage, Low Noise Zero-Drift Operational Amplifier
More results

Similar Description - LTC2057HV_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2057 LINER-LTC2057_15 Datasheet
1Mb / 32P
   High Voltage, Low Noise Zero-Drift Operational Amplifier
logo
Linear Dimensions Semic...
LTC2057 LINEAR_DIMENSIONS-LTC2057 Datasheet
4Mb / 32P
   High Voltage, Low Noise Zero-Drift Operational Amplifier
logo
Linear Technology
LTC2057 LINER-LTC2057 Datasheet
1Mb / 32P
   High Voltage, Low Noise Zero-Drift Operational Amplifier
logo
Analog Devices
LTC2058 AD-LTC2058 Datasheet
1Mb / 28P
   36V, Low Noise Zero-Drift Operational Amplifier
logo
Linear Technology
LTC1052 LINER-LTC1052_15 Datasheet
856Kb / 24P
   Zero-Drift Operational Amplifier
logo
Asahi Kasei Microsystem...
AK2970H AKM-AK2970H Datasheet
424Kb / 10P
   Zero Drift Operational Amplifier
logo
ON Semiconductor
NCS325 ONSEMI-NCS325_16 Datasheet
762Kb / 15P
   Zero-Drift Operational Amplifier
October, 2016 ??Rev. 3
NCS333A ONSEMI-NCS333A_18 Datasheet
931Kb / 27P
   Zero-Drift Operational Amplifier
June, 2018 ??Rev. 18
logo
Linear Technology
LTC1052 LINER-LTC1052_09 Datasheet
850Kb / 24P
   Zero-Drift Operational Amplifier
logo
ON Semiconductor
NCS325 ONSEMI-NCS325 Datasheet
717Kb / 10P
   Zero-Drift Operational Amplifier
June, 2014 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com