Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1750 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1750
Description  14-Bit, 80Msps Wide Bandwidth ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1750 Datasheet(HTML) 1 Page - Linear Technology

  LTC1750_15 Datasheet HTML 1Page - Linear Technology LTC1750_15 Datasheet HTML 2Page - Linear Technology LTC1750_15 Datasheet HTML 3Page - Linear Technology LTC1750_15 Datasheet HTML 4Page - Linear Technology LTC1750_15 Datasheet HTML 5Page - Linear Technology LTC1750_15 Datasheet HTML 6Page - Linear Technology LTC1750_15 Datasheet HTML 7Page - Linear Technology LTC1750_15 Datasheet HTML 8Page - Linear Technology LTC1750_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LTC1750
1750f
14-Bit, 80Msps
Wide Bandwidth ADC
s
Sample Rate: 80Msps
s
500MHz Full Power Bandwidth S/H
s
Direct IF Sampling Up to 500MHz
s
PGA Front End (2.25VP-P or 1.35VP-P Input Range)
s
75.5dB SNR and 90dB SFDR (PGA = 0)
s
73dB SNR and 90dB SFDR (PGA = 1)
s
No Missing Codes
s
Single 5V Supply
s
Power Dissipation: 1.45W
s
Two Pin Selectable Reference Values
s
Two’s Complement or Offset Binary Outputs
s
Out-of-Range Indicator
s
Data Ready Output Clock
s
Pin-for-Pin Family
s
48-Pin TSSOP Package
s
Telecommunications
s
Receivers
s
Cellular Base Stations
s
Spectrum Analysis
s
Imaging Systems
s
MRI
s
Tomography
, LTC and LT are registered trademarks of Linear Technology Corporation.
The LTC
®1750 is an 80Msps, 14-bit A/D converter de-
signed for digitizing wide dynamic range signals up to
frequencies of 500MHz. The input range of the ADC can be
optimized with the on-chip PGA sample-and-hold circuit
and flexible reference circuitry.
The LTC1750 has a highly linear sample-and-hold circuit
with a bandwidth of 500MHz. The SFDR is 82dB with an
input frequency of 250MHz. Ultralow jitter of 0.12psRMS
allows undersampling of IF frequencies with minimal
degradation in SNR. DC specs include
±3LSB INL and no
missing codes.
The digital interface is compatible with 5V, 3V, 2V and
LVDS logic systems. The ENC and ENC inputs may be
driven differentially from PECL, GTL and other low swing
logic families or from single-ended TTL or CMOS. The low
noise, high gain ENC and ENC inputs may also be driven
by a sinusoidal signal without degrading performance. A
separate output power supply can be operated from 0.5V
to 5V, making it easy to connect directly to any low voltage
DSPs or FIFOs.
The 48-pin TSSOP package with a flow-through pinout
simplifies the board layout.
80Msps, 14-Bit ADC with a 2.25V Differential Input Range
DESCRIPTIO
FEATURES
APPLICATIO S
BLOCK DIAGRA
OF
14-BIT
PIPELINED ADC
14
S/H
CIRCUIT
±1.125V
DIFFERENTIAL
ANALOG INPUT
AIN
+
PGA
AIN
SENSE
VCM
4.7
µF
DIFF AMP
REFLA
REFHB
GND
1750 BD
ENC
4.7
µF
1
µF1µF
0.1
µF
0.1
µF
REFHA
REFLB
BUFFER
RANGE
SELECT
2VREF
CORRECTION
LOGIC AND
SHIFT
REGISTER
OUTPUT
LATCHES
CONTROL LOGIC
OVDD
VDD
OGND
0.5V TO 5V
5V
0.1
µF
1
µF
1
µF
1
µF
D13
D0
CLKOUT
ENC
DIFFERENTIAL
ENCODE INPUT
MSBINV
0.1
µF


Similar Part No. - LTC1750_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1750CFW LINER-LTC1750CFW Datasheet
281Kb / 20P
   14-Bit, 80Msps Wide Bandwidth ADC
LTC1750IFW LINER-LTC1750IFW Datasheet
281Kb / 20P
   14-Bit, 80Msps Wide Bandwidth ADC
More results

Similar Description - LTC1750_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1750 LINER-LTC1750 Datasheet
281Kb / 20P
   14-Bit, 80Msps Wide Bandwidth ADC
LTC1749 LINER-LTC1749 Datasheet
282Kb / 20P
   12-Bit, 80Msps Wide Bandwidth ADC
LTC1749 LINER-LTC1749_15 Datasheet
287Kb / 20P
   12-Bit, 80Msps Wide Bandwidth ADC
LTC1748 LINER-LTC1748_15 Datasheet
534Kb / 20P
   14-Bit, 80Msps Low Noise ADC
LTC1748 LINER-LTC1748 Datasheet
533Kb / 20P
   14-Bit, 80Msps Low Noise ADC
LTC2249 LINER-LTC2249 Datasheet
464Kb / 20P
   14-Bit, 80Msps Low Power 3V ADC
LTM2173-14 LINER-LTM2173-14 Datasheet
411Kb / 28P
   14-Bit, 80Msps Low Power Quad ADC
logo
Maxim Integrated Produc...
MAX12558 MAXIM-MAX12558 Datasheet
469Kb / 30P
   Dual, 80Msps, 14-Bit, IF/Baseband ADC
2004
logo
Linear Technology
LTC2249 LINER-LTC2249_15 Datasheet
557Kb / 24P
   14-Bit, 80Msps Low Power 3V ADC
LTC2299 LINER-LTC2299 Datasheet
713Kb / 24P
   Dual 14-Bit, 80Msps Low Power 3V ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com