Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1747 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1747
Description  12-Bit, 80Msps Low Noise ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1747 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1747_15 Datasheet HTML 2Page - Linear Technology LTC1747_15 Datasheet HTML 3Page - Linear Technology LTC1747_15 Datasheet HTML 4Page - Linear Technology LTC1747_15 Datasheet HTML 5Page - Linear Technology LTC1747_15 Datasheet HTML 6Page - Linear Technology LTC1747_15 Datasheet HTML 7Page - Linear Technology LTC1747_15 Datasheet HTML 8Page - Linear Technology LTC1747_15 Datasheet HTML 9Page - Linear Technology LTC1747_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LTC1747
1747fa
TYPICAL PERFOR A CE CHARACTERISTICS
Averaged 8192 Point FFT,
20.2MHz Input, –1dB, 3.2V Range
Averaged 8192 Point FFT,
20.2MHz Input, –10dB, 3.2V Range
FREQUENCY (MHz)
0
–60
–30
–20
40
1747 G07
–70
–80
–120
10
20
30
5
15
25
35
–100
0
–10
–40
–50
–90
–110
TA = 25°C
FREQUENCY (MHz)
0
–60
–30
–20
40
1747 G08
–70
–80
–120
10
20
30
5
15
25
35
–100
0
–10
–40
–50
–90
–110
TA = 25°C
Averaged 8192 Point FFT,
20.2MHz Input, –20dB, 3.2V Range
FREQUENCY (MHz)
0
–60
–30
–20
40
1747 G09
–70
–80
–120
10
20
30
5
15
25
35
–100
0
–10
–40
–50
–90
–110
TA = 25°C
Averaged 8192 Point FFT,
50.2MHz Input, –1dB, 3.2V Range
Averaged 8192 Point FFT,
50.2MHz Input, –10dB, 3.2V Range
Averaged 8192 Point FFT,
50.2MHz Input, –20dB, 3.2V Range
FREQUENCY (MHz)
0
–60
–30
–20
40
1747 G10
–70
–80
–120
10
20
30
5
15
25
35
–100
0
–10
–40
–50
–90
–110
TA = 25°C
FREQUENCY (MHz)
0
–60
–30
–20
40
1747 G11
–70
–80
–120
10
20
30
5
15
25
35
–100
0
–10
–40
–50
–90
–110
TA = 25°C
FREQUENCY (MHz)
0
–60
–30
–20
40
1747 G12
–70
–80
–120
10
20
30
5
15
25
35
–100
0
–10
–40
–50
–90
–110
TA = 25°C
Averaged 8192 Point FFT,
70.2MHz Input, –1dB, 3.2V Range
Averaged 8192 Point FFT,
70.2MHz Input, –10dB, 3.2V Range
Averaged 8192 Point FFT,
70.2MHz Input, –20dB, 3.2V Range
FREQUENCY (MHz)
0
–60
–30
–20
40
1747 G13
–70
–80
–120
10
20
30
5
15
25
35
–100
0
–10
–40
–50
–90
–110
TA = 25°C
FREQUENCY (MHz)
0
–60
–30
–20
40
1747 G14
–70
–80
–120
10
20
30
5
15
25
35
–100
0
–10
–40
–50
–90
–110
TA = 25°C
FREQUENCY (MHz)
0
–60
–30
–20
40
1747 G15
–70
–80
–120
10
20
30
5
15
25
35
–100
0
–10
–40
–50
–90
–110
TA = 25°C


Similar Part No. - LTC1747_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1747CFW LINER-LTC1747CFW Datasheet
491Kb / 20P
   12-Bit, 80Msps Low Noise ADC
LTC1747IFW LINER-LTC1747IFW Datasheet
491Kb / 20P
   12-Bit, 80Msps Low Noise ADC
More results

Similar Description - LTC1747_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1747 LINER-LTC1747 Datasheet
491Kb / 20P
   12-Bit, 80Msps Low Noise ADC
LTC1748 LINER-LTC1748_15 Datasheet
534Kb / 20P
   14-Bit, 80Msps Low Noise ADC
LTC1748 LINER-LTC1748 Datasheet
533Kb / 20P
   14-Bit, 80Msps Low Noise ADC
LTC2239 LINER-LTC2239_15 Datasheet
564Kb / 24P
   10-Bit, 80Msps Low Noise 3V ADC
LTC2216 LINER-LTC2216 Datasheet
1Mb / 36P
   16-Bit, 80Msps/65Msps Low Noise ADC
LTC2215 LINER-LTC2215_15 Datasheet
1Mb / 36P
   16-Bit, 80Msps/65Msps Low Noise ADC
LTC2239 LINER-LTC2239 Datasheet
559Kb / 24P
   10-Bit, 80Msps Low Noise 3V ADC
LTC2229 LINER-LTC2229 Datasheet
552Kb / 24P
   12-Bit, 80Msps Low Power 3V ADC
LTC2216 LINER-LTC2216_15 Datasheet
1Mb / 36P
   16-Bit, 80Msps/65Msps Low Noise ADC
logo
Maxim Integrated Produc...
MAX1208 MAXIM-MAX1208 Datasheet
1Mb / 27P
   12-Bit, 80Msps, 3.3V ADC
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com