Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA1667A Datasheet(PDF) 7 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1667A
Description  SAW Filter 1268MHz BW 20MHz SMD 3.0x3.0mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1667A Datasheet(HTML) 7 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1667A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1667A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1667A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1667A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1667A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1667A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1667A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
7
TST DCC
Release document
20
40
60
80
100
120
140
160
180
200
220
240
260
280
Time (Sec)
G. PCB Footprint:
H. RECOMMENDED REFLOW PROFILE :


Similar Part No. - TA1667A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA1667A GOLLEDGE-TA1667A Datasheet
283Kb / 6P
   SAW Filter 1268.0MHz
More results

Similar Description - TA1667A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1654A TAI-SAW-TA1654A Datasheet
222Kb / 7P
   SAW Filter 1435MHz(BW 50MHz) SMD 3.0x3.0mm
TA1657A TAI-SAW-TA1657A Datasheet
251Kb / 7P
   SAW Filter 2332.5 MHz(BW 25MHz) SMD 3.0x3.0mm
TA2590A TAI-SAW-TA2590A Datasheet
478Kb / 8P
   840.8MHz 1.5MHz BW SMD 3.0X3.0mm RF SAW Filter
TA2497A TAI-SAW-TA2497A Datasheet
475Kb / 8P
   840.8MHz 1.3MHz BW SMD 3.0X3.0mm RF SAW Filter
TA0740B TAI-SAW-TA0740B Datasheet
363Kb / 6P
   SAW Filter 800MHz 20MHz BW SMD 3.0횞3.0mm
TB0574A TAI-SAW-TB0574A Datasheet
386Kb / 7P
   IF SAW Filter 153.6MHz(BW=20MHz) SMD 5.0X7.0mm
TB1165A TAI-SAW-TB1165A Datasheet
152Kb / 7P
   SAW Filter 343.4MHz 20MHz BW (SMD 5.0횞5.0 mm)
TB0788A TAI-SAW-TB0788A Datasheet
370Kb / 7P
   IF SAW Filter 256.36MHz(BW=20MHz) SMD 5X7mm
TB0754B TAI-SAW-TB0754B Datasheet
162Kb / 7P
   SAW Filter 104 MHz(BW=20MHz) SMD 13.3mmX6.5mm
TB1094A TAI-SAW-TB1094A Datasheet
155Kb / 8P
   SAW Filter 237.3MHz 20MHz BW (SMD 5.0횞5.0 mm)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com