Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA1650A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1650A
Description  SAW Filter 618.25 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1650A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1650A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1650A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1650A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1650A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1650A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1650A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1650A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 618.25 MHz
MODEL NO.:TA1650A
REV. NO.:1
A. MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. DC Voltage : 3 V
3. Operating Temperature: 0°C to +50°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Center frequency
Fc
MHz
-
618.25
-
Insertion Loss at Fc
FcIL
dB
-
2.4
3.5
Amplitude Ripple
(617~619.5 MHz)
dB
-
0.2
1.5
2 dB Bandwidth
BW2dB
MHz
2.5
8
-
Group Delay Ripple
(617~619.5 MHz)
ns
-
30
100
VSWR
(617~619.5 MHz)
-
-
1.3
2.0
Attenuation (Reference level from 0 dB)
DC ~ 609.5
MHz
dB
35
44
-
627.5 ~ 900 MHz
dB
15
43
-
900 ~ 1300 MHz
dB
40
48
-
1300 ~ 2000 MHz
dB
20
27
-
2000 ~ 2100 MHz
dB
15
23
-
2100 ~ 3000 MHz
dB
3
5
-
Temperature coefficient of frequency
ppm/k
-
-30
-
C. MEASUREMENT CIRCUIT:
RoHS Compliant
Lead free
Lead-free soldering
50Ω
HP Network analyzer
50Ω
SAW Filter
2
6
1,3,4 ,5,7 ,8


Similar Part No. - TA1650A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA1650A GOLLEDGE-TA1650A Datasheet
217Kb / 6P
   SAW Filter 618.250MHz
logo
Transko Electronics, In...
TA1650AM TRANSKO-TA1650AM Datasheet
436Kb / 4P
   Wireless, RF SAW Filter
Revision 0: September 2008
More results

Similar Description - TA1650A

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
TA1067A TAI-SAW-TA1067A Datasheet
430Kb / 8P
   SAW Filter 918 MHz
TA1069A TAI-SAW-TA1069A Datasheet
428Kb / 8P
   SAW Filter 1910 MHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com