Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA1632A Datasheet(PDF) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1632A
Description  SAW Filter 1457 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1632A Datasheet(HTML) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1632A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1632A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1632A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1632A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1632A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1632A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1632A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
6
TST DCC
Release document
G. PACKING:
1. REEL DIMENSION
2. TAPE DIMENSION
(Please refer to FR-75D10 for packing quantity)


Similar Part No. - TA1632A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1630A TAI-SAW-TA1630A Datasheet
378Kb / 7P
   SAW Filter 314.45 MHz
TA1631A TAI-SAW-TA1631A Datasheet
153Kb / 7P
   SAW Filter 480 MHz
logo
Golledge Electronics Lt...
TA1631A GOLLEDGE-TA1631A Datasheet
101Kb / 6P
   SAW Filter 480.0MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1633A TAI-SAW-TA1633A Datasheet
130Kb / 6P
   SAW Filter 460 MHz
logo
Golledge Electronics Lt...
TA1633A GOLLEDGE-TA1633A Datasheet
113Kb / 6P
   SAW Filter 460.0MHz
More results

Similar Description - TA1632A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1048A TAI-SAW-TA1048A Datasheet
381Kb / 7P
   SAW Filter 1457 MHz
TA2432A TAI-SAW-TA2432A Datasheet
739Kb / 7P
   SAW Filter 1457 MHz SMD 3.0횞3.0mm
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com