Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA1629A Datasheet(PDF) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1629A
Description  SAW Filter 2450 MHz 100MHz BW SMD 1.4x1.1 mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1629A Datasheet(HTML) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1629A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1629A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1629A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1629A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1629A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1629A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1629A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
6
TST DCC
Release document
F. FOOTPRINT:
G. PACKING:
1. REEL DIMENSION
(Please refer to FR-75D10 for packing quantity)


Similar Part No. - TA1629A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1629A TAI-SAW-TA1629A Datasheet
7Mb / 8P
   Your Best Partner For Frequency Devices
logo
Golledge Electronics Lt...
TA1629A GOLLEDGE-TA1629A Datasheet
508Kb / 6P
   SAW Filter 2450.0MHz
More results

Similar Description - TA1629A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1629C TAI-SAW-TA1629C Datasheet
588Kb / 7P
   SAW Filter 2450 MHz SMD 1.4x1.1 mm (BW=100 MHz)
TL0009A TAI-SAW-TL0009A Datasheet
225Kb / 7P
   LTCC Filter 2450 MHz SMD 2.0x1.25 mm (100MHz BW)
TL0009BA0094 TAI-SAW-TL0009BA0094 Datasheet
225Kb / 7P
   LTCC Filter 2450 MHz Size 2.0x1.25 mm (100MHz BW)
TA0714A TAI-SAW-TA0714A Datasheet
159Kb / 7P
   SAW Filter 1575.42MHz 2 MHz BW SMD 1.4X1.1 mm
TA1343D TAI-SAW-TA1343D Datasheet
307Kb / 8P
   SAW Filter 1583 MHz (BW 46.79MHz) SMD 1.4X1.1 mm
TA1775A TAI-SAW-TA1775A Datasheet
469Kb / 7P
   SAW Filter 403.5 MHz SMD 1.4X1.1 mm (BW=5 MHz)
TL0017B TAI-SAW-TL0017B Datasheet
552Kb / 7P
   2450 MHz BW 100MHz / 5500 MHz BW 700MHz SMD 1.6X0.8 mm (Multilayer Diplexer filter)
TA2711AA1325 TAI-SAW-TA2711AA1325 Datasheet
731Kb / 7P
   SAW Filter 875 MHz (BW 10MHz) SMD 1.4X1.1 mm
TA2630A TAI-SAW-TA2630A Datasheet
703Kb / 8P
   SAW Filter 1740 MHz (BW 60MHz) SMD 1.4X1.1 mm
TA2716AA1325 TAI-SAW-TA2716AA1325 Datasheet
476Kb / 7P
   SAW Filter 2355 MHz (BW 10MHz) SMD 1.4X1.1 mm
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com