Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1292 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1292
Description  Single Chip 12-Bit Data Acquisition Systems
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1292 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1292 Datasheet HTML 6Page - Linear Technology LTC1292 Datasheet HTML 7Page - Linear Technology LTC1292 Datasheet HTML 8Page - Linear Technology LTC1292 Datasheet HTML 9Page - Linear Technology LTC1292 Datasheet HTML 10Page - Linear Technology LTC1292 Datasheet HTML 11Page - Linear Technology LTC1292 Datasheet HTML 12Page - Linear Technology LTC1292 Datasheet HTML 13Page - Linear Technology LTC1292 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
LTC1292/LTC1297
the MPU. The data is right-justified in the two memory
locations (Figure 2). This was made possible by delaying
the falling edge of CS till after the second CLK. ANDing the
first byte with 0FHEX clears the four most significant bits.
This operation was not included in the code. It can be
inserted in the data gathering loop or outside the loop
when the data is processed.
S
APPLICATI
I FOR ATIO
LABEL MNEMONIC
OPERAND
COMMENTS
LDAA
#$50
CONFIGURATION DATA FOR SPCR
STAA
$1028
LOAD DATA INTO SPCR ($1028)
LDAA
#$1B
CONFIG. DATA FOR PORT D DDR
STAA
$1009
LOAD DATA INTO PORT D DDR
LDAA
#$00
LOAD DUMMY DIN WORD INTO
ACC A
STAA
$50
LOAD DUMMY DIN DATA INTO $50
LOOP
LDX
#$1000
LOAD INDEX REGISTER X WITH
$1000
LDAB
#$00
LOAD ACC B WITH $00
LDAA
$50
LOAD DUMMY DIN INTO ACC A
FROM $50
STAA
$102A
LOAD DUMMY DIN INTO SPI,
START SCK
NOP
DELAY CS FALL TIME TO RIGHT
JUSTIFY DATA
MC68HC11 CODE for LTC1292 Interface
STAB
$08, X
D0 GOES LOW (CS GOES LOW)
NOP
6 NOPS FOR TIMING
LDAA
$1029
CHECK SPI STATUS REG
LDAA
$102A
LOAD LTC1292 MSBs INTO ACC A
STAA
$61
STORE MSBs IN $61
STAA
$102A
LOAD DUMMY DIN INTO SPI,
START SCK
NOPS
6 NOPS FOR TIMING
BSET
$08,X,$01
D0 GOES HIGH (CS GOES HIGH)
LDAA
$1029
CHECK SPI STATUS REGISTER
LDAA
$102A
LOAD LTC1292 LSBs IN ACC
STAA
$62
STORE LSBs IN $62
JMP
LOOP
START NEXT CONVERSION
LABEL MNEMONIC
OPERAND
COMMENTS
BYTE 2
B3
B7
B6
B5
B4
B2
B0
B1
B10
B9
B8
B11
O
O
OO
BYTE 1
DOUT FROM LTC1292 STORED ON MC68HC11 RAM
LOCATION #61
LOCATION #62
MSB
LTC1292/7 F02
CLK
DOUT
LTC1292
CS
ANALOG
INPUTS
DO
SCK
MISO
MC68HC11
Figure 2. Hardware and Software Interface to Motorola MC68HC11 Microcontroller
Figure 3. Data Exchange Between LTC1297 and MC68HC11
For the LTC1297 (Figure 3) a delay must be introduced to
accommodate the setup time, tsuCS, before the dummy
DIN word is sent to the data register. The first 8-bit transfer
clocks B11 through B6 of the A/D conversion result into
the processor. The second 8-bit transfer clocks the re-
maining bits B5 through B0 into the MPU. Note B1 and B2
from the LSB-first data word have also been clocked in.
CLK
CS
DOUT
MPU
RECEIVED WORD
LTC1292/7 F03
B7
B6
B5
B4
B3
B2
B1
B0
B1
B8
B9
B10
B11
BYTE 2
B8
B7
B6
B9
B10
0
?
B11
1ST TRANSFER
2ND TRANSFER
BYTE 1
B0
B1
B2
B1
B2
B4
B5
B3
B2
B3


Similar Part No. - LTC1292

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1292BCJ8 LINER-LTC1292BCJ8 Datasheet
317Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1292BCN8 LINER-LTC1292BCN8 Datasheet
317Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1292BIN8 LINER-LTC1292BIN8 Datasheet
317Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1292CCJ8 LINER-LTC1292CCJ8 Datasheet
317Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1292CCN8 LINER-LTC1292CCN8 Datasheet
317Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
More results

Similar Description - LTC1292

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1297 LINER-LTC1297_15 Datasheet
322Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1292 LINER-LTC1292_15 Datasheet
322Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1292 LINER-LTC1292_1 Datasheet
317Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1290 LINER-LTC1290 Datasheet
381Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291 Datasheet
376Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293 Datasheet
494Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291_15 Datasheet
339Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1296 LINER-LTC1296_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1290CCJ LINER-LTC1290CCJ Datasheet
623Kb / 32P
   Single Chip 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com