Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1290 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1290
Description  Single Chip 12-Bit Data Acquisition System
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1290 Datasheet(HTML) 5 Page - Linear Technology

  LTC1290 Datasheet HTML 1Page - Linear Technology LTC1290 Datasheet HTML 2Page - Linear Technology LTC1290 Datasheet HTML 3Page - Linear Technology LTC1290 Datasheet HTML 4Page - Linear Technology LTC1290 Datasheet HTML 5Page - Linear Technology LTC1290 Datasheet HTML 6Page - Linear Technology LTC1290 Datasheet HTML 7Page - Linear Technology LTC1290 Datasheet HTML 8Page - Linear Technology LTC1290 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
LTC1290
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Change in Offset vs Temperature
Change in Linearity vs Reference
Voltage
REFERENCE VOLTAGE, VREF (V)
0
1.25
1.00
0.75
0.50
0.25
0
4
1290 • TPC04
1
2
3
5
VCC = 5V
Change in Gain vs Reference
Voltage
REFERENCE VOLTAGE, VREF (V)
1
–0.2
–0.1
0
5
1290 • TPC05
–0.3
–0.4
–0.5
2
3
4
VCC = 5V
AMBIENT TEMPERATURE, TA (°C)
–50
0.5
0.4
0.3
0.2
0.1
0
–10
30
50
130
1290 • TPC06
–30
10
70
90 110
ACLK = 4MHz
VCC = 5V
VREF = 5V
Change in Gain Error vs
Temperature
AMBIENT TEMPERATURE, TA (°C)
–50
0.5
0.4
0.3
0.2
0.1
0
–10
30
50
130
1290 • TPC08
–30
10
70
90 110
ACLK = 4MHz
VCC = 5V
VREF = 5V
Change in Linearity Error vs
Temperature
AMBIENT TEMPERATURE, TA (°C)
–50
0
0.1
0.3
0.4
0.5
–10
30
50
130
1290 • TPC07
0.2
–30
10
70
90 110
0.6
ACLK = 4MHz
VCC = 5V
VREF = 5V
Maximum Filter Resistor vs
Cycle Time
Maximum ACLK Frequency vs
Source Resistance
RSOURCE (Ω)
100
0
4
5
1k
10 k
100k
1290 • TPC09
3
2
1
VCC = 5V
VREF = 5V
TA = 25°C
+
INPUT
INPUT
VIN
RSOURCE–
* MAXIMUM ACLK FREQUENCY REPRESENTS THE ACLK
FREQUENCY AT WHICH A 0.1LSB SHIFT IN THE ERROR AT
ANY CODE TRANSITION FROM ITS 4MHz VALUE IS FIRST DETECTED.
CYCLE TIME, tCYC (µs)
10
100
1k
10k
10
1000
10000
1290 • TPC10
1.0
100
+
VIN
CFILTER ≥ 1µF
RFILTER
** MAXIMUM RFILTER REPRESENTS THE FILTER RESISTOR VALUE
AT WHICH A 0.1LSB CHANGE IN FULL-SCALE ERROR FROM
ITS VALUE AT RFILTER = 0 IS FIRST DETECTED.


Similar Part No. - LTC1290

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1290 LINER-LTC1290 Datasheet
623Kb / 32P
   Single Chip 12-Bit Data Acquisition System
logo
Linear Integrated Syste...
LTC1290 LINEAR-LTC1290 Datasheet
580Kb / 32P
   Single Chip 12-Bit Data Acquisition System
logo
Linear Technology
LTC1290BCN LINER-LTC1290BCN Datasheet
618Kb / 32P
   Single Chip 12-Bit Data Acquisition System
LTC1290BCN LINER-LTC1290BCN Datasheet
623Kb / 32P
   Single Chip 12-Bit Data Acquisition System
logo
Linear Integrated Syste...
LTC1290BCN LINEAR-LTC1290BCN Datasheet
580Kb / 32P
   Single Chip 12-Bit Data Acquisition System
More results

Similar Description - LTC1290

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1291 LINER-LTC1291 Datasheet
376Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293 Datasheet
494Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291_15 Datasheet
339Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1296 LINER-LTC1296_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1290CCJ LINER-LTC1290CCJ Datasheet
623Kb / 32P
   Single Chip 12-Bit Data Acquisition System
LTC1294BCSW LINER-LTC1294BCSW Datasheet
373Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1296CCSW LINER-LTC1296CCSW Datasheet
373Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1294 LINER-LTC1294_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291_1 Datasheet
333Kb / 20P
   Single Chip 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com