Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RLDG650-1-3 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # RLDG650-1-3
Description  red diode laser module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

RLDG650-1-3 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  RLDG650-1-3 Datasheet HTML 1Page - Roithner LaserTechnik GmbH RLDG650-1-3 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.roithner-laser.com
1
RLDG650-1-3
v 1.0 25.02.2015
Description
RLDG650 series of small size Diode Laser Modules has been designed with emphasis on superior
beam quality, and reliable operation. The modules body is made of black anodized aluminum,
enclosing laser diode, plastic lens, and driving electronics. The supply voltage is specified with 3 VDC.
Specifications
Parameter
Values
Min.
Typ.
Max.
Unit
Peak Wavelength
650
nm
Optical Output Power
1
mW
Laser Class
2
Operating Voltage
DC 3
V
Operating Current
50
mA
Control
APC
Focus
Fixed
Beam Character
Elliptical
Elliptic Proportion
1:1.7
Output Aperture
Ø2.5
mm
Divergence
0.8
mrad
Optic
plastic lens
Operating Temperature
-10
+40
°C
Storage Temperature
-40
+80
°C
Life Time
8000
hours
Material
black anodized aluminum
Electrical Connection
2 wires
Dimension (Dia. x W)
Ø7 x 14
mm
Weight
2
g


Similar Part No. - RLDG650-1-3

ManufacturerPart #DatasheetDescription
logo
RENCO ELECTRONICS, INC.
RLD-2220 RENCO-RLD-2220 Datasheet
1Mb / 3P
   PCB MOUNT TRANSFORMERS
RLD-2220-1.0 RENCO-RLD-2220-1.0 Datasheet
1Mb / 3P
   PCB MOUNT TRANSFORMERS
RLD-2220-1.2 RENCO-RLD-2220-1.2 Datasheet
1Mb / 3P
   PCB MOUNT TRANSFORMERS
RLD-2220-10 RENCO-RLD-2220-10 Datasheet
1Mb / 3P
   PCB MOUNT TRANSFORMERS
RLD-2220-10-1000 RENCO-RLD-2220-10-1000 Datasheet
1Mb / 3P
   PCB MOUNT TRANSFORMERS
More results

Similar Description - RLDG650-1-3

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
VLM650-03-LPA ROITHNER-VLM650-03-LPA Datasheet
106Kb / 2P
   Red diode laser module
VLM650-11-LPT ROITHNER-VLM650-11-LPT Datasheet
106Kb / 2P
   Red diode laser module
APCD-650-06-C2 ROITHNER-APCD-650-06-C2 Datasheet
133Kb / 2P
   Red diode laser module
APCD-650-02-C3 ROITHNER-APCD-650-02-C3 Datasheet
121Kb / 2P
   Red diode laser module
RLDH660-70-3 ROITHNER-RLDH660-70-3 Datasheet
339Kb / 2P
   red diode laser module
VLM650-11-LPA ROITHNER-VLM650-11-LPA Datasheet
106Kb / 2P
   Red diode laser module
APCD-650-01-C2 ROITHNER-APCD-650-01-C2 Datasheet
125Kb / 2P
   Red diode laser module
APCD-650-07-C3 ROITHNER-APCD-650-07-C3 Datasheet
132Kb / 2P
   Red diode laser module
VLM650-03-LPT ROITHNER-VLM650-03-LPT Datasheet
106Kb / 2P
   Red diode laser module
VLM650-06-LPA ROITHNER-VLM650-06-LPA Datasheet
103Kb / 2P
   Red diode laser module
VLM650-07-LPA ROITHNER-VLM650-07-LPA Datasheet
103Kb / 2P
   Red diode laser module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com